Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC451 Datasheet(PDF) 4 Page - Micross Components

Part # HMC451
Description  Point-to-Point Radios
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components

HMC451 Datasheet(HTML) 4 Page - Micross Components

  HMC451 Datasheet HTML 1Page - Micross Components HMC451 Datasheet HTML 2Page - Micross Components HMC451 Datasheet HTML 3Page - Micross Components HMC451 Datasheet HTML 4Page - Micross Components HMC451 Datasheet HTML 5Page - Micross Components HMC451 Datasheet HTML 6Page - Micross Components HMC451 Datasheet HTML 7Page - Micross Components HMC451 Datasheet HTML 8Page - Micross Components HMC451 Datasheet HTML 9Page - Micross Components  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 2 Elizabeth Drive, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
1
HMC451
v03.0913
GaAs pHEMT MMIC MEDIUM
pOWER AMpLIFIER, 5 - 20 GHz
Functional Diagram
Features
Typical Applications
General Description
The HMC451 is a general purpose GaAs PHEMT
MMIC Medium Power Amplifier which operates
between 5 and 20 GHz. The amplifier provides
22 dB of gain, +22 dBm of saturated power at 24%
PAE from a +5V supply. Consistent gain and output
power across the operating band make it possible to
use a common driver/LO amplifier approach in mul-
tiple radio bands. The HMC451 amplifier can easily
be integrated into Multi-Chip-Modules (MCMs) due
to its small (1.61mm2) size, single supply operation
and DC blocked I/Os. All data is tested with the chip
in a 50 Ohm test fixture connected via 0.025mm
(1 mil) diameter wire bonds of minimal length <0.31mm
(<12 mils).
Gain: 22 dB
Saturated Output Power: +22 dBm @ 24% PAE
Output IP3: +30 dBm
Single Positive Supply: +5V @ 127mA
50 Ohm Matched Input/Output
Small Size: 1.27 x 1.27 x 0.1 mm
Electrical Specifications, T
A = +25° C, Vdd1, Vdd2 = +5V
The HMC451 is ideal for use as a driver amplifier for:
• Point-to-Point Radios
• Point-to-Multi-Point Radios & VSAT
• Test Equipment & Sensors
• LO Driver for HMC Mixers
• Military & Space
Parameter
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
Units
Frequency Range
5 - 15
15 - 18
18 - 20
GHz
Gain
19
22
17
20
15
18
dB
Gain Variation Over Temperature
0.03
0.04
0.03
0.04
0.03
0.04
dB/ °C
Input Return Loss
14
11
8
dB
Output Return Loss
16
11
8
dB
Output Power for 1 dB
Compression (P1dB)
17
20
17
20
17
20
dBm
Saturated Output Power (Psat)
22
21
21
dBm
Output Third Order Intercept (IP3)
32
30
30
dBm
Noise Figure
7
6
6.5
dB
Supply Current (Idd)
127
150
127
150
127
150
mA


Similar Part No. - HMC451

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC451 HITTITE-HMC451 Datasheet
373Kb / 8P
   GaAs PHEMT MMIC MEDIUM POWER AMPLIFIER, 5.0 - 20.0 GHz
HMC451 HITTITE-HMC451 Datasheet
273Kb / 6P
   GaAs PHEMT MMIC MEDIUM POWER AMPLIFIER, 5 - 20 GHz
logo
Analog Devices
HMC451 AD-HMC451 Datasheet
299Kb / 6P
   GAAS PHEMT MMIC MEDIUM POWER AMPLIFIER
logo
Hittite Microwave Corpo...
HMC451LC3 HITTITE-HMC451LC3 Datasheet
341Kb / 6P
   GaAs PHEMT MMIC MEDIUM POWER AMPLIFIER, 5 - 20 GHz
HMC451LC3 HITTITE-HMC451LC3 Datasheet
240Kb / 6P
   GaAs PHEMT MMIC MEDIUM POWER AMPLIFIER, 5 - 20 GHz
More results

Similar Description - HMC451

ManufacturerPart #DatasheetDescription
logo
Analog Devices
HMC753 AD-HMC753 Datasheet
429Kb / 14P
   Point to point radios
HMC490 AD-HMC490 Datasheet
406Kb / 8P
   Point-to-Point Radios
HMC499LC4 AD-HMC499LC4 Datasheet
373Kb / 6P
   Point-to-Point Radios
logo
Micross Components
HMC383 MICROSS-HMC383 Datasheet
907Kb / 9P
   Point-to-Point Radios
logo
Analog Devices
HMC7229CHIPS AD-HMC7229CHIPS Datasheet
275Kb / 16P
   Point to point radios
HMC-ALH482 AD-HMC-ALH482 Datasheet
285Kb / 6P
   Point-to-Point Radios
HMC144LC4 AD-HMC144LC4 Datasheet
615Kb / 10P
   Point-to-Point Radios
HMC516LC5 AD-HMC516LC5 Datasheet
375Kb / 6P
   Point-to-Point Radios
HMC633LC4 AD-HMC633LC4 Datasheet
425Kb / 8P
   Point-to-Point Radios
logo
Micross Components
HMC392 MICROSS-HMC392 Datasheet
836Kb / 9P
   Point-to-Point Radios
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com