Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY10EP16UKGTR Datasheet(PDF) 7 Page - Micrel Semiconductor

Part # SY10EP16UKGTR
Description  2.5/3.3V Precision ECL Differential Receiver/Driver
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY10EP16UKGTR Datasheet(HTML) 7 Page - Micrel Semiconductor

Back Button SY10EP16UKGTR Datasheet HTML 3Page - Micrel Semiconductor SY10EP16UKGTR Datasheet HTML 4Page - Micrel Semiconductor SY10EP16UKGTR Datasheet HTML 5Page - Micrel Semiconductor SY10EP16UKGTR Datasheet HTML 6Page - Micrel Semiconductor SY10EP16UKGTR Datasheet HTML 7Page - Micrel Semiconductor SY10EP16UKGTR Datasheet HTML 8Page - Micrel Semiconductor SY10EP16UKGTR Datasheet HTML 9Page - Micrel Semiconductor SY10EP16UKGTR Datasheet HTML 10Page - Micrel Semiconductor SY10EP16UKGTR Datasheet HTML 11Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
Micrel, Inc.
SY10/100EP16U
December 2008
7
M9999-121808-A
hbwhelp@micrel.com or (408) 955-1690
100EP DC Electrical Characteristics
(20)
VCC = 0V, VEE = -3.63V to -2.375V; TA = –40°C to +85°C, unless otherwise stated.
(21)
-40°C
25°C
85°C
Symbol
Parameter
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Units
IEE
Power Supply Current
21
30
21
30
21
30
mA
VOH
Output HIGH Voltage
(22)
- 1145
- 1020
- 895
- 1145
- 1020
- 895
- 1145
- 1020
- 895
mV
VOL
Output LOW Voltage
(22)
- 1945
-1770
-1600
- 1945
-1770
-1600
- 1945
-1770
-1600
mV
VIH
Input HIGH Voltage
(Single-Ended)
-1165
-880
-1165
-880
-1165
-880
mV
VIL
Input LOW Voltage
(Single-Ended)
- 1945
-1600
- 1945
-1600
- 1945
-1600
mV
VBB
Output Voltage
Reference
(23)
-1525
-1425
- 1325
-1525
-1425
- 1325
-1525
-1425
- 1325
mV
VIHCMR
Input HIGH Voltage
Common Mode Range
(Differential
Configuration)
(24)
VEE +1.2
0
VEE +1.2
0
VEE +1.2
0
V
IIH
Input HIGH Current
150
150
150
µA
IIL
Input LOW Current
D
/D
0.5
-150
50
-150
50
-150
µA
Notes:
20. The circuit is designed to meet the DC specifications shown in the above table after thermal equilibrium has been established.
21. Input and output parameters vary 1:1 with VCC.
22. All loading with 50
Ω to V
CC–2.0V.
23. Single ended input CLK pin operation is limited to VCC ≤ -3.0V in NECL mode.
24. VIHCMR (min) varies 1:1 with VEE, VIHCMR (max) varies 1:1 with VCC. The VIHCMR range is referenced to the most positive side of the differential
input signal.


Similar Part No. - SY10EP16UKGTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY10EP16UKGTR MICREL-SY10EP16UKGTR Datasheet
524Kb / 15P
   2.5/3.3V Precision ECL Differential Receiver/Driver
More results

Similar Description - SY10EP16UKGTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY10EP16UMG MICREL-SY10EP16UMG Datasheet
524Kb / 15P
   2.5/3.3V Precision ECL Differential Receiver/Driver
SY100EP16U MICREL-SY100EP16U Datasheet
524Kb / 15P
   2.5/3.3V Precision ECL Differential Receiver/Driver
SY100EP16V MICREL-SY100EP16V Datasheet
514Kb / 12P
   3.3V/5V Precision ECL Differential Receiver/Driver
logo
ON Semiconductor
MC10LVEP16 ONSEMI-MC10LVEP16_06 Datasheet
167Kb / 12P
   2.5V / 3.3V ECL Differential Receiver/Driver
December, 2006 ??Rev. 10
MC10LVEP16 ONSEMI-MC10LVEP16 Datasheet
137Kb / 10P
   2.5V / 3.3V ECL Differential Receiver/Driver
February, 2005 ??Rev. 6
MC10EP16 ONSEMI-MC10EP16_06 Datasheet
165Kb / 11P
   3.3V / 5V ECL Differential Receiver/Driver
December, 2006 ??Rev. 5
MC100LVEL16 ONSEMI-MC100LVEL16_06 Datasheet
142Kb / 9P
   3.3V ECL Differential Receiver
December, 2006 ??Rev. 5
logo
Fairchild Semiconductor
100LVEL16 FAIRCHILD-100LVEL16 Datasheet
141Kb / 6P
   3.3V ECL Differential Receiver
logo
ON Semiconductor
MC100LVEL16 ONSEMI-MC100LVEL16_15 Datasheet
101Kb / 9P
   3.3V ECL Differential Receiver
July, 2015 ??Rev. 7
MC10EP17 ONSEMI-MC10EP17_06 Datasheet
179Kb / 11P
   3.3V / 5V ECL Quad Differential Driver/Receiver
December, 2006 ??Rev. 7
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com