Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY100EL11V Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # SY100EL11V
Description  5V/3.3V 1:2 Differential Fanout Buffer
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY100EL11V Datasheet(HTML) 1 Page - Micrel Semiconductor

  SY100EL11V Datasheet HTML 1Page - Micrel Semiconductor SY100EL11V Datasheet HTML 2Page - Micrel Semiconductor SY100EL11V Datasheet HTML 3Page - Micrel Semiconductor SY100EL11V Datasheet HTML 4Page - Micrel Semiconductor SY100EL11V Datasheet HTML 5Page - Micrel Semiconductor SY100EL11V Datasheet HTML 6Page - Micrel Semiconductor SY100EL11V Datasheet HTML 7Page - Micrel Semiconductor SY100EL11V Datasheet HTML 8Page - Micrel Semiconductor SY100EL11V Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
SY10/100EL11V
5V/3.3V 1:2 Differential Fanout Buffer
Revision 10.0
General Description
The SY10/100EL11V are 1:2 differential fanout gates.
These devices are functionally similar to the E111A/L
devices, with higher performance capabilities. Having
within-device
skews
and
output
transition
times
significantly improved over the E111A/L, the EL11V is
ideally suited for those applications which require the
ultimate in AC performance.
The differential inputs of the EL11V employ clamping
circuitry to maintain stability under open input conditions. If
the inputs are left open (pulled to VEE), the Q outputs will
go LOW.
Datasheets and support documentation are available on
Micrel’s web site at: www.micrel.com.
Precision Edge
Features
• 3.3V and 5V power supply options
• 265ps propagation delay
• 5ps skew between outputs
• High bandwidth output transitions
• Internal 75k
Ω input pull-down resistors
• Replaces SY10/100EL11
• Improved output waveform characteristics
• Available in 8-pin SOIC package
Pin Names
Pin
Function
D
Data Inputs
Q0, Q1
Data Outputs
Precision is a registered trademark of Micrel, Inc.
Micrel Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel +1 (408) 944-0800 • fax + 1 (408) 474-1000 • http://www.micrel.com
August 1, 2014
080114-10.0
tcghelp@micrel.com or (408) 955-1690


Similar Part No. - SY100EL11V

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY100EL11VZC MICREL-SY100EL11VZC Datasheet
52Kb / 5P
   5V/3.3V 1:2 DIFFERENTIAL FANOUT BUFFER
SY100EL11VZC MICREL-SY100EL11VZC Datasheet
59Kb / 5P
   5V/3.3V 1:2 DIFFERENTIAL FANOUT BUFFER
SY100EL11VZC MICREL-SY100EL11VZC Datasheet
247Kb / 8P
   1:2 DIFFERENTIAL FANOUT BUFFER
SY100EL11VZCTR MICREL-SY100EL11VZCTR Datasheet
52Kb / 5P
   5V/3.3V 1:2 DIFFERENTIAL FANOUT BUFFER
SY100EL11VZCTR MICREL-SY100EL11VZCTR Datasheet
59Kb / 5P
   5V/3.3V 1:2 DIFFERENTIAL FANOUT BUFFER
More results

Similar Description - SY100EL11V

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY10EL11V MICREL-SY10EL11V Datasheet
52Kb / 5P
   5V/3.3V 1:2 DIFFERENTIAL FANOUT BUFFER
SY10EL11 MICREL-SY10EL11 Datasheet
59Kb / 5P
   5V/3.3V 1:2 DIFFERENTIAL FANOUT BUFFER
logo
ON Semiconductor
MC10EP11 ONSEMI-MC10EP11_06 Datasheet
163Kb / 11P
   3.3V / 5V ECL 1:2 Differential Fanout Buffer
December, 2006 ??Rev. 8
MC10EP11 ONSEMI-MC10EP11 Datasheet
76Kb / 8P
   3.3V / 5V ECL 1:2 Differential Fanout Buffer
November, 2003 ??Rev. 6
logo
Fairchild Semiconductor
100EL11 FAIRCHILD-100EL11 Datasheet
130Kb / 5P
   5V ECL 1:2 Differential Fanout Buffer
logo
ON Semiconductor
MC100LVEL11 ONSEMI-MC100LVEL11_06 Datasheet
141Kb / 8P
   3.3V ECL 1:2 Differential Fanout Buffer
December, 2006 ??Rev. 8
logo
Fairchild Semiconductor
100LVEL11 FAIRCHILD-100LVEL11 Datasheet
131Kb / 6P
   3.3V ECL 1:2 Differential Fanout Buffer
logo
Micrel Semiconductor
SY89311U MICREL-SY89311U_06 Datasheet
474Kb / 6P
   2.5V/3.3V/5V 1:2 DIFFERENTIAL PECL/LVPECL/ECL FANOUT BUFFER
SY89311U MICREL-SY89311U_14 Datasheet
309Kb / 10P
   2.5V/3.3V/5V 1:2 DIFFERENTIAL PECL/LVPECL/ECL FANOUT BUFFER
SY89311U MICREL-SY89311U Datasheet
49Kb / 6P
   2.5V/3.3V/5V 1:2 DIFFERENTIAL PECL/LVPECL/ECL FANOUT BUFFER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com