Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY100EP16UMGTR Datasheet(PDF) 6 Page - Micrel Semiconductor

Part # SY100EP16UMGTR
Description  2.5/3.3V Precision ECL Differential Receiver/Driver
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY100EP16UMGTR Datasheet(HTML) 6 Page - Micrel Semiconductor

Back Button SY100EP16UMGTR Datasheet HTML 2Page - Micrel Semiconductor SY100EP16UMGTR Datasheet HTML 3Page - Micrel Semiconductor SY100EP16UMGTR Datasheet HTML 4Page - Micrel Semiconductor SY100EP16UMGTR Datasheet HTML 5Page - Micrel Semiconductor SY100EP16UMGTR Datasheet HTML 6Page - Micrel Semiconductor SY100EP16UMGTR Datasheet HTML 7Page - Micrel Semiconductor SY100EP16UMGTR Datasheet HTML 8Page - Micrel Semiconductor SY100EP16UMGTR Datasheet HTML 9Page - Micrel Semiconductor SY100EP16UMGTR Datasheet HTML 10Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
Micrel, Inc.
SY10/100EP16U
December 2008
6
M9999-121808-A
hbwhelp@micrel.com or (408) 955-1690
100EP DC Electrical Characteristics
(14)
VCC = 2.5V ±5%, VEE = 0V; TA = –40°C to +85°C, unless otherwise stated.
(15)
-40°C
25°C
85°C
Symbol
Parameter
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Units
IEE
Power Supply Current
21
30
21
30
21
30
mA
VOH
Output HIGH Voltage
(16)
1355
1480
1605
1355
1480
1605
1355
1480
1605
mV
VOL
Output LOW Voltage
(16)
555
730
900
555
730
900
555
730
900
mV
VIHCMR
Input HIGH Voltage
Common Mode Range
(Differential
Configuration)
(17, 18)
1.2
2.5
1.2
2.5
1.2
2.5
V
IIH
Input HIGH Current
150
150
150
µA
IIL
Input LOW Current
D
/D
0.5
-150
0.5
-150
0.5
-150
µA
100EP DC Electrical Characteristics
(14)
VCC = 3.3V ±10%, VEE = 0V; TA = –40°C to +85°C, unless otherwise stated.
(15)
-40°C
25°C
85°C
Symbol
Parameter
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Units
IEE
Power Supply Current
21
30
21
30
21
30
mA
VOH
Output HIGH Voltage
(16)
2155
2280
2405
2155
2280
2405
2155
2280
2405
mV
VOL
Output LOW Voltage
(16)
1355
1530
1700
1355
1530
1700
1355
1530
1700
mV
VIH
Input HIGH Voltage
(Single-Ended)
2135
2420
2135
2420
2135
2420
mV
VIL
Input LOW Voltage
(Single-Ended)
1355
1700
1355
1700
1355
1700
mV
VBB
Output Voltage
Reference
(19)
1775
1875
1975
1775
1875
1975
1775
1875
1975
mV
VIHCMR
Input HIGH Voltage
Common Mode Range
(Differential
Configuration)
(18)
1.2
3.3
1.2
3.3
1.2
3.3
V
IIH
Input HIGH Current
150
150
150
µA
IIL
Input LOW Current
D
/D
0.5
-150
0.5
-150
0.5
-150
µA
Notes:
14. The circuit is designed to meet the DC specifications shown in the above table after thermal equilibrium has been established.
15. Input and output parameters vary 1:1 with VCC.
16. All loading with 50
Ω to V
CC–2.0V.
17. Do not use VBB at VCC < 3.0. Single ended input CLK pin operation is limited to VCC ≥ 3.0V in PECL mode.
18. VIHCMR (min) varies 1:1 with VEE, VIHCMR (max) varies 1:1 with VCC. The VIHCMR range is referenced to the most positive side of the differential
input signal.
19. Single ended input CLK pin operation is limited to VCC ≥ 3.0V in PECL mode.


Similar Part No. - SY100EP16UMGTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY100EP16UMGTR MICREL-SY100EP16UMGTR Datasheet
562Kb / 15P
   2.5/3.3V Precision ECL Differential Receiver/Driver
More results

Similar Description - SY100EP16UMGTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY100EP16U MICREL-SY100EP16U Datasheet
524Kb / 15P
   2.5/3.3V Precision ECL Differential Receiver/Driver
SY10EP16U MICREL-SY10EP16U Datasheet
562Kb / 15P
   2.5/3.3V Precision ECL Differential Receiver/Driver
SY100EP16V MICREL-SY100EP16V Datasheet
514Kb / 12P
   3.3V/5V Precision ECL Differential Receiver/Driver
logo
ON Semiconductor
MC10LVEP16 ONSEMI-MC10LVEP16_06 Datasheet
167Kb / 12P
   2.5V / 3.3V ECL Differential Receiver/Driver
December, 2006 ??Rev. 10
MC10LVEP16 ONSEMI-MC10LVEP16 Datasheet
137Kb / 10P
   2.5V / 3.3V ECL Differential Receiver/Driver
February, 2005 ??Rev. 6
MC10EP16 ONSEMI-MC10EP16_06 Datasheet
165Kb / 11P
   3.3V / 5V ECL Differential Receiver/Driver
December, 2006 ??Rev. 5
MC100LVEL16 ONSEMI-MC100LVEL16_06 Datasheet
142Kb / 9P
   3.3V ECL Differential Receiver
December, 2006 ??Rev. 5
logo
Fairchild Semiconductor
100LVEL16 FAIRCHILD-100LVEL16 Datasheet
141Kb / 6P
   3.3V ECL Differential Receiver
logo
ON Semiconductor
MC100LVEL16 ONSEMI-MC100LVEL16_15 Datasheet
101Kb / 9P
   3.3V ECL Differential Receiver
July, 2015 ??Rev. 7
MC10EP17 ONSEMI-MC10EP17_06 Datasheet
179Kb / 11P
   3.3V / 5V ECL Quad Differential Driver/Receiver
December, 2006 ??Rev. 7
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com