Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PL904XXX Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # PL904XXX
Description  a small form-factor, high performance, programmable device
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

PL904XXX Datasheet(HTML) 3 Page - Micrel Semiconductor

  PL904XXX Datasheet HTML 1Page - Micrel Semiconductor PL904XXX Datasheet HTML 2Page - Micrel Semiconductor PL904XXX Datasheet HTML 3Page - Micrel Semiconductor PL904XXX Datasheet HTML 4Page - Micrel Semiconductor PL904XXX Datasheet HTML 5Page - Micrel Semiconductor PL904XXX Datasheet HTML 6Page - Micrel Semiconductor PL904XXX Datasheet HTML 7Page - Micrel Semiconductor PL904XXX Datasheet HTML 8Page - Micrel Semiconductor PL904XXX Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
Micrel, Inc.
PL904xxx
September 11, 2015
3
Revision 1.0
tcghelp@micrel.com or (408) 955-1690
Pin Description
Pin Number
Pin Name
Pin Type
Pin Level
Pin Function
18, 19
22, 23
OUTB, /OUTB
OUTA, /OUTA
O
Various
Clock outputs.
Can be programmed to one of the following logic types:
(1)
LVPECL, LVDS, HCSL, or LVCMOS.
26, 27
REFIN, /REFIN
I
Various
Reference clock input.
Can be programmed to either differential or single-ended use.
20
16
OE_A
OE_B
I
CMOS
Output Enable, Outputs disable to tri-state,
0 = Disabled, 1 = Enabled, on-ch
ip 75kΩ pull-up
1, 2, 5, 8, 25
VDD
PWR
Core power supply.
28
VDDI
PWR
Input circuit power supply, +3.3V only.
24
VDDA
PWR
Analog circuit power supply.
21
17
VDDOA
VDDOB
PWR
Output buffers power supply.
EPAD
VSS
PWR
Power supply ground and thermal relief.
(2)
11
GND
I
This pin is not power supply ground, but must be tied to VSS
for proper operation.
3, 4, 6, 7, 9, 10,
12, 13, 14, 15,
29, 30, 31, 32
DNC
Internally connected. Do not connect anything to these pins.
Note:
1.
In case of LVCMOS, only the true output pin is enabled. The complementary output pin is disabled to a high impedance.
2.
Exposed package pad is electrically active and must be connected to ground.


Similar Part No. - PL904XXX

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
PL902150USY MICREL-PL902150USY Datasheet
606Kb / 1P
   Programmable Jitter Filter
PL902150USYTR MICREL-PL902150USYTR Datasheet
606Kb / 1P
   Programmable Jitter Filter
PL902XXX MICREL-PL902XXX Datasheet
482Kb / 10P
   Lowest power and smallest programmable jitter attenuator
logo
Microchip Technology
PL902XXXUSY MICROCHIP-PL902XXXUSY Datasheet
2Mb / 36P
   Gigabit Ethernet Switch Evaluation Board
11/07/16
logo
Micrel Semiconductor
PL902xxxUSYTR MICREL-PL902xxxUSYTR Datasheet
482Kb / 10P
   Lowest power and smallest programmable jitter attenuator
More results

Similar Description - PL904XXX

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
DP1205C433 SEMTECH-DP1205C433 Datasheet
317Kb / 13P
   Combine Small Form Factor with High Performance
logo
Laird Tech Smart Techno...
SAH58-WB LSTD-SAH58-WB Datasheet
542Kb / 1P
   High-gain in a small form factor
logo
TE Connectivity Ltd
408-32215 TEC-408-32215 Datasheet
277Kb / 4P
   Small Form-Factor Pluggable
logo
Dialog Semiconductor
SLG7NT4741 DIALOG-SLG7NT4741 Datasheet
270Kb / 10P
   Small Form Factor CRB
logo
Adam Technologies, Inc.
SFC-1-LP ADAM-TECH-SFC-1-LP Datasheet
85Kb / 1P
   SMALL FORM FACTOR CAGE
logo
TE Connectivity Ltd
408-32208 TEC-408-32208 Datasheet
407Kb / 4P
   Small Form-Factor Pluggable
408-32209 TEC-408-32209 Datasheet
388Kb / 4P
   Small Form-Factor Pluggable
logo
Renesas Technology Corp
SLG7NT4741V RENESAS-SLG7NT4741V Datasheet
573Kb / 10P
   Small Form Factor CRB
February 25, 2022
logo
TE Connectivity Ltd
408-32217 TEC-408-32217 Datasheet
319Kb / 4P
   Small Form-Factor Pluggable
408-32165 TEC-408-32165 Datasheet
286Kb / 4P
   Small Form-Factor Pluggable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com