Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY10EL11V Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # SY10EL11V
Description  5V/3.3V 1:2 Differential Fanout Buffer
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY10EL11V Datasheet(HTML) 2 Page - Micrel Semiconductor

  SY10EL11V_14 Datasheet HTML 1Page - Micrel Semiconductor SY10EL11V_14 Datasheet HTML 2Page - Micrel Semiconductor SY10EL11V_14 Datasheet HTML 3Page - Micrel Semiconductor SY10EL11V_14 Datasheet HTML 4Page - Micrel Semiconductor SY10EL11V_14 Datasheet HTML 5Page - Micrel Semiconductor SY10EL11V_14 Datasheet HTML 6Page - Micrel Semiconductor SY10EL11V_14 Datasheet HTML 7Page - Micrel Semiconductor SY10EL11V_14 Datasheet HTML 8Page - Micrel Semiconductor SY10EL11V_14 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Micrel, Inc.
SY10/100EL11V
Ordering Information
(1)
Part Number
Package Type
Operating Range
Package Marking
Lead Finish
SY10EL11VZG
Z8-1
Industrial
HEL11V with Pb-Free bar-line
indicator
Pb-Free
NiPdAu
SY10EL11VZG TR
(2)
Z8-1
Industrial
HEL11V with Pb-Free bar-line
indicator
Pb-Free
NiPdAu
SY100EL11V
Z8-1
Industrial
XEL11V with Pb-Free bar-line
indicator
Pb-Free
NiPdAu
SY100EL11VZG TR
(2)
Z8-1
Industrial
XEL11V with Pb-Free bar-line
indicator
Pb-Free
NiPdAu
Note:
1.
Contact factory for die availability. Dice are guaranteed at TA = 25°C, DC Electricals only.
2.
Tape and Reel.
Pin Configuration
8-Pin SOIC (Z8-1)
August 1, 2014
2
080114-10.0
tcghelp@micrel.com or (408) 955-1690


Similar Part No. - SY10EL11V_14

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY10EL11V MICREL-SY10EL11V_10 Datasheet
247Kb / 8P
   1:2 DIFFERENTIAL FANOUT BUFFER
More results

Similar Description - SY10EL11V_14

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY10EL11V MICREL-SY10EL11V Datasheet
52Kb / 5P
   5V/3.3V 1:2 DIFFERENTIAL FANOUT BUFFER
SY10EL11 MICREL-SY10EL11 Datasheet
59Kb / 5P
   5V/3.3V 1:2 DIFFERENTIAL FANOUT BUFFER
logo
ON Semiconductor
MC10EP11 ONSEMI-MC10EP11_06 Datasheet
163Kb / 11P
   3.3V / 5V ECL 1:2 Differential Fanout Buffer
December, 2006 ??Rev. 8
MC10EP11 ONSEMI-MC10EP11 Datasheet
76Kb / 8P
   3.3V / 5V ECL 1:2 Differential Fanout Buffer
November, 2003 ??Rev. 6
logo
Fairchild Semiconductor
100EL11 FAIRCHILD-100EL11 Datasheet
130Kb / 5P
   5V ECL 1:2 Differential Fanout Buffer
logo
ON Semiconductor
MC100LVEL11 ONSEMI-MC100LVEL11_06 Datasheet
141Kb / 8P
   3.3V ECL 1:2 Differential Fanout Buffer
December, 2006 ??Rev. 8
logo
Fairchild Semiconductor
100LVEL11 FAIRCHILD-100LVEL11 Datasheet
131Kb / 6P
   3.3V ECL 1:2 Differential Fanout Buffer
logo
Micrel Semiconductor
SY89311U MICREL-SY89311U_06 Datasheet
474Kb / 6P
   2.5V/3.3V/5V 1:2 DIFFERENTIAL PECL/LVPECL/ECL FANOUT BUFFER
SY89311U MICREL-SY89311U_14 Datasheet
309Kb / 10P
   2.5V/3.3V/5V 1:2 DIFFERENTIAL PECL/LVPECL/ECL FANOUT BUFFER
SY89311U MICREL-SY89311U Datasheet
49Kb / 6P
   2.5V/3.3V/5V 1:2 DIFFERENTIAL PECL/LVPECL/ECL FANOUT BUFFER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com