Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY100EL14V Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # SY100EL14V
Description  5V/3.3V 1:5 Clock Distribution
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY100EL14V Datasheet(HTML) 2 Page - Micrel Semiconductor

  SY100EL14V Datasheet HTML 1Page - Micrel Semiconductor SY100EL14V Datasheet HTML 2Page - Micrel Semiconductor SY100EL14V Datasheet HTML 3Page - Micrel Semiconductor SY100EL14V Datasheet HTML 4Page - Micrel Semiconductor SY100EL14V Datasheet HTML 5Page - Micrel Semiconductor SY100EL14V Datasheet HTML 6Page - Micrel Semiconductor SY100EL14V Datasheet HTML 7Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Micrel, Inc.
SY100EL14V
October 16, 2014
2
Revision 5.0
tcghelp@micrel.com or (408) 955-1690
Ordering Information
(1)
Part Number
Package Type
Operating Range
Package Marking
Lead Finish
SY100EL14VZG
Z20-1
Industrial
SY100EL14VZG with
Pb-Free bar-line indicator
Pb-Free
NiPdAu
SY100EL14VZG TR
(2)
Z20-1
Industrial
SY100EL14VZG with
Pb-Free bar-line indicator
Pb-Free
NiPdAu
Note:
1.
Contact factory for die availability. Dice are guaranteed at TA = 25°C, DC electricals only.
2.
Tape and Reel.
Pin Configuration
20-Pin Narrow SOIC
(Top View)
Pin Description
Pin
Function
CLK
Differential clock inputs
SCLK
Scan clock input
/EN
Synchronous enable
SEL
Clock select input
VBB
Reference output
Q0 – Q4
Differential clock outputs
Truth Table
CLK
SCLK
SEL
/EN
Q
L
X
L
L
L
H
X
L
L
H
X
L
H
L
L
X
H
H
L
H
X
X
X
H
L
(3)
Note:
3.
On next negative transition of CLK or SCLK


Similar Part No. - SY100EL14V

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY100EL14V MICREL-SY100EL14V Datasheet
67Kb / 4P
   5V/3.3V 1:5 CLOCK DISTRIBUTION
SY100EL14V MICREL-SY100EL14V Datasheet
61Kb / 5P
   5V/3.3V 1:5 CLOCK DISTRIBUTION
SY100EL14VZC MICREL-SY100EL14VZC Datasheet
67Kb / 4P
   5V/3.3V 1:5 CLOCK DISTRIBUTION
SY100EL14VZC MICREL-SY100EL14VZC Datasheet
61Kb / 5P
   5V/3.3V 1:5 CLOCK DISTRIBUTION
SY100EL14VZCTR MICREL-SY100EL14VZCTR Datasheet
67Kb / 4P
   5V/3.3V 1:5 CLOCK DISTRIBUTION
More results

Similar Description - SY100EL14V

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY100EL14V MICREL-SY100EL14V Datasheet
67Kb / 4P
   5V/3.3V 1:5 CLOCK DISTRIBUTION
SY100EL14V MICREL-SY100EL14V_06 Datasheet
61Kb / 5P
   5V/3.3V 1:5 CLOCK DISTRIBUTION
logo
ON Semiconductor
MC100EL14 ONSEMI-MC100EL14_06 Datasheet
122Kb / 8P
   5V ECL 1:5 Clock Distribution Chip
October, 2006 ??Rev. 7
MC100LVEL14 ONSEMI-MC100LVEL14_06 Datasheet
127Kb / 6P
   3.3V ECL 1:5 Clock Distribution Chip
November, 2006 ??Rev. 8
logo
Micrel Semiconductor
SY100EL15L MICREL-SY100EL15L_06 Datasheet
60Kb / 5P
   3.3V 1:4 CLOCK DISTRIBUTION
SY100EL15L MICREL-SY100EL15L Datasheet
53Kb / 4P
   3.3V 1:4 CLOCK DISTRIBUTION
logo
Pericom Semiconductor C...
PI90LV14 PERICOM-PI90LV14 Datasheet
121Kb / 6P
   1:5 Clock Distribution
logo
Semtech Corporation
SK10EL14WD SEMTECH-SK10EL14WD Datasheet
93Kb / 4P
   1:5 Clock DISTRIBUTION CHIP
logo
ON Semiconductor
MC100LVEL14 ONSEMI-MC100LVEL14 Datasheet
100Kb / 4P
   1:5 Clock Distribution Chip
1996 REV 1
MC10EL15 ONSEMI-MC10EL15_05 Datasheet
147Kb / 8P
   5V ECL 1:4 Clock Distribution Chip
August, 2005 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com