Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY58038UMY Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # SY58038UMY
Description  Ultra-Precision, 8:1 MUX with Internal Termination and 1:2 LVPECL Fanout Buffer
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY58038UMY Datasheet(HTML) 1 Page - Micrel Semiconductor

  SY58038UMY Datasheet HTML 1Page - Micrel Semiconductor SY58038UMY Datasheet HTML 2Page - Micrel Semiconductor SY58038UMY Datasheet HTML 3Page - Micrel Semiconductor SY58038UMY Datasheet HTML 4Page - Micrel Semiconductor SY58038UMY Datasheet HTML 5Page - Micrel Semiconductor SY58038UMY Datasheet HTML 6Page - Micrel Semiconductor SY58038UMY Datasheet HTML 7Page - Micrel Semiconductor SY58038UMY Datasheet HTML 8Page - Micrel Semiconductor SY58038UMY Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
SY58038U
Ultra-Precision, 8:1 MUX with Internal
Termination and 1:2 LVPECL Fanout Buffer
Precision Edge
®
Precision Edge is a registered trademark of Micrel, Inc.
Micrel Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel +1 (408) 944-0800 • fax + 1 (408) 474-1000 • http://www.micrel.com
March 26, 2015
Revision 3.0
hbwhelp@micrel.com or (408) 955-1690
General Description
The SY58038U is a low-jitter, low-skew, high-speed 8:1
multiplexer with a 1:2 differential fanout buffer optimized
for precision telecom and enterprise server distribution
applications. The SY58038U distributes clock frequencies
from DC to 3.5GHz, and data rates to 4.5Gpbs guaranteed
over temperature and voltage.
The SY58038U differential input includes Micrel’s unique,
3-pin input termination architecture that directly interfaces
to any differential signal (AC- or DC-coupled) as small as
100mV without any level shifting or termination resistor
networks in the signal path. The outputs are 800mV, 100K
compatible LVPECL with extremely fast rise/fall times
guaranteed to be less than 100ps.
The SY58038U features a patented isolation design that
significantly
improves
channel-to-channel
crosstalk
performance.
The SY58038U operates from a 2.5V ±5% or 3.3V ±10%
supply
and
is
guaranteed
over
the
full
industrial
temperature range of –40°C to +85°C. The SY58038U is
part of Micrel’s high-speed, Precision Edge
® product line.
Datasheets and support documentation are available on
Micrel’s web site at: www.micrel.com.
Precision Edge
®
Features
• Selects between 1 of 8 inputs, and provides two precise,
low-skew LVPECL output copies
• Ultra-low jitter design:
− 72fs
rms phase jitter (typical)
• Guaranteed AC performance over temperature and
voltage:
− DC to 4.5Gbps throughput
− <500ps propagation delay IN-to-Q (V
IN > 100mV)
− <100ps t
r / tf time
− <15ps skew (output-to-output)
• Unique, patented, channel-to-channel isolation design
provides superior crosstalk performance
• Unique, patented, input termination and V
T pin accepts
DC- and AC-coupled inputs
(CML, PECL, LVDS)
• 800mV LVPECL output swing
• Power supply 2.5V ±5% or 3.3V ±10%
• –40°C to +85°C temperature range
• Available in 44-pin (7mm × 7mm) QFN package
Applications
• Data communication systems
• All SONET/SDH data/clock applications
• All Fibre Channel applications
• All Gigabit Ethernet applications


Similar Part No. - SY58038UMY

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY58038UMG MICREL-SY58038UMG Datasheet
299Kb / 12P
   ULTRA PRECISION 8:1 MUX WITH INTERNAL TERMINATION AND 1:2 LVPECL FANOUT BUFFER
SY58038UMG MICREL-SY58038UMG Datasheet
237Kb / 12P
   ULTRA PRECISION 8:1 MUX WITH INTERNAL TERMINATION AND 1:2 LVPECL FANOUT BUFFER
SY58038UMG3 MICREL-SY58038UMG3 Datasheet
299Kb / 12P
   ULTRA PRECISION 8:1 MUX WITH INTERNAL TERMINATION AND 1:2 LVPECL FANOUT BUFFER
SY58038UMGTR MICREL-SY58038UMGTR Datasheet
299Kb / 12P
   ULTRA PRECISION 8:1 MUX WITH INTERNAL TERMINATION AND 1:2 LVPECL FANOUT BUFFER
SY58038UMGTR MICREL-SY58038UMGTR Datasheet
237Kb / 12P
   ULTRA PRECISION 8:1 MUX WITH INTERNAL TERMINATION AND 1:2 LVPECL FANOUT BUFFER
More results

Similar Description - SY58038UMY

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY58038U MICREL-SY58038U_07 Datasheet
237Kb / 12P
   ULTRA PRECISION 8:1 MUX WITH INTERNAL TERMINATION AND 1:2 LVPECL FANOUT BUFFER
SY58038U MICREL-SY58038U Datasheet
299Kb / 12P
   ULTRA PRECISION 8:1 MUX WITH INTERNAL TERMINATION AND 1:2 LVPECL FANOUT BUFFER
SY58039U MICREL-SY58039U Datasheet
183Kb / 12P
   ULTRA PRECISION 8:1 MUX WITH INTERNAL TERMINATION AND 1:2 400mV LVPECL FANOUT BUFFER
SY89859U MICREL-SY89859U Datasheet
540Kb / 13P
   Precision Low-Power 8:1 MUX with Internal Termination and 1:2 LVPECL Fanout Buffer
SY58037U MICREL-SY58037U_08 Datasheet
205Kb / 11P
   ULTRA PRECISION 8:1 MUX WITH INTERNAL TERMINATION AND 1:2 CML FANOUT BUFFER
SY58037U MICREL-SY58037U Datasheet
172Kb / 11P
   ULTRA PRECISION 8:1 MUX WITH INTERNAL TERMINATION AND 1:2 CML FANOUT BUFFER
SY58029U MICREL-SY58029U_07 Datasheet
201Kb / 11P
   ULTRA PRECISION DIFFERENTIAL LVPECL 4:1 MUX with 1:2 FANOUT and INTERNAL TERMINATION
SY58029U MICREL-SY58029U Datasheet
200Kb / 11P
   ULTRA PRECISION DIFFERENTIAL LVPECL 4:1 MUX with 1:2 FANOUT and INTERNAL TERMINATION
SY58032U MICREL-SY58032U_10 Datasheet
671Kb / 9P
   ULTRA-PRECISION 1:8 FANOUT BUFFER WITH LVPECL OUTPUTS AND INTERNAL TERMINATION
SY58030U MICREL-SY58030U Datasheet
231Kb / 11P
   ULTRA PRECISION, 400mV DIFFERENTIAL LVPECL 4:1 MUX with 1:2 FANOUT and INTERNAL TERMINATION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com