Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY58606UMG Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # SY58606UMG
Description  4.25Gbps Precision, 1:2 CML Fanout Buffer with Internal Termination and Fail Safe Input
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY58606UMG Datasheet(HTML) 4 Page - Micrel Semiconductor

  SY58606UMG Datasheet HTML 1Page - Micrel Semiconductor SY58606UMG Datasheet HTML 2Page - Micrel Semiconductor SY58606UMG Datasheet HTML 3Page - Micrel Semiconductor SY58606UMG Datasheet HTML 4Page - Micrel Semiconductor SY58606UMG Datasheet HTML 5Page - Micrel Semiconductor SY58606UMG Datasheet HTML 6Page - Micrel Semiconductor SY58606UMG Datasheet HTML 7Page - Micrel Semiconductor SY58606UMG Datasheet HTML 8Page - Micrel Semiconductor SY58606UMG Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Micrel, Inc.
SY58606U
CML Outputs DC Electrical Characteristics
(10)
VCC = +2.5V ±5% or +3.3V ±10%, RL
= 100Ω across the outputs; T
A = –40°C to +85°C, unless otherwise stated.
Symbol
Parameter
Condition
Min
Typ
Max
Units
VOH
Output HIGH Voltage
RL
= 50Ω to VCC
VCC-0.020
VCC-0.010
VCC
V
VOUT
Output Voltage Swing
See Figure 5
325
400
mV
VDIFF_OUT
Differential Output Voltage Swing
See Figure 6
650
800
mV
ROUT
Output Source Impedance
45
50
55
Note:
10. The circuit is designed to meet the DC specifications shown in the above table after thermal equilibrium has been established.
AC Electrical Characteristics
VCC = +2.5V ±5% or +3.3V ±10%, RL
= 100Ω across the outputs, Input t
r/tf: <300ps; TA = –40°C to +85°C, unless
otherwise stated.
Symbol
Parameter
Condition
Min
Typ
Max
Units
fMAX
Maximum Frequency
NRZ Data
4.25
Gbps
VOUT > 200mV
Clock
2.5
3.0
GHz
tPD
Propagation Delay
IN-to-Q
VIN: 100mV-200mV
150
270
400
ps
VIN: 200mV-800mV
120
220
320
ps
tSkew
Within Device Skew
Note 11
3
15
ps
Part-to-Part Skew
Note 12
100
ps
tJitter
Additive Jitter
Carrier = 622MHz
Integration Range: 12kHz – 20MHz
100
fsRMS
tR tF
Output Rise/Fall Time
(20% to 80%)
At full output swing.
30
50
85
ps
Duty Cycle
Differential I/O
47
53
%
Notes:
11. Within device skew is measured between two different outputs under identical input transitions.
12. Part-to-part skew is defined for two parts with identical power supply voltages at the same temperature and no skew at the edges at the
respective inputs.
May 2014
4
051514-4.0
tcghelp@micrel.com or (408) 955-1690


Similar Part No. - SY58606UMG

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY58606UMG MICREL-SY58606UMG Datasheet
698Kb / 13P
   4.25Gbps Precision, 1:2 CML Fanout Buffer
SY58606UMG MICREL-SY58606UMG Datasheet
664Kb / 13P
   4.25Gbps Precision, 1:2 CML Fanout Buffer with Internal Termination and Fail Safe Input
SY58606UMG MICREL-SY58606UMG Datasheet
581Kb / 13P
   4.25Gbps Precision, 1:2 CML Fanout Buffer with Internal Termination and Fail Safe Input
SY58606UMGTR MICREL-SY58606UMGTR Datasheet
698Kb / 13P
   4.25Gbps Precision, 1:2 CML Fanout Buffer
SY58606UMGTR MICREL-SY58606UMGTR Datasheet
664Kb / 13P
   4.25Gbps Precision, 1:2 CML Fanout Buffer with Internal Termination and Fail Safe Input
More results

Similar Description - SY58606UMG

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY58606U MICREL-SY58606U Datasheet
664Kb / 13P
   4.25Gbps Precision, 1:2 CML Fanout Buffer with Internal Termination and Fail Safe Input
SY58606U MICREL-SY58606U_09 Datasheet
581Kb / 13P
   4.25Gbps Precision, 1:2 CML Fanout Buffer with Internal Termination and Fail Safe Input
SY58603U MICREL-SY58603U Datasheet
677Kb / 13P
   4.25Gbps Precision CML Buffer with Internal Termination and Fail Safe Input
SY58609U MICREL-SY58609U Datasheet
823Kb / 14P
   4.25Gbps Precision, CML 2:1 MUX with Internal Termination and Fail Safe Input
SY58607U MICREL-SY58607U Datasheet
667Kb / 13P
   3.2Gbps Precision, 1:2 LVPECL Fanout Buffer with Internal Termination and Fail Safe Input
SY58608U MICREL-SY58608U Datasheet
282Kb / 12P
   3.2Gbps Precision, 1:2 LVDS Fanout Buffer with Internal Termination and Fail Safe Input
SY58608U MICREL-SY58608U_14 Datasheet
918Kb / 14P
   3.2Gbps Precision, 1:2 LVDS Fanout Buffer with Internal Termination and Fail Safe Input
SY58606U MICREL-SY58606U_11 Datasheet
698Kb / 13P
   4.25Gbps Precision, 1:2 CML Fanout Buffer
SY89468U MICREL-SY89468U Datasheet
578Kb / 15P
   Precision LVDS 1:20 Fanout with 2:1 MUX and Internal Termination with Fail-Safe Input
SY89467U MICREL-SY89467U Datasheet
564Kb / 15P
   Precision LVPECL 1:20 Fanout with 2:1 MUX and Internal Termination with Fail-Safe Input
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com