Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1-301185-7 Datasheet(PDF) 2 Page - Tyco Electronics

Part # 1-301185-7
Description  626 Pneumatic Crimping Heads
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

1-301185-7 Datasheet(HTML) 2 Page - Tyco Electronics

  1-301185-7 Datasheet HTML 1Page - Tyco Electronics 1-301185-7 Datasheet HTML 2Page - Tyco Electronics 1-301185-7 Datasheet HTML 3Page - Tyco Electronics 1-301185-7 Datasheet HTML 4Page - Tyco Electronics 1-301185-7 Datasheet HTML 5Page - Tyco Electronics 1-301185-7 Datasheet HTML 6Page - Tyco Electronics 1-301185-7 Datasheet HTML 7Page - Tyco Electronics 1-301185-7 Datasheet HTML 8Page - Tyco Electronics 1-301185-7 Datasheet HTML 9Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
408- 4366
Pneumatic Crimping Heads 662546- 1 and 1320369- 1
Rev C
2
of 10
Tyco Electronics Corporation
wire, the pneumatic tool is activated to crimp the
product to the wire.
3. HEAD INSTALLATION AND REMOVAL
Crimping heads are coated with a preservative to
prevent rust and corrosion. Wipe this preservative
from the crimping head, particularly from the
crimping surfaces.
3.1. Installation
To avoid personal injury, ALWAYS disconnect
pneumatic tool from air supply before installing or
removing the crimping head.
DO NOT operate pneumatic tool without the
proper crimping head installed. After crimping
head is installed, make sure that the quick pins
are FULLY tightened to avoid personal injury or
damage to the tool.
1. Remove quick pins from tool holder. Refer to
Figure 1.
2. Insert crimping head into tool holder as shown in
Figure 1.
3. After crimping head is properly aligned, insert
and tighten quick pins provided with the tool holder.
SeeFigure1.
Tyco Electronics recommends using LOCTITE{
242 removable threadlock, or equivalent, to
prevent the quick pins from loosening.
4. Connect pneumatic tool to an adequate air
supply between 620--690 kPa [90--100 psi]. For
specific information on air line requirements and air
hose installation, refer to the customer manual
packaged with the pneumatic tooling assembly.
3.2. Removal
To avoid personal injury, ALWAYS disconnect
pneumatic tool from air supply before removing
crimping head.
Remove quick pins from crimping head; then remove
crimping head from tool holder.
4. WIRE SELECTION AND PREPARATION
4.1. Wire Selection
Select wire for the terminals and splices according to
Application Specification 114--2121.
4.2. Wire Preparation
If using stranded copper wire, strip the wire to
dimensions shown in Figure 2. DO NOT nick wire
strand or use wires with nicked or missing conductor
strands.
Do not strip film--insulated copper or
film--insulated aluminum wire.
Strip Length
Note:
Not to Scale
CRIMPING
STRANDED COPPER WIRE
CRIMPING
HEAD
SIZE
(AWG)
CIRCULAR
MIL AREA
STRIP LENGTH
(mm [IN.])
662546--1
1320369--1
8
13,100--20,800
10.31--11.86
[.406--.469]
Figure 2
5. CRIMPING PROCEDURE
To avoid personal injury, ALWAYS keep fingers
clear of crimping jaws when operating the tool.
Never place anything within the crimping jaws
except terminals and splices.
5.1. Terminal Crimping Procedure
1. Open crimping jaws by squeezing rollers
together simultaneously; then position the terminal
in the crimping chamber on the lower jaw, as
shown in Figure 3, Detail A. The terminal is
properly positioned when the back of the terminal
is facing the upper jaw and the wire barrel is
against the locator.
2. After terminal is properly positioned, release
rollers to allow crimping jaws to spring shut,
holding terminal in place.
3. Insert stripped wire into terminal wire barrel until
the end of the conductor butts against the locator.
4. Activate the tool to complete the crimp. Open
crimping jaws by squeezing the rollers together
simultaneously; then remove crimped terminal.
{
Trademark of Loctite Corporation
NOTE
i
DANGER
DANGER
NOTE
i
DANGER
NOTE
i
DANGER


Similar Part No. - 1-301185-7

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1-304052-9 MACOM-1-304052-9 Datasheet
136Kb / 5P
   Installation and removal of the crimper from the tool holder assembly
logo
Morse Mfg. Co., Inc.
1-305-1 MORSE-1-305-1 Datasheet
648Kb / 3P
   305 Series Can Tumblers
4 Jan, 2023
1-305-1-230 MORSE-1-305-1-230 Datasheet
648Kb / 3P
   305 Series Can Tumblers
4 Jan, 2023
1-305-1-50 MORSE-1-305-1-50 Datasheet
648Kb / 3P
   305 Series Can Tumblers
4 Jan, 2023
1-305-3 MORSE-1-305-3 Datasheet
648Kb / 3P
   305 Series Can Tumblers
4 Jan, 2023
More results

Similar Description - 1-301185-7

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
408-8878 TEC-408-8878 Datasheet
217Kb / 4P
   626 Pneumatic Crimping Head 1490191-1 (Used with 626 Pneumatic Tooling Assemblies)
logo
Tyco Electronics
408-4105 MACOM-408-4105 Datasheet
138Kb / 6P
   Adapt Various Crimping Dies For Use with 626 Pneumatic Tooling Assemblies
logo
TE Connectivity Ltd
408-8413 TEC-408-8413 Datasheet
1Mb / 11P
   626 Pneumatic Crimping Head PN 1338317-1 (Used with 626Pneumatic Tooling Assemblies)
logo
Tyco Electronics
408-1311 MACOM-408-1311 Datasheet
371Kb / 7P
   Pneumatic crimping heads listed in Figure 1 are designed for use in Pneumatic Tool
408-2432 MACOM-408-2432 Datasheet
342Kb / 8P
   Terminal and splice crimping heads
logo
PHOENIX CONTACT
SF-Z0022 PHOENIX-SF-Z0022 Datasheet
44Kb / 2P
   Pneumatic crimping tool
SF-Z0014 PHOENIX-SF-Z0014 Datasheet
49Kb / 2P
   Pneumatic crimping tool
logo
Tyco Electronics
408-10004 MACOM-408-10004 Datasheet
3Mb / 9P
   The pneumatic crimping heads consist of integral jaws which close in an arc-like motion
logo
PHOENIX CONTACT
1607446 PHOENIX-1607446 Datasheet
49Kb / 2P
   Pneumatic crimping tool - SF-Z0014
1203110 PHOENIX-1203110 Datasheet
47Kb / 2P
   Pneumatic crimping tool - ZAP 25
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com