Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SY89311U Datasheet(PDF) 4 Page - Micrel Semiconductor

Part No. SY89311U
Description  2.5V/3.3V/5V 1:2 DIFFERENTIAL PECL/LVPECL/ECL FANOUT BUFFER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY89311U Datasheet(HTML) 4 Page - Micrel Semiconductor

  SY89311U Datasheet HTML 1Page - Micrel Semiconductor SY89311U Datasheet HTML 2Page - Micrel Semiconductor SY89311U Datasheet HTML 3Page - Micrel Semiconductor SY89311U Datasheet HTML 4Page - Micrel Semiconductor SY89311U Datasheet HTML 5Page - Micrel Semiconductor SY89311U Datasheet HTML 6Page - Micrel Semiconductor SY89311U Datasheet HTML 7Page - Micrel Semiconductor SY89311U Datasheet HTML 8Page - Micrel Semiconductor SY89311U Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Micrel, Inc.
SY89311U
AC Electrical Characteristics
(7)
VCC = +2.5V ±5% or +3.3V ±10% or +5.0V ±10% and VEE = 0V; VCC = 0V and VEE = –2.5V ±5% or –3.3V ±10% or –5.0V ±10%;
RL
= 50Ω to VCC–2V; TA = –40°C to +85°C, unless otherwise noted.
Symbol
Parameter
Condition
Min.
Typ.
Max.
Units
fMAX
Maximum Toggle Frequency
3
GHz
tpd
Propagation Delay (Differential)
IN to Q, /Q
IN to Q, /Q
VCC = 3.3V/5V
VCC = 2.5V
140
170
220
240
300
360
ps
ps
tSKEW
Within-Device Skew
Q, /Q
Note 8
5
20
ps
Part-to-Part Skew
VCC = 3.3V/5V, Note 8
VCC = 2.5V, Note 8
150
120
ps
ps
tJITTER
Cycle-to-Cycle Jitter (rms)
1
ps(rms)
Additive Phase Jitter
622MHz over 12kHz-20MHz
51
fs(rms)
VDIFF
Input Swing
Note 9
150
800
1200
mV
tr, tf
Output Rise/Fall Time (20% to 80%)
70
120
200
ps
Notes:
7.
Measured with 750mV input signal, 50% duty cycle. VDIFF_OUT is
≥ 400mV.
8.
Skew is measured between outputs under identical transitions. Duty cycle skew is defined only for differential operation when the delays are
measured from the cross point of the inputs to the cross point of the outputs.
9.
See “Input Waveform”.
April 8, 2014
4
040814-5.0
hbwhelp@micrel.com or (408) 955-1690


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn