Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SY89311U Datasheet(PDF) 1 Page - Micrel Semiconductor

Part No. SY89311U
Description  2.5V/3.3V/5V 1:2 DIFFERENTIAL PECL/LVPECL/ECL FANOUT BUFFER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY89311U Datasheet(HTML) 1 Page - Micrel Semiconductor

  SY89311U Datasheet HTML 1Page - Micrel Semiconductor SY89311U Datasheet HTML 2Page - Micrel Semiconductor SY89311U Datasheet HTML 3Page - Micrel Semiconductor SY89311U Datasheet HTML 4Page - Micrel Semiconductor SY89311U Datasheet HTML 5Page - Micrel Semiconductor SY89311U Datasheet HTML 6Page - Micrel Semiconductor SY89311U Datasheet HTML 7Page - Micrel Semiconductor SY89311U Datasheet HTML 8Page - Micrel Semiconductor SY89311U Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
SY89311U
2.5V/3.3V/5V 1:2 DIFFERENTIAL
PECL/LVPECL/ECL FANOUT BUFFER
Precision Edge
®
General Description
The SY89311U is a precision, high-speed 1:2 differential
fanout buffer. Having within-device skews and output
transition times significantly improved over the EL11V, the
SY89311U is ideally suited for those applications which
require the ultimate in AC performance in a small package.
The differential inputs of the SY89311U employ clamping
circuitry to maintain stability under open input conditions. If
the inputs are left open, the Q outputs will be LOW.
The differential inputs can accept 10/100K ECL/PECL
signals (external termination required) and the outputs are
100K ECL/PECL compatible.
Datasheets and support documentation are available on
Micrel’s web site at: www.micrel.com.
Features
• 2.5V, 3.3V and 5V power supply
• Guaranteed AC parameters over temperature:
− f
MAX > 3.0GHz
− <20ps output-to-output skew
<200ps t
r
/ tf
− <300ps propagation delay
− 51fs
(RMS) phase jitter (typical)
• 100K compatible I/O
• Wide temperature range: –40
°C to +85°C
• Available in ultra-small 8-pin MLF®
(2mm x 2mm) package
Block Diagram
Precision Edge is a registered trademark of Micrel, Inc.
MicroLeadFrame and MLF are registered trademarks of Amkor Technology, Inc.
Micrel Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel +1 (408) 944-0800 • fax + 1 (408) 474-1000 • http://www.micrel.com
April 8, 2014
040814-5.0
hbwhelp@micrel.com or (408) 955-1690


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn