Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

91375-2 Datasheet(PDF) 2 Page - TE Connectivity Ltd

Part # 91375-2
Description  Read these instructions and understand them before using the seating tool.
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

91375-2 Datasheet(HTML) 2 Page - TE Connectivity Ltd

  91375-2 Datasheet HTML 1Page - TE Connectivity Ltd 91375-2 Datasheet HTML 2Page - TE Connectivity Ltd 91375-2 Datasheet HTML 3Page - TE Connectivity Ltd 91375-2 Datasheet HTML 4Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
408-8501
Rev J
2 of 4
3.2. Application Tooling
Power for seating tools must be provided by a machine capable of supplying a downward force of 45 Newtons
(N) [10 lb.] per contact. Manual Electric Servo Press (MEP 6T) 1585699-1, Bench Top Electric Servo Presses
(BMEP 3T) 1585697-1, and (BMEP 5T) 1585696-1 are available for this seating tool. For information on the
presses, visit the press-fit assembly equipment website at http://tooling.te.com/pressfit.asp.
CAUTION
Over-driving of the connector will deform parts critical to the quality of the connection. Maximum force occurs prior to the
connector bottoming on the pc board.
4. SEATING
1. Set seating height to the dimension shown in Figure 2 (application tool shut height will equal the tool
seating height PLUS the combined thicknesses of the pc board and support fixture). After seating, a
gap of no more than 0.10 mm [.004 in.] between the connector standoffs and the pc board is allowed.
NOTE
The seating height of 38.1 mm [1.50 in.] is a reference starting point. Seating height may need adjusted to obtain the 0.1 mm
[.004 in.] maximum gap between the connector and the pc board.
2. Position the connector on the pc board so that contacts are properly aligned with the holes in the pc
board and pc board support fixture.
3. Sit the connector onto pc board until the open section of the contacts are resting securely on, but have
not fully entered, the holes in the pc board.
4. Orient the key(s) of the blade with the groove(s) on the inside of the connector housing, then position
the seating tool onto the connector, making sure the blade bottoms on the housing floor.
CAUTION
Damage to the pc board, seating tool, or connector may occur if the wrong seating tool is used, if the seating height is
improperly set, or if the seating tool is not properly seated in the connector before cycling the ram. DO NOT use damaged
product.
5. Center the seating tool (with the connector) under the ram of the applicator tool; and slowly lower the
ram until it just meets the seating tool. Verify alignment of the pc board support fixture, pc board,
connector, and seating tool.
6. Cycle the ram according to instructions included with the application tooling. Check the connector for
proper seating using the requirements in Application Specification 114-13059.
7. Remove the pc board or reposition the pc board and pc board support fixture for seating additional
connectors.
Figure 2
NOTE: Not to Scale
Applicator Ram (Fully Down)
(Ref)
Seating Tool
Blade Inside Connector
Housing and Bottomed
on Housing Floor
Contacts in Holes in PC Board
and PC Board Support
PC Board
PC Board Support Fixture
Applicator Tooling
Shut Height
(Ram Down)
Seating Height
(Connector Seated)
38.1 [1.50] Ref
Maximum
Gap Allowed
0.10 [.004]


Similar Part No. - 91375-2

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
91376--1 MACOM-91376--1 Datasheet
106Kb / 4P
   Seating Tools 91347- [ ], 91350- [ ]
91376--2 MACOM-91376--2 Datasheet
106Kb / 4P
   Seating Tools 91347- [ ], 91350- [ ]
logo
TE Connectivity Ltd
91376-1 TEC-91376-1 Datasheet
293Kb / 4P
   Read these instructions and understand them before using the seating tool.
91376-2 TEC-91376-2 Datasheet
293Kb / 4P
   Read these instructions and understand them before using the seating tool.
logo
Tyco Electronics
91378-1 MACOM-91378-1 Datasheet
2Mb / 32P
   Solutions for AdvancedTCA, AdvancedTCA 300, MicroTCA, and AdvancedMC Standards
More results

Similar Description - 91375-2

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
408-4546 TEC-408-4546 Datasheet
99Kb / 3P
   Read these instructions and understand them before using the seating tool.
408-8500 TEC-408-8500 Datasheet
293Kb / 4P
   Read these instructions and understand them before using the seating tool.
408-8465 TEC-408-8465 Datasheet
147Kb / 3P
   Read these instructions and understand them before using the seating tool.
408-9916 TEC-408-9916 Datasheet
82Kb / 3P
   Read these instructions and understand them before using the seating tool.
logo
Tyco Electronics
408-8810 MACOM-408-8810 Datasheet
208Kb / 3P
   Read and understand these instructions before using the seating tool.
logo
TE Connectivity Ltd
408-4430 TEC-408-4430 Datasheet
102Kb / 3P
   Read these instructions and understand them before using the seating tool and support anvil.
logo
Tyco Electronics
408-9913 MACOM-408-9913 Datasheet
149Kb / 3P
   Read these instructions thoroughly before using the seating tool.
logo
TE Connectivity Ltd
408-10155 TEC-408-10155 Datasheet
349Kb / 4P
   Read these instructions thoroughly before using the seating tool kit.
408-32224 TEC-408-32224 Datasheet
302Kb / 4P
   Read and understand these instructions before using the removal tools.
logo
Tyco Electronics
408-8646 MACOM-408-8646 Datasheet
111Kb / 2P
   Read these instructions before using the extraction tool.
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com