Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY89832U Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # SY89832U
Description  2.5V Ultra-Precision 1:4 LVDS Fanout Buffer/Translator with Internal Termination
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY89832U Datasheet(HTML) 4 Page - Micrel Semiconductor

  SY89832U Datasheet HTML 1Page - Micrel Semiconductor SY89832U Datasheet HTML 2Page - Micrel Semiconductor SY89832U Datasheet HTML 3Page - Micrel Semiconductor SY89832U Datasheet HTML 4Page - Micrel Semiconductor SY89832U Datasheet HTML 5Page - Micrel Semiconductor SY89832U Datasheet HTML 6Page - Micrel Semiconductor SY89832U Datasheet HTML 7Page - Micrel Semiconductor SY89832U Datasheet HTML 8Page - Micrel Semiconductor SY89832U Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Micrel, Inc.
SY89832U
Absolute Maximum Ratings
(4)
Supply Voltage (VCC) .................................... −0.5V to +4.0V
Input Voltage (VIN). .................................−0.5V to VCC +0.3V
LVDS Output Current (IOUT).......................................±10mA
Input Current
Source or Sink Current on (IN, /IN) ....................±50mA
VREF-AC Current
Source or Sink Current on (IVT).............................±2mA
Lead Temperature (soldering, 20s)............................ 260°C
Storage Temperature (TS)......................... −65°C to +150°C
Operating Ratings
(5)
Supply Voltage Range (VIN) ................. +2.375V to +2.675V
Ambient Temperature (TA) .......................... –40°C to +85°C
Package Thermal Resistance
(6)
QFN
(
θ
JA) Still-Air ....................................................... 60°C/W
(
Ψ
JB) ................................................................... 32°C/W
DC Electrical Characteristics
(7)
TA = -40°C to +85°C, unless otherwise noted.
Symbol
Parameter
Condition
Min.
Typ.
Max.
Units
VCC
Power Supply
2.375
2.5
2.625
V
ICC
Power Supply Current
No load, maximum VCC.
75
100
mA
RIN
Input Resistance (IN-to-VT)
45
50
55
RDIFF_IN
Differential Input Resistance
(IN-to-/IN)
90
100
110
VIH
Input HIGH Voltage (IN, /IN)
0.1
VCC+0.3
V
VIL
Input LOW Voltage (IN, /IN)
−0.3
VIH-0.1
V
VIN
Input Voltage Swing (IN, /IN)
See Figure 4.
0.1
VCC
V
VDIFF_IN
Differential Input Voltage Swing
|IN – /IN|
See Figure 5.
0.2
V
|IIN|
Input Current (IN, /IN)
Note 8
45
mA
VREF-AC
Output Reference Voltage
VCC − 1.525
VCC − 1.425
VCC − 1.325
V
Notes:
4.
Permanent device damage may occur if absolute maximum ratings are exceeded. This is a stress rating only and functional operation is not implied
at conditions other than those detailed in the operational sections of this data sheet. Exposure to absolute maximum rating conditions for extended
periods may affect device reliability.
5.
The data sheet limits are not guaranteed if the device is operated beyond the operating ratings.
6.
Package thermal resistance assumes exposed pad is soldered (or equivalent) to the device’s most negative potential on the PCB.
ψJB and θJA
values are determined for a 4-layer board in still-air number, unless otherwise stated.
7.
The circuit is designed to meet the DC specifications shown in the above table after thermal equilibrium has been established.
8.
Due to the internal termination the input current depends on the applied voltages at IN, /IN and VT inputs. Do not apply a combination of voltages
that causes the input current to exceed the maximum limit!
September 10, 2014
4
Revision 3.0
tcghelp@micrel.com or (408) 955-1690


Similar Part No. - SY89832U

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89832U MICREL-SY89832U Datasheet
156Kb / 10P
   2.5V ULTRA-PRECISION 1:4 LVDS FANOUT BUFFER/TRANSLATOR WITH INTERNAL TERMINATION
SY89832U MICREL-SY89832U Datasheet
118Kb / 10P
   2.5V ULTRA-PRECISION 1:4 LVDS FANOUT BUFFER/TRANSLATOR WITH INTERNAL TERMINATION
logo
Microchip Technology
SY89832U MICROCHIP-SY89832U Datasheet
1Mb / 22P
   2.5V Ultra-Precision 1:4 LVDS Fanout Buffer/Translator with Internal Termination
Revision A (March 2022)
logo
Micrel Semiconductor
SY89832UMG MICREL-SY89832UMG Datasheet
156Kb / 10P
   2.5V ULTRA-PRECISION 1:4 LVDS FANOUT BUFFER/TRANSLATOR WITH INTERNAL TERMINATION
SY89832UMG MICREL-SY89832UMG Datasheet
118Kb / 10P
   2.5V ULTRA-PRECISION 1:4 LVDS FANOUT BUFFER/TRANSLATOR WITH INTERNAL TERMINATION
More results

Similar Description - SY89832U

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89832U MICREL-SY89832U Datasheet
156Kb / 10P
   2.5V ULTRA-PRECISION 1:4 LVDS FANOUT BUFFER/TRANSLATOR WITH INTERNAL TERMINATION
SY89832U MICREL-SY89832U_07 Datasheet
118Kb / 10P
   2.5V ULTRA-PRECISION 1:4 LVDS FANOUT BUFFER/TRANSLATOR WITH INTERNAL TERMINATION
logo
Microchip Technology
SY89832U MICROCHIP-SY89832U Datasheet
1Mb / 22P
   2.5V Ultra-Precision 1:4 LVDS Fanout Buffer/Translator with Internal Termination
Revision A (March 2022)
logo
Micrel Semiconductor
SY89833L MICREL-SY89833L_14 Datasheet
652Kb / 13P
   3.3V Ultra-Precision 1:4 LVDS Fanout Buffer/Translator with Internal Termination
SY89833L MICREL-SY89833L_07 Datasheet
123Kb / 10P
   3.3V ULTRA-PRECISION 1:4 LVDS FANOUT BUFFER/TRANSLATOR WITH INTERNAL TERMINATION
SY89831U MICREL-SY89831U_10 Datasheet
851Kb / 11P
   UlTRA-PRECISION 1:4 LVPECL FANOUT BUFFER/TRANSLATOR WITH INTERNAL TERMINATION
SY89831U MICREL-SY89831U_14 Datasheet
758Kb / 14P
   Ultra-Precision 1:4 LVPECL Fanout Buffer/Translator with Internal Termination
SY89831U MICREL-SY89831U Datasheet
130Kb / 11P
   ULTRA-PRECISION 1:4 LVPECL FANOUT BUFFER/TRANSLATOR WITH INTERNAL TERMINATION
SY89833AL MICREL-SY89833AL Datasheet
419Kb / 12P
   3.3V Low Noise Ultra-Precision 1:4 LVDS Fanout Buffer/Translator with Internal Termination
SY89854U MICREL-SY89854U Datasheet
550Kb / 13P
   Precision Low Power 1:4 LVPECL Fanout Buffer/Translator with Internal Termination
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com