Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY89832U Datasheet(PDF) 5 Page - Micrel Semiconductor

Part # SY89832U
Description  2.5V Ultra-Precision 1:4 LVDS Fanout Buffer/Translator with Internal Termination
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY89832U Datasheet(HTML) 5 Page - Micrel Semiconductor

  SY89832U Datasheet HTML 1Page - Micrel Semiconductor SY89832U Datasheet HTML 2Page - Micrel Semiconductor SY89832U Datasheet HTML 3Page - Micrel Semiconductor SY89832U Datasheet HTML 4Page - Micrel Semiconductor SY89832U Datasheet HTML 5Page - Micrel Semiconductor SY89832U Datasheet HTML 6Page - Micrel Semiconductor SY89832U Datasheet HTML 7Page - Micrel Semiconductor SY89832U Datasheet HTML 8Page - Micrel Semiconductor SY89832U Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
Micrel, Inc.
SY89832U
LVDS Outputs DC Electrical Characteristics
(7)
VCC = 2.5V ±5%, RL
= 100Ω across the outputs; TA = –40°C to +85°C.
Symbol
Parameter
Condition
Min.
Typ.
Max.
Units
VOUT
Output Voltage Swing
See Figure 4.
250
325
mV
VDIFF_OUT
Differential Output Voltage Swing
See Figure 5.
500
650
mV
VOCM
Output Common Mode Voltage
1.125
1.275
V
∆ VOCM
Change in Common Mode Voltage
−50
50
mV
LVTTL/CMOS DC Electrical Characteristics
(7)
VCC = 2.5V ±5%, TA = –40°C to +85°C.
Symbol
Parameter
Condition
Min.
Typ.
Max.
Units
VIH
Input HIGH Voltage
2.0
VCC
V
VIL
Input LOW Voltage
0
0.8
V
IIH
Input HIGH Current
−125
30
µA
IIL
Input LOW Current
−300
µA
AC Electrical Characteristics
(9)
VCC = 2.5V ±5% or 3.3V ±10%, RL
= 100Ω across the outputs; TA = –40°C to +85°C unless otherwise stated.
Symbol
Parameter
Condition
Min.
Typ.
Max.
Units
fMAX
Maximum Frequency
VOUT
≥ 200mV
2.0
2.5
GHz
tpd
Propagation Delay
IN-to-Q
VIN < 400mV
370
470
570
ps
VIN
≥ 400mV
300
410
500
ps
tSKEW
Within-Device Skew
Note 10
5
20
ps
Part-to-Part Skew
Note 11
200
ps
tS
Set-Up Time
EN to IN, /IN
Note 12
300
ps
tH
Hold Time
EN to IN, /IN
Note 12
500
ps
tJITTER
Additive Phase Jitter
Carrier = 622MHz
Integration Range: 12kHz – 20MHz
81
fs
Carrier = 250MHz
Integration Range: 12kHz – 20MHz
195
fs
tr, tf
Output Rise/Fall Times
(20% to 80%)
At full output swing.
70
150
200
ps
Notes:
9.
High-frequency AC parameters are guaranteed by design and characterization.
10. Within device skew is measured between two different outputs under identical input transitions.
11. Part-to-part skew is defined for two parts with identical power supply voltages at the same temperature and no skew at the edges at the respective
inputs.
12. Set-up and hold times apply to synchronous applications that intend to enable/disable before the next clock cycle. For asynchronous applications,
set-up and hold times do not apply.
September 10, 2014
5
Revision 3.0
tcghelp@micrel.com or (408) 955-1690


Similar Part No. - SY89832U

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89832U MICREL-SY89832U Datasheet
156Kb / 10P
   2.5V ULTRA-PRECISION 1:4 LVDS FANOUT BUFFER/TRANSLATOR WITH INTERNAL TERMINATION
SY89832U MICREL-SY89832U Datasheet
118Kb / 10P
   2.5V ULTRA-PRECISION 1:4 LVDS FANOUT BUFFER/TRANSLATOR WITH INTERNAL TERMINATION
logo
Microchip Technology
SY89832U MICROCHIP-SY89832U Datasheet
1Mb / 22P
   2.5V Ultra-Precision 1:4 LVDS Fanout Buffer/Translator with Internal Termination
Revision A (March 2022)
logo
Micrel Semiconductor
SY89832UMG MICREL-SY89832UMG Datasheet
156Kb / 10P
   2.5V ULTRA-PRECISION 1:4 LVDS FANOUT BUFFER/TRANSLATOR WITH INTERNAL TERMINATION
SY89832UMG MICREL-SY89832UMG Datasheet
118Kb / 10P
   2.5V ULTRA-PRECISION 1:4 LVDS FANOUT BUFFER/TRANSLATOR WITH INTERNAL TERMINATION
More results

Similar Description - SY89832U

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89832U MICREL-SY89832U Datasheet
156Kb / 10P
   2.5V ULTRA-PRECISION 1:4 LVDS FANOUT BUFFER/TRANSLATOR WITH INTERNAL TERMINATION
SY89832U MICREL-SY89832U_07 Datasheet
118Kb / 10P
   2.5V ULTRA-PRECISION 1:4 LVDS FANOUT BUFFER/TRANSLATOR WITH INTERNAL TERMINATION
logo
Microchip Technology
SY89832U MICROCHIP-SY89832U Datasheet
1Mb / 22P
   2.5V Ultra-Precision 1:4 LVDS Fanout Buffer/Translator with Internal Termination
Revision A (March 2022)
logo
Micrel Semiconductor
SY89833L MICREL-SY89833L_14 Datasheet
652Kb / 13P
   3.3V Ultra-Precision 1:4 LVDS Fanout Buffer/Translator with Internal Termination
SY89833L MICREL-SY89833L_07 Datasheet
123Kb / 10P
   3.3V ULTRA-PRECISION 1:4 LVDS FANOUT BUFFER/TRANSLATOR WITH INTERNAL TERMINATION
SY89831U MICREL-SY89831U_10 Datasheet
851Kb / 11P
   UlTRA-PRECISION 1:4 LVPECL FANOUT BUFFER/TRANSLATOR WITH INTERNAL TERMINATION
SY89831U MICREL-SY89831U_14 Datasheet
758Kb / 14P
   Ultra-Precision 1:4 LVPECL Fanout Buffer/Translator with Internal Termination
SY89831U MICREL-SY89831U Datasheet
130Kb / 11P
   ULTRA-PRECISION 1:4 LVPECL FANOUT BUFFER/TRANSLATOR WITH INTERNAL TERMINATION
SY89833AL MICREL-SY89833AL Datasheet
419Kb / 12P
   3.3V Low Noise Ultra-Precision 1:4 LVDS Fanout Buffer/Translator with Internal Termination
SY89854U MICREL-SY89854U Datasheet
550Kb / 13P
   Precision Low Power 1:4 LVPECL Fanout Buffer/Translator with Internal Termination
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com