Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

91901-1 Datasheet(PDF) 4 Page - TE Connectivity Ltd

Part # 91901-1
Description  Securely tighten both screws with the appropriate screwdriver.
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

91901-1 Datasheet(HTML) 4 Page - TE Connectivity Ltd

  91901-1 Datasheet HTML 1Page - TE Connectivity Ltd 91901-1 Datasheet HTML 2Page - TE Connectivity Ltd 91901-1 Datasheet HTML 3Page - TE Connectivity Ltd 91901-1 Datasheet HTML 4Page - TE Connectivity Ltd 91901-1 Datasheet HTML 5Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
408-8579
4 of 5
Rev C
Figure 5
DIE SET
DESCRIPTION
DIE CLOSURE DIMENSIONS
AB
C
91904-1
BNC COAXICON Connectors
4.32 [.170]
1.321-1.257
[.0520-.05000]
---
91904-2
BNC COAXICON Connectors
6.20 [.244]
1.321-1.257
[.0520-.05000]
---
91904-3
BNC COAXICON Connectors
5.54 [.218]
1.283-1.219
[.0510-.0480]
---
91904-4
BNC COAXICON Connectors
5.05 [.199]
1.321-1.257
[.0520-.05000]
----
91901-1
BNC COAXICON Connectors
1.89 [.074]
5.54
[.218]
----
91905-1
ARINC COAXICON Connectors
6.50 [.256]
5.56
[.219]
4.32 [.170]
91903-1
50-Ohm C HN, N, and TNC COAXICON Connectors
6.50 [.256]
1.93
[.076]
----
91900-1
LFR Fiber Optic Connectors
4.98 [.196]
2.77
[.109]
----


Similar Part No. - 91901-1

ManufacturerPart #DatasheetDescription
logo
Heyco.
9190 HEYCO-9190 Datasheet
105Kb / 1P
   Countersunk Type H Rivets
logo
Keystone Electronics Co...
9190-2 KEYSTONE-9190-2 Datasheet
130Kb / 1P
   MACHINE SCREW PAN PHILLIPS 10-32
9190-3 KEYSTONE-9190-3 Datasheet
130Kb / 1P
   MACHINE SCREW PAN PHILLIPS 10-32
9190-4 KEYSTONE-9190-4 Datasheet
130Kb / 1P
   MACHINE SCREW PAN PHILLIPS 10-32
9190-5 KEYSTONE-9190-5 Datasheet
130Kb / 1P
   MACHINE SCREW PAN PHILLIPS 10-32
More results

Similar Description - 91901-1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
05117990001 ETC2-05117990001 Datasheet
10Mb / 1P
   2035 Screwdriver for slotted screws
70011 ETC2-70011 Datasheet
146Kb / 1P
   M3.5 x 12 taptite screws (Screws accept POZDRIV No. 2 screwdriver)
logo
Tyco Electronics
408-10266 MACOM-408-10266 Datasheet
373Kb / 6P
   Insert the shank of the nest into the yoke and tighten the set screw.
logo
ATMEL Corporation
AT88SC018 ATMEL-AT88SC018_14 Datasheet
163Kb / 11P
   Securely implements host algorithms
logo
Visual Communications C...
LSV020CTP VCC-LSV020CTP Datasheet
73Kb / 1P
   DESIGN: Lens mounts the Litepipe securely to display panel providing 180
logo
List of Unclassifed Man...
05017005001 ETC-05017005001 Datasheet
487Kb / 3P
   917 SPH Screwdriver for Phillips screws, PH 1 x 80 mm
23.03.2023
logo
LANSDALE Semiconductor ...
SL8270 LANSDALE-SL8270_08 Datasheet
676Kb / 4P
   The 8270 is a 4-bit Shift Register with both serial
logo
TE Connectivity Ltd
408-10465 TEC-408-10465 Datasheet
60Kb / 1P
   Remove the four screws at the bottom of the light
logo
PHOENIX CONTACT
SZ-SORTI-2 PHOENIX-SZ-SORTI-2 Datasheet
47Kb / 2P
   Screwdriver range, consisting of the three small screwdrivers
SF-TXH-SET PHOENIX-SF-TXH-SET Datasheet
47Kb / 2P
   The SF-SL screwdriver sets are available with a variety of contents
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com