Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY733021UZG Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # SY733021UZG
Description  2.5/3.3V 1-to-1 Differential to LVCMOS/LVTTL Translator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY733021UZG Datasheet(HTML) 2 Page - Micrel Semiconductor

  SY733021UZG Datasheet HTML 1Page - Micrel Semiconductor SY733021UZG Datasheet HTML 2Page - Micrel Semiconductor SY733021UZG Datasheet HTML 3Page - Micrel Semiconductor SY733021UZG Datasheet HTML 4Page - Micrel Semiconductor SY733021UZG Datasheet HTML 5Page - Micrel Semiconductor SY733021UZG Datasheet HTML 6Page - Micrel Semiconductor SY733021UZG Datasheet HTML 7Page - Micrel Semiconductor SY733021UZG Datasheet HTML 8Page - Micrel Semiconductor SY733021UZG Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Micrel, Inc.
SY733021U
Ordering Information
(1)
Part Number
Package Type
Operating Range
Package Marking
Lead Finish
SY733021UZG
8L SOIC
Industrial
SY733021U with Pb-Free Bar-Line Indicator
NiPdAu
SY733021UZGTR
(2)
8L SOIC
Industrial
SY733021U with Pb-Free Bar-Line Indicator
NiPdAu
Note:
1.
Contact factory for die availability. Dice are guaranteed at TA = 25°C, DC Electricals only.
2.
Tape and reel.
Pin Configuration
8-Pin SOIC (Z8-1)
Pin Description
Pin Number
Pin Name
Functional Description
7
Q
TTL Output
2, 3
D, /D
Differential Inputs
8
VCC
+3.3V or +2.5V Power Supply
5
GND
Ground
1, 4, 6
NC
No Connect
Truth Table
D
/D
Q
L
H
L
H
L
H
Open
Open
L
March 21, 2014
2
Revision 1.0
hbwhelp@micrel.com or (408) 955-1690


Similar Part No. - SY733021UZG

ManufacturerPart #DatasheetDescription
logo
Sanyou Corporation Limi...
SY73 SANYOU-SY73 Datasheet
722Kb / 3P
   Magnetic Latching Relay
SY73-25-105DB1R SANYOU-SY73-25-105DB1R Datasheet
722Kb / 3P
   Magnetic Latching Relay
SY73-25-105DB2R SANYOU-SY73-25-105DB2R Datasheet
722Kb / 3P
   Magnetic Latching Relay
SY73-25-105DM1R SANYOU-SY73-25-105DM1R Datasheet
722Kb / 3P
   Magnetic Latching Relay
SY73-25-105DM2R SANYOU-SY73-25-105DM2R Datasheet
722Kb / 3P
   Magnetic Latching Relay
More results

Similar Description - SY733021UZG

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
830S21I-01 RENESAS-830S21I-01 Datasheet
548Kb / 13P
   1-to-1 2.5V, 3.3V Differential-to-LVCMOS/LVTTL Translator
December 10, 2015
830S21I RENESAS-830S21I Datasheet
547Kb / 13P
   1-to-1 2.5V, 3.3V Differential-to-LVCMOS/LVTTL Translator
December 10, 2015
83021I RENESAS-83021I Datasheet
513Kb / 13P
   1-to-1 Differential-to-LVCMOS/LVTTL Translator
December 14, 2015
logo
Pericom Semiconductor C...
PI6C49X0201 PERICOM-PI6C49X0201 Datasheet
1Mb / 6P
   1-To-1 Differential-to-LVCMOS/LVTTL Translator
logo
Integrated Device Techn...
83021I IDT-83021I Datasheet
320Kb / 12P
   1-to-1 Differential-to-LVCMOS/LVTTL Translator
ICS83021I IDT-ICS83021I Datasheet
654Kb / 12P
   1-TO-1 DIFFERENTIAL- TO-LVCMOS/LVTTL TRANSLATOR
ICS85222I-02 IDT-ICS85222I-02 Datasheet
257Kb / 12P
   1-to-2, LVCMOS/LVTTL- To- Differential HSTL Translator
logo
ON Semiconductor
MC100LVELT20 ONSEMI-MC100LVELT20 Datasheet
49Kb / 6P
   3.3V LVTTL/LVCMOS to Differential LVPECL Translator
September, 2004 ??Rev. P1
logo
Integrated Circuit Syst...
ICS85222-02 ICST-ICS85222-02 Datasheet
130Kb / 10P
   1-TO-2 LVCMOS / LVTTL-TO DIFFERENTIAL HSTL TRANSLATOR
logo
Renesas Technology Corp
85222-02 RENESAS-85222-02 Datasheet
364Kb / 13P
   1-to-2, LVCMOS/LVTTL-to-Differential HSTL Translator
6/15/15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com