Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

91904-3 Datasheet(PDF) 3 Page - TE Connectivity Ltd

Part # 91904-3
Description  Securely tighten both screws with the appropriate screwdriver.
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

91904-3 Datasheet(HTML) 3 Page - TE Connectivity Ltd

  91904-3 Datasheet HTML 1Page - TE Connectivity Ltd 91904-3 Datasheet HTML 2Page - TE Connectivity Ltd 91904-3 Datasheet HTML 3Page - TE Connectivity Ltd 91904-3 Datasheet HTML 4Page - TE Connectivity Ltd 91904-3 Datasheet HTML 5Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
408-8579
3 of 5
Rev C
6. Allow the tool handles to open fully and remove
the crimped connector from the dies.
Damaged product should not be used. If a
damaged contact or ferrule is evident, it should be
replaced with a new one.
5. CRIMP HEIGHT ADJUSTMENT (Figure 4)
The tool frame assembly ratchet mechanism features
an adjustment wheel with numbered settings. If the
crimp height is not acceptable, adjust the ratchet as
follows:
1. Remove the lockscrew from the ratchet
adjustment wheel.
2. With a screwdriver, adjust the ratchet wheel from
the opposite side of the tool.
Figure 4
3. Observe the ratchet adjustment wheel. If a tighter
crimp is required, rotate the adjustment wheel
COUNTERCLOCKWISE to a higher-numbered
setting. If a looser crimp is required, rotate the
adjustment wheel CLOCKWISE to a lower-
numbered setting.
4. Replace the lockscrew.
5. Make a sample crimp and measure the crimp
height. If the crimp height is acceptable, secure the
lockscrew. If the dimension is unacceptable, remove
lockscrew and continue to adjust the ratchet, and
again measure a sample crimp.
6. MAINTENANCE AND INSPECTION
6.1. Maintenance
1. Remove dust, moisture, and other contaminants
with a clean, soft brush, or a clean, soft, lint-free
cloth. Do NOT use any objects that could damage
the dies or tool.
2. Make sure that the proper die-retaining screws
are properly secured.
3. When the dies are not in use, store them in a
clean, dry area.
4. Store the tool with the tool handles closed to
prevent objects from becoming lodged within the
jaws.
6.2. Inspection
1. Remove all lubrication and accumulated film from
the dies by immersing the dies in a suitable
commercial degreaser.
2. Make certain that all die-retaining screws and die
components are properly secured.
3. Inspect the crimping surfaces for flattened,
chipped, worn, or cracked areas. If damage is
evident, the dies must be replaced. Refer to Section
7, REPLACEMENT.
6.3. Measuring the Die Opening
The die assembly will perform correctly as long as:
the product specified is correct for the application,
the specific die assembly is used,
the die assembly has been measured to ensure
that the openings are correct, and
the tool has been adjusted correctly. Figure 5
provides information on die opening sizes.
Die assembly 91901-1 will require a center contact
crimp height inspection using a micrometer with a with
a modified anvil as shown in Figure 6. Tyco
Electronics does not manufacture or market these
gages. However TE recommends use of the modified
micrometer (Crimp Height Comparator) found in
408-7424. Refer to 408-7424 for instructions and
ordering information of the crimp height comparators.
Proceed with center contact crimp height inspection as
follows:
1. Select an appropriate center contact and cable.
2. Crimp a test center contact.
3. Using crimp height comparator, measure wire
barrel crimp height as shown in Figure 6. If the
crimp height conforms to that shown in the table,
the tool is considered dimensionally correct. If not,
return the tool to Tyco Electronics for evaluation and
repair (refer to Section 7, REPLACEMENT).
CAUTION
!
Screwdriver
Ratchet Adjustment
Wheel
Lockscrew (Typ)


Similar Part No. - 91904-3

ManufacturerPart #DatasheetDescription
logo
Heyco.
9190 HEYCO-9190 Datasheet
105Kb / 1P
   Countersunk Type H Rivets
logo
Keystone Electronics Co...
9190-2 KEYSTONE-9190-2 Datasheet
130Kb / 1P
   MACHINE SCREW PAN PHILLIPS 10-32
9190-3 KEYSTONE-9190-3 Datasheet
130Kb / 1P
   MACHINE SCREW PAN PHILLIPS 10-32
9190-4 KEYSTONE-9190-4 Datasheet
130Kb / 1P
   MACHINE SCREW PAN PHILLIPS 10-32
9190-5 KEYSTONE-9190-5 Datasheet
130Kb / 1P
   MACHINE SCREW PAN PHILLIPS 10-32
More results

Similar Description - 91904-3

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
05117990001 ETC2-05117990001 Datasheet
10Mb / 1P
   2035 Screwdriver for slotted screws
70011 ETC2-70011 Datasheet
146Kb / 1P
   M3.5 x 12 taptite screws (Screws accept POZDRIV No. 2 screwdriver)
logo
Tyco Electronics
408-10266 MACOM-408-10266 Datasheet
373Kb / 6P
   Insert the shank of the nest into the yoke and tighten the set screw.
logo
ATMEL Corporation
AT88SC018 ATMEL-AT88SC018_14 Datasheet
163Kb / 11P
   Securely implements host algorithms
logo
Visual Communications C...
LSV020CTP VCC-LSV020CTP Datasheet
73Kb / 1P
   DESIGN: Lens mounts the Litepipe securely to display panel providing 180
logo
List of Unclassifed Man...
05017005001 ETC-05017005001 Datasheet
487Kb / 3P
   917 SPH Screwdriver for Phillips screws, PH 1 x 80 mm
23.03.2023
logo
LANSDALE Semiconductor ...
SL8270 LANSDALE-SL8270_08 Datasheet
676Kb / 4P
   The 8270 is a 4-bit Shift Register with both serial
logo
TE Connectivity Ltd
408-10465 TEC-408-10465 Datasheet
60Kb / 1P
   Remove the four screws at the bottom of the light
logo
PHOENIX CONTACT
SZ-SORTI-2 PHOENIX-SZ-SORTI-2 Datasheet
47Kb / 2P
   Screwdriver range, consisting of the three small screwdrivers
SF-TXH-SET PHOENIX-SF-TXH-SET Datasheet
47Kb / 2P
   The SF-SL screwdriver sets are available with a variety of contents
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com