Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

408-4260 Datasheet(PDF) 4 Page - Tyco Electronics

Part # 408-4260
Description  Mass Termination Assembly
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

408-4260 Datasheet(HTML) 4 Page - Tyco Electronics

  408-4260 Datasheet HTML 1Page - Tyco Electronics 408-4260 Datasheet HTML 2Page - Tyco Electronics 408-4260 Datasheet HTML 3Page - Tyco Electronics 408-4260 Datasheet HTML 4Page - Tyco Electronics 408-4260 Datasheet HTML 5Page - Tyco Electronics 408-4260 Datasheet HTML 6Page - Tyco Electronics 408-4260 Datasheet HTML 7Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
408- 4260
MTA 58575- 1 and 58576- 1
Rev D
4
of 7
Tyco Electronics Corporation
PROPER USE GUIDELINES
Cumulative Trauma Disorders can result from the prolonged use of manually powered hand tools. Hand tools are intended for occasional use and low volume
applications. A wide selection of powered application equipment for extended--use, production operations is available.
Cylinder
Safety Latch
(2 Places)
Insertion
Tooling
Insertion--Depth
Adjustment Slot
Guide
(2 Places)
Trigger
Handle
Safety Latch
Adjustment
Screw (2 Places)
Air Hose
Weight.........1.3 kg [2.8 lb]
Noise...........80 dBA Max
Vibration......Less than 2.5 mm/s2
Specifications:
MTA APPLICATOR
ASSEMBLY
CONNECTOR--HOLDING
FIXTURE
MTA CONNECTOR
58242--3
.100 Closed End Receptacle With or Without Polarization Tabs
58575--1
58243--3
.100 Feed--Through Receptacle With or Without Polarization Tabs
585 5
59845--3
.100 Feed--Through Receptacle Without Polarization Tabs
58009--2
.156 Closed End Posted Receptacle
58010--2
.156 Feed--Through Posted Receptacle
58244--3
.156 Closed End Test Receptacle With or Without Polarization Tabs
58576--1
58245--3
.156 Feed--Through Test Receptacle With or Without Polarization Tabs
585 6
59847--3
.156 Feed--Through Receptacle
59848--3
.156 Closed End Card Edge Receptacle
59849--3
.156 Feed--Through Card Edge Receptacle
Figure 1
1. INTRODUCTION
Mass Termination Assembly (MTA) Applicator
Assemblies 58575--1 and 58576--1 are used with
connector--holding fixtures listed in Figure 1 to insert
wires into MTA .100 and .156 closed end and
feed--through connectors.
For information regarding connector--holding fixtures,
refer to Instruction Sheet 408--7994 (MTA .100) and
408--7995 (MTA .156). Read these instructions and
referenced material thoroughly before using the
applicator assembly.
Dimensions in this instruction sheet are in metric
units [with U.S. customary units in brackets].
Figures are for reference only and are not drawn
to scale.
The date code is marked on the body of the tool. The
date code is in the format YYWW, where YY
represents the year of manufacture and WW
represents the week of manufacture. For example, if
the date code marked on a tool is 0533, the tool was
made in the 33rd week of 2005.
Reasons for reissue of this instruction sheet are
provided in Section 7, REVISION SUMMARY.
NOTE
i


Similar Part No. - 408-4260

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
408-4206 MACOM-408-4206 Datasheet
249Kb / 5P
   PRO?밅RIMPER III Hand Crimping Tool
408-4214 MACOM-408-4214 Datasheet
136Kb / 5P
   Installation and removal of the crimper from the tool holder assembly
408-4217 MACOM-408-4217 Datasheet
293Kb / 5P
   PRO?밅RIMPER III Hand Crimping Tool Assembly
408-4218 MACOM-408-4218 Datasheet
280Kb / 5P
   PRO?밅RIMPER III Hand Crimping Tool Assembly
logo
TE Connectivity Ltd
408-4219 TEC-408-4219 Datasheet
325Kb / 6P
   PRO-CRIMPER III Hand Crimping
More results

Similar Description - 408-4260

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
408-7994 TEC-408-7994 Datasheet
204Kb / 4P
   Mass Termination Assembly
408-7995 TEC-408-7995 Datasheet
244Kb / 6P
   Mass Termination Assembly
logo
Adam Technologies, Inc.
MTD-A-XX-X-2 ADAM-TECH-MTD-A-XX-X-2 Datasheet
83Kb / 1P
   IDC MASS TERMINATION HOUSING
MTD-B-XX-X-2 ADAM-TECH-MTD-B-XX-X-2 Datasheet
85Kb / 1P
   IDC MASS TERMINATION HOUSING
MTD-A-XX-X-1 ADAM-TECH-MTD-A-XX-X-1 Datasheet
76Kb / 1P
   IDC MASS TERMINATION HOUSING
MTD-BC-XX ADAM-TECH-MTD-BC-XX Datasheet
63Kb / 1P
   IDC MASS TERMINATION HOUSING
MTD-B-XX-X-1 ADAM-TECH-MTD-B-XX-X-1 Datasheet
81Kb / 1P
   IDC MASS TERMINATION HOUSING
logo
TE Connectivity Ltd
408-8812 TEC-408-8812 Datasheet
197Kb / 4P
   MTA- 50 Mass Termination Tooling
logo
Tyco Electronics
1-102744-7 MACOM-1-102744-7 Datasheet
64Kb / 1P
   COVER-MASS TERMINATION, AMPMODU, .100CL, SINGLE ROW
1-102396-0 MACOM-1-102396-0 Datasheet
128Kb / 1P
   COVER MASS TERMINATION AMPMODU 2.54[.100] CL
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com