Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPC8203 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TPC8203
Description  TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOSII)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPC8203 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TPC8203 Datasheet HTML 1Page - Toshiba Semiconductor TPC8203 Datasheet HTML 2Page - Toshiba Semiconductor TPC8203 Datasheet HTML 3Page - Toshiba Semiconductor TPC8203 Datasheet HTML 4Page - Toshiba Semiconductor TPC8203 Datasheet HTML 5Page - Toshiba Semiconductor TPC8203 Datasheet HTML 6Page - Toshiba Semiconductor TPC8203 Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
TPC8203
2002-05-17
1
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U−MOSII)
TPC8203
Lithium Ion Battery Applications
Portable Equipment Applications
Notebook PCs
Small footprint due to small and thin package
Low drain−source ON resistance
: RDS (ON) = 14 mΩ (typ.)
High forward transfer admittance : |Yfs| = 8 S (typ.)
Low leakage current
: IDSS = 10 µA (max) (VDS = 30 V)
Enhancement−mode
: Vth = 0.8~2.5 V (VDS = 10 V, ID = 1 mA)
Maximum Ratings (Ta = 25°C)
Characteristics
Symbol
Rating
Unit
Drain−source voltage
VDSS
30
V
Drain−gate voltage (RGS = 20 kΩ)
VDGR
30
V
Gate−source voltage
VGSS
±20
V
D C
(Note 1)
ID
6
Drain current
Pulse
(Note 1)
IDP
24
A
Single-device
operation (Note 3a)
PD (1)
1.5
Drain power
dissipation
(t = 10 s)
(Note 2a)
Single-devece value
at dual operation
(Note 3b)
PD (2)
1.0
W
Single-device
operation (Note 3a)
PD (1)
0.75
Drain power
dissipation
(t = 10 s)
(Note 2b)
Single-devece value
at dual operation
(Note 3b)
PD 2)
0.45
W
Single pulse avalanche energy
(Note 4)
EAS
46.8
mJ
Avalanche current
IAR
6
A
Repetitive avalanche energy
(Note 2a, Note 3b, Note 5)
EAR
0.10
mJ
Channel temperature
Tch
150
Storage temperature range
Tstg
−55∼150
Note: For (Note 1), (Note 2a), (Note 2b), (Note 3a), (Note 3b), (Note 4)
and (Note 5), please refer to the next page.
This transistor is an electrostatic sensitive device. Please handle with
caution.
Unit: mm
JEDEC
JEITA
TOSHIBA
2-6J1E
Weight: 0.080 g (typ.)
Circuit Configuration


Similar Part No. - TPC8203

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPC8201 TOSHIBA-TPC8201 Datasheet
344Kb / 7P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type
TPC8202 TOSHIBA-TPC8202 Datasheet
339Kb / 7P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (PIE-MOSVI)
TPC8204 TOSHIBA-TPC8204 Datasheet
342Kb / 7P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOSII)
logo
VBsemi Electronics Co.,...
TPC8205 VBSEMI-TPC8205 Datasheet
1Mb / 9P
   Dual N-Channel 60 V (D-S) 175 째C MOSFET
logo
Toshiba Semiconductor
TPC8206 TOSHIBA-TPC8206 Datasheet
223Kb / 7P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOSII)
More results

Similar Description - TPC8203

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
SSM3K14T TOSHIBA-SSM3K14T Datasheet
184Kb / 6P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOSII)
TPC6002 TOSHIBA-TPC6002 Datasheet
158Kb / 6P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOSII)
2SK3442 TOSHIBA-2SK3442 Datasheet
207Kb / 6P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOSII)
2SK3441 TOSHIBA-2SK3441 Datasheet
233Kb / 6P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOSII)
TPC8206 TOSHIBA-TPC8206 Datasheet
223Kb / 7P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOSII)
TPC8204 TOSHIBA-TPC8204 Datasheet
342Kb / 7P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOSII)
TPC6201 TOSHIBA-TPC6201 Datasheet
166Kb / 6P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOSII)
TPC8401 TOSHIBA-TPC8401 Datasheet
750Kb / 11P
   TOSHIBA Field Effect Transistor Silicon N, P Channel MOS Type (U-MOSII)
TPC8303 TOSHIBA-TPC8303 Datasheet
520Kb / 7P
   TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U-MOSII)
SSM6J08FU TOSHIBA-SSM6J08FU Datasheet
162Kb / 6P
   TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U-MOSII)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com