Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HMC135 Datasheet(PDF) 6 Page - Micross Components

Part No. HMC135
Description  Chip Integrates Directly into MIC Designs
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MICROSS [Micross Components]
Homepage  http://www.micross.com
Logo MICROSS - Micross Components

HMC135 Datasheet(HTML) 6 Page - Micross Components

  HMC135 Datasheet HTML 1Page - Micross Components HMC135 Datasheet HTML 2Page - Micross Components HMC135 Datasheet HTML 3Page - Micross Components HMC135 Datasheet HTML 4Page - Micross Components HMC135 Datasheet HTML 5Page - Micross Components HMC135 Datasheet HTML 6Page - Micross Components HMC135 Datasheet HTML 7Page - Micross Components HMC135 Datasheet HTML 8Page - Micross Components HMC135 Datasheet HTML 9Page - Micross Components  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
5
5 - 4
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
Input Compression vs Frequency *
Input Compression vs Bias at 4 GHz
Input Third Order Intercept vs Frequency *
Input Third Order Intercept vs Bias at 4 GHz
Suggested TTL Driver for a Bi-Phase Modulator
Notes
1. V
A
Alternates Between
+ 2.4 V
dc
± I
A
= 2.4 - 0.6 = ± 5 mA
360 Ohm
2. HCT04 and HC04 are QMOS HEX
Inverters.
*R
1
=300 to 620 ± 2% Select R
1
To
Supply ±3 to ±6 mA to the IF Port.
* (For 5 mA Bias Current)
0
2
4
6
8
10
12
23
45
6
CARRIER FREQUENCY (GHz)
0
2
4
6
8
10
12
14
BIAS CURRENT (mA)
01
2
3
45
6
7
8
9
10
0
5
10
15
20
25
0
1
2345
6
7
8
9
10
BIAS CURRENT (mA)
0
5
10
15
20
25
0
1
2345
6
7
8
9
10
BIAS CURRENT (mA)
2.2K
TTL
VCC
GND
GND
VCC
HCT04
HC04
.01 uF
.01 uF
-2.5 Vdc
+2.5 Vdc
+5 Vdc
*R 1
MODULATOR
I, Q PORTS
HITTITE
MODULATOR
VA
IA
V Z = 2V
0.6V
HMC135
v04.0909
GaAs MMIC BI-PHASE
MODULATOR, 1.8 - 5.2 GHz


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn