Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HMC135 Datasheet(PDF) 5 Page - Micross Components

Part No. HMC135
Description  Chip Integrates Directly into MIC Designs
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MICROSS [Micross Components]
Homepage  http://www.micross.com
Logo MICROSS - Micross Components

HMC135 Datasheet(HTML) 5 Page - Micross Components

  HMC135 Datasheet HTML 1Page - Micross Components HMC135 Datasheet HTML 2Page - Micross Components HMC135 Datasheet HTML 3Page - Micross Components HMC135 Datasheet HTML 4Page - Micross Components HMC135 Datasheet HTML 5Page - Micross Components HMC135 Datasheet HTML 6Page - Micross Components HMC135 Datasheet HTML 7Page - Micross Components HMC135 Datasheet HTML 8Page - Micross Components HMC135 Datasheet HTML 9Page - Micross Components  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5
5 - 3
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
FREQUENCY (GHz)
6
5
4
3
2
1
0
-5
-10
-15
-20
-2
-1
0
1
2
12
3
4
5
6
FREQUENCY (GHz)
-8
-10
-6
-4
-2
0
2
4
6
8
10
1
2
3
456
FREQUENCY (GHz)
-20
-15
-10
-5
0
0123
45
6
7
8
FREQUENCY (GHz)
Return Loss
Insertion Loss
Amplitude Balance
Phase Balance
Carrier Suppression *
* (For 1.4 Vp-p Square Wave Modulation at 1 MHz)
0
10
20
30
40
50
2
3
456
CARRIER FREQUENCY (GHz)
HMC135
v04.0909
GaAs MMIC BI-PHASE
MODULATOR, 1.8 - 5.2 GHz


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn