Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HMC129 Datasheet(PDF) 6 Page - Micross Components

Part No. HMC129
Description  No DC Bias Required
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components

HMC129 Datasheet(HTML) 6 Page - Micross Components

  HMC129 Datasheet HTML 1Page - Micross Components HMC129 Datasheet HTML 2Page - Micross Components HMC129 Datasheet HTML 3Page - Micross Components HMC129 Datasheet HTML 4Page - Micross Components HMC129 Datasheet HTML 5Page - Micross Components HMC129 Datasheet HTML 6Page - Micross Components HMC129 Datasheet HTML 7Page - Micross Components HMC129 Datasheet HTML 8Page - Micross Components HMC129 Datasheet HTML 9Page - Micross Components  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
4
4 - 10
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
Input IP2 vs.
Temperature @ LO = +15 dBm
Input IP2 vs. LO Drive
Input IP3 vs. LO Drive
Input P1dB vs.
Temperature @ LO = +15 dBm
Input IP3 vs.
Temperature @ LO = +15 dBm
Harmonics of LO
nLO Spur @ RF Port
LO Freq. (GHz)
1
2
3
4
4
-30.7
-33.5
-32.7
-56.7
5-29.2
-57.3
-64.8
-43.8
6
-24.7
-41.8
-35.0
-43.0
7
-19.7
-42.5
-20.5
-45.7
8
-23.3
-45.7
-22.5
-46.8
9-17.2
-36.8
-26.7
-68.7
LO = +13 dBm
All values in dBc below input LO level measured at RF port
20
30
40
50
60
70
80
23456789
10
+25 C
+85 C
-55 C
FREQUENCY (GHz)
8
9
10
11
12
13
14
15
23456789
10
+25 C
+85 C
-55 C
FREQUENCY (GHz)
20
30
40
50
60
70
80
23456789
10
+11 dBm
+13 dBm
+15 dBm
FREQUENCY (GHz)
10
15
20
25
30
23456789
10
+25 C
+85 C
-55 C
FREQUENCY (GHz)
10
15
20
25
30
23456789
10
+11 dBm
+13 dBm
+15 dBm
FREQUENCY (GHz)
HMC129
v04.1007
GaAs MMIC DOUBLE-BALANCED
MIXER, 4 - 8 GHz


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn