Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HMC129 Datasheet(PDF) 4 Page - Micross Components

Part No. HMC129
Description  No DC Bias Required
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MICROSS [Micross Components]
Homepage  http://www.micross.com
Logo 

HMC129 Datasheet(HTML) 4 Page - Micross Components

   
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4
4 - 8
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
HMC129
GaAs MMIC DOUBLE-BALANCED
MIXER, 4 - 8 GHz
v04.1007
General Description
Features
Functional Diagram
Electrical Specifications, T
A = +25° C, LO Drive = +15 dBm*
Typical Applications
The HMC129 is ideal for:
• Microwave & VSAT Radios
• Test Equipment
• Military EW, ECM, C3I
• Space Telecom
The HMC129 chip is a miniature double-balanced
mixer which can be used as an upconverter or down-
converter in the 4 to 8 GHz band. The chip can be
integrated directly into hybrid MICs without DC bias
or external baluns to provide an extremely compact
mixer. It is ideally suited for applications where small
size, no DC bias, and consistent IC performance are
required. This mixer can operate over a wide LO drive
input of +9 to +15 dBm. It performs equally well as a
Bi-Phase modulator or demodulator. See the HMC136
data sheet.
Parameter
Min.
Typ.
Max.
Units
Frequency Range, RF & LO
4 - 8
GHz
Frequency Range, IF
DC - 3
GHz
Conversion Loss
79
dB
Noise Figure (SSB)
79
dB
LO to RF Isolation
30
40
dB
LO to IF Isolation
35
42
dB
IP3 (Input)
13
17
dBm
IP2 (Input)
40
55
dBm
1 dB Gain Compression (Input)
6
10
dBm
* Unless otherwise noted, all measurements performed as downconverter, IF = 100 MHz
Conversion Loss: 7 dB
LO to RF and IF Isolation: 40 dB
Input IP3: +17 dBm
No DC Bias Required
Die Size: 1.40 x 1.40 x 0.1 mm


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn