Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

408-2433 Datasheet(PDF) 6 Page - Tyco Electronics

Part # 408-2433
Description  Remove assembly pins from mounting lugs as shown in Figure 1
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

408-2433 Datasheet(HTML) 6 Page - Tyco Electronics

  408-2433 Datasheet HTML 1Page - Tyco Electronics 408-2433 Datasheet HTML 2Page - Tyco Electronics 408-2433 Datasheet HTML 3Page - Tyco Electronics 408-2433 Datasheet HTML 4Page - Tyco Electronics 408-2433 Datasheet HTML 5Page - Tyco Electronics 408-2433 Datasheet HTML 6Page - Tyco Electronics 408-2433 Datasheet HTML 7Page - Tyco Electronics 408-2433 Datasheet HTML 8Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
408-2433
Insulation Piercing COPALUM Terminal and Splice Crimping Heads
Rev A
6 of 8
Tyco Electronics Corporation
4.4. Die Closure Inspection
Every crimping head is inspected for proper die
closure before packaging. An inspection should be
performed periodically to check the die closure for
excessive wear. The die closure inspection is
accomplished using the GO NO–GO plug gages.
Tyco Electronics neither manufactures nor sells plug
gages. A suggested plug gage design and the GO
NO–GO dimensions of the plug gage members are
listed in Figures 7 and 8. the following procedure is
recommended for inspecting the die closures.
1. Clean oil or dirt from die closure areas, and plug
gage members.
2. Select the proper GO gage. Position gage
member in lower jaw inner crimp closure so that
locator is in notch of gage member. See Figure 9,
Detail A.
3. Close the crimping jaws until they are bottomed
but not under pressure.
4. To meet the GO gage conditions, the plug gage
must be free to rotate in either direction as shown
in Figure 9, Detail A.
5. Select the proper NO–GO gage. Position gage
member in lower jaw inner crimp closure so that
locator is in notch of gage member. See Figure 9,
Detail B.
6. Close the crimping jaws so that inner crimp
surfaces are seated on the NO–GO member.
Inner Crimp Die
Closure Configuration
A" Dim.
B" GODim.
50.8 [2.00] Min.
F"
D"
C"
1/2 C"
G"
E" Dia.
B" NO-GO Dim.
SUGGESTED PLUG GAGE DESIGN - INNER CRIMP
HEAD
DIE CLOS. DIM'S. A"
GAGE MEMBER{ DIM'S. B"
DIA.
C"
D"
E" DIA.
F"
G"
GO}
NO-GO
GO
NO-GO
68081
2.30
[.1180]
3.25
[.1280]
2.997-3.005
[.1180-.1183]
3.249-3.251
[.1279-.1280]
1.65 [.065] 7.37 [.290] 1.65 [.065] 7.87 [.310] 0.61 [.024]
68082
3.28
[.1290]
3.53
[.1390]
3.277-3.284
[.1290-.1293]
3.528-3.531
[.1389-.1390]
1.90 [.075] 7.62 [.300] 1.90 [.075] 8.89 [.350] 0.61 [.024]
Figure 7
Outer Crimp Die
Closure Configuration
H" Dim.
P" GODim.
50.8 [2.00] Min.
M"
K"
J"
1/2 J"
N"
L" Dia.
P" NO-GO Dim.
SUGGESTED PLUG GAGE DESIGN - OUTER CRIMP
HEAD
DIE CLOS. DIM'S. H"
GAGE MEMBER{ DIM'S. P"
DIA.
J"
K"
L" DIA.
M"
N"
GO}
NO-GO
GO
NO-GO
68081
4.445
[.1750]
4.801
[.1890]
4.445-4.453
[.1750-.1753]
4.798-4.801
[.1889-.1890]
2.29 [.090] 3.30 [.130] 2.29 [.090] 7.87 [.310] 1.14 [.045]
68082
4.953
[.1950]
5.309
[.2090]
4.953-4.961
[.1950-.1953]
5.306-5.309
[.2089-.2090]
2.54 [.100] 3.30 [.130] 2.54 [.100] 8.89 [.350] 1.50 [.059]
{Material - Tool Steel;
}GO" die closure dimensions apply when jaws are bottomed, but not under pressure
Figure 8


Similar Part No. - 408-2433

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
408-2432 MACOM-408-2432 Datasheet
342Kb / 8P
   Terminal and splice crimping heads
More results

Similar Description - 408-2433

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
C-9-1440002-6 TEC-C-9-1440002-6 Datasheet
112Kb / 2P
   REMOVE CONTACT FIGURE
logo
Tyco Electronics
408-10096 MACOM-408-10096 Datasheet
511Kb / 2P
   Using a 5mm hex wrench, install the mounting bracket on the servo terminator as shown in Figure 2.
logo
List of Unclassifed Man...
NS9210B-0-I75 ETC2-NS9210B-0-I75 Datasheet
1Mb / 68P
   Figure 1 shows the NS7520 modules. Dashed lines indicate shared pins
1SNK506150R0000 ETC2-1SNK506150R0000 Datasheet
96Kb / 5P
   Secured snap on or remove from the rail
logo
FIBOX Enclosing innovat...
8120830 FIBOX-8120830 Datasheet
59Kb / 2P
   Wall mounting lugs set
11.01.2023
logo
List of Unclassifed Man...
HE1020 ETC2-HE1020 Datasheet
41Kb / 1P
   Mounting screws are supplied in lengths shown unless otherwise specified.
logo
Shoulder Electronics Li...
HDF315MS3 SHOULDER-HDF315MS3 Datasheet
220Kb / 7P
   Typical test circuit is shown as below
logo
FIBOX Enclosing innovat...
8120832 FIBOX-8120832 Datasheet
60Kb / 2P
   Plastic Wall mounting lugs set
11.01.2023
8120833 FIBOX-8120833 Datasheet
62Kb / 2P
   Plastic Wall mounting lugs set
11.01.2023
logo
Analog Devices
SSM2375CBZ AD-SSM2375CBZ Datasheet
39Kb / 1P
   Dimensions shown in millimeters
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com