Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

843S1333DGLFT Datasheet(PDF) 8 Page - Integrated Device Technology

Part # 843S1333DGLFT
Description  Crystal-to-3.3V LVPECL Clock Synthesizer
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

843S1333DGLFT Datasheet(HTML) 8 Page - Integrated Device Technology

Back Button 843S1333DGLFT Datasheet HTML 4Page - Integrated Device Technology 843S1333DGLFT Datasheet HTML 5Page - Integrated Device Technology 843S1333DGLFT Datasheet HTML 6Page - Integrated Device Technology 843S1333DGLFT Datasheet HTML 7Page - Integrated Device Technology 843S1333DGLFT Datasheet HTML 8Page - Integrated Device Technology 843S1333DGLFT Datasheet HTML 9Page - Integrated Device Technology 843S1333DGLFT Datasheet HTML 10Page - Integrated Device Technology 843S1333DGLFT Datasheet HTML 11Page - Integrated Device Technology 843S1333DGLFT Datasheet HTML 12Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
8
©2015 Integrated Device Technology, Inc
Revision A
December 2, 2015
843S1333D Data Sheet
Termination for 3.3V LVPECL Outputs
The clock layout topology shown below is a typical termination for
LVPECL outputs. The two different layouts mentioned are
recommended only as guidelines.
The differential outputs are low impedance follower outputs that
generate ECL/LVPECL compatible outputs. Therefore, terminating
resistors (DC current path to ground) or current sources must be
used for functionality. These outputs are designed to drive 50
transmission lines. Matched impedance techniques should be used
to maximize operating frequency and minimize signal distortion.
Figures 4A and 4B show two different layouts which are
recommended only as guidelines. Other suitable clock layouts may
exist and it would be recommended that the board designers
simulate to guarantee compatibility across all printed circuit and clock
component process variations.
Figure 4A. 3.3V LVPECL Output Termination
Figure 4B. 3.3V LVPECL Output Termination
R1
84
R2
84
3.3V
R3
125
R4
125
Z
o = 50
Z
o = 50
Input
3.3V
3.3V
+
_


Similar Part No. - 843S1333DGLFT

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
843S1333DGLFT RENESAS-843S1333DGLFT Datasheet
529Kb / 16P
   Crystal-to-3.3V LVPECL Clock Synthesizer
December 2, 2015
More results

Similar Description - 843S1333DGLFT

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
843S1333D RENESAS-843S1333D Datasheet
529Kb / 16P
   Crystal-to-3.3V LVPECL Clock Synthesizer
December 2, 2015
logo
Integrated Device Techn...
ICS843S1066 IDT-ICS843S1066 Datasheet
869Kb / 12P
   CRYSTAL-TO-3.3V LVPECL CLOCK SYNTHESIZER
ICS843S1333 IDT-ICS843S1333 Datasheet
765Kb / 13P
   CRYSTAL-TO-3.3V LVPECL CLOCK SYNTHESIZER
843022I-48 IDT-843022I-48 Datasheet
184Kb / 16P
   FemtoClock Crystal-to-3.3V, 2.5V LVPECL Clock Synthesizer
logo
Renesas Technology Corp
843251I-14 RENESAS-843251I-14 Datasheet
432Kb / 17P
   FemtoClockTM Crystal-to-3.3V, 2.5V LVPECL Clock Synthesizer
10/23/15
84321I RENESAS-84321I Datasheet
466Kb / 19P
   260MHz, Crystal-to-3.3V Differential LVPECL Clock Synthesizer
11/5/15
ICS843156 RENESAS-ICS843156 Datasheet
488Kb / 21P
   Crystal-to-LVPECL Clock Synthesizer
May 26, 2016
ICS843156I RENESAS-ICS843156I Datasheet
475Kb / 21P
   Crystal-to-LVPECL Clock Synthesizer
NOVEMBER 28, 2012
843022I-48 RENESAS-843022I-48 Datasheet
382Kb / 17P
   FemtoClock® Crystal-to-3.3V, 2.5V LVPECL Clock Synthesizer
9/25/15
logo
Integrated Device Techn...
843S1066D IDT-843S1066D Datasheet
321Kb / 15P
   Crystal-to-3.3V LVPECL Frequency Synthesizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com