Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

84330CI Datasheet(PDF) 11 Page - Integrated Device Technology

Part No. 84330CI
Description  720MHz, Low Jitter, Crystal-to-LVPECL Frequency Synthesizer
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

84330CI Datasheet(HTML) 11 Page - Integrated Device Technology

Back Button 84330CI Datasheet HTML 7Page - Integrated Device Technology 84330CI Datasheet HTML 8Page - Integrated Device Technology 84330CI Datasheet HTML 9Page - Integrated Device Technology 84330CI Datasheet HTML 10Page - Integrated Device Technology 84330CI Datasheet HTML 11Page - Integrated Device Technology 84330CI Datasheet HTML 12Page - Integrated Device Technology 84330CI Datasheet HTML 13Page - Integrated Device Technology 84330CI Datasheet HTML 14Page - Integrated Device Technology 84330CI Datasheet HTML 15Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
11
©2016 Integrated Device Technology, Inc
Revision A January 13, 2016
84330CI Data Sheet
Layout Guideline
The schematic of the 84330CI layout example used in this layout
guideline is shown in Figure 6A. The 84330CI recommended PCB
board layout for this example is shown in Figure 6B. This layout
example is used as a general guideline. The layout in the actual
system will depend on the selected component types, the density of
the components, the density of the traces, and the stack up of the
P.C. board.
Figure 6A. 84330CI Schematic of Recommended Layout
M8
RU7
1K
RD7
SP
RD1
1K
RU9
SP
R1
50
Zo = 50 Ohm
RD9
1K
VCC
M6
C11
0.01u
VCC=3.3V
VCCA
N1
R7
10
C2
SP
R3
50
M7
Zo = 50 Ohm
RD8
SP
R2
50
RD6
1K
C3
0.1uF
RU10
1K
VCC
RU1
SP
M4
N[1:0] =00 (Divide by 2)
+
-
RU8
1K
N2
M5
Fout = 200 M Hz
M [8:0]= 110010000 (400)
X1
16MHz, 18pF
C16
10u
RU0
SP
RU12
1K
C1
SP
C4
0.1u
SP = Space (i .e . not intsta lled)
RU11
SP
RD10
SP
RD12
SP
RD0
1K
U1
ICS84330
1
2
3
4
12
13
14
15
16
17
18
27
26
28
VCCA
FREF_EXT
XTAL_SEL
X_IN
M4
M5
M6
M7
M8
N0
N1
S_DATA
S_CLOCK
S_LOAD


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn