Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

84330CI Datasheet(PDF) 7 Page - Integrated Device Technology

Part No. 84330CI
Description  720MHz, Low Jitter, Crystal-to-LVPECL Frequency Synthesizer
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

84330CI Datasheet(HTML) 7 Page - Integrated Device Technology

Back Button 84330CI Datasheet HTML 3Page - Integrated Device Technology 84330CI Datasheet HTML 4Page - Integrated Device Technology 84330CI Datasheet HTML 5Page - Integrated Device Technology 84330CI Datasheet HTML 6Page - Integrated Device Technology 84330CI Datasheet HTML 7Page - Integrated Device Technology 84330CI Datasheet HTML 8Page - Integrated Device Technology 84330CI Datasheet HTML 9Page - Integrated Device Technology 84330CI Datasheet HTML 10Page - Integrated Device Technology 84330CI Datasheet HTML 11Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
7
©2016 Integrated Device Technology, Inc
Revision A January 13, 2016
84330CI Data Sheet
Parameter Measurement Information
3.3/3.3V LVPECL Output Load AC Test Circuit
Cycle-to-Cycle Jitter
Output Rise/Fall Time
Period Jitter
Output Duty Cycle/Pulse Width/Period
SCOPE
Qx
nQx
V
EE
VCC,
2V
-1.3V±0.165V
VCCA
tcycle n
tcycle n+1
tjit(cc) =
|tcycle n – tcycle n+1|
1000 Cycles
nFOUT
FOUT
nFOUT
FOUT
VOH
VREF
VOL
Mean Period
(First edge after trigger)
Reference Point
(Trigger Edge)
1
σ contains 68.26% of all measurements
2
σ contains 95.4% of all measurements
3
σ contains 99.73% of all measurements
4
σ contains 99.99366% of all measurements
6
σ contains (100-1.973x10-7)% of all measurements
Histogram
nFOUT
FOUT


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn