Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

84330CI Datasheet(PDF) 19 Page - Integrated Device Technology

Part No. 84330CI
Description  720MHz, Low Jitter, Crystal-to-LVPECL Frequency Synthesizer
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

84330CI Datasheet(HTML) 19 Page - Integrated Device Technology

Back Button 84330CI Datasheet HTML 12Page - Integrated Device Technology 84330CI Datasheet HTML 13Page - Integrated Device Technology 84330CI Datasheet HTML 14Page - Integrated Device Technology 84330CI Datasheet HTML 15Page - Integrated Device Technology 84330CI Datasheet HTML 16Page - Integrated Device Technology 84330CI Datasheet HTML 17Page - Integrated Device Technology 84330CI Datasheet HTML 18Page - Integrated Device Technology 84330CI Datasheet HTML 19Page - Integrated Device Technology 84330CI Datasheet HTML 20Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 19 / 20 page
background image
19
©2016 Integrated Device Technology, Inc
Revision A January 13, 2016
84330CI Data Sheet
Revision History Sheet
Rev
Table
Page
Description of Change
Date
A
1
Features Section - corrected Output Frequency Range from 25MHz to 31.25MHz.
12/7/04
A
T10A
8
17
Added Recommendations for Unused Input and Output Pins.
Package Dimension Table - D2/E2 changed the min. from 4.85 to 5.21 and the max. from
5.56 to 5.46.
Converted datasheet format.
2/2/09
A
T11
18
Ordering Information - Added “Lead-Free” marking for the PLCC and LQFP packages.
2/19/09
A
T7
6
9
AC Characteristics Table - due to datasheet format conversion, corrected cycle-to-cycle
test conditions back to original conditions.
Updated Overdriving the XTAL Interface.
Updated new Header/Footer format.
1/7/11
A
T11
18
Removed leaded orderables from Ordering Information table
11/29/12
A
T11
1
18
Features section - removed leaded part reference.
Ordering Information - Removed quantities in Tape and Reel and removed the Lead Free
note below the table.
Removed ICS from part numbers.
Updated data sheet header and footer.
1/13/16


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn