Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

84330CI Datasheet(PDF) 17 Page - Integrated Device Technology

Part No. 84330CI
Description  720MHz, Low Jitter, Crystal-to-LVPECL Frequency Synthesizer
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

84330CI Datasheet(HTML) 17 Page - Integrated Device Technology

Back Button 84330CI Datasheet HTML 12Page - Integrated Device Technology 84330CI Datasheet HTML 13Page - Integrated Device Technology 84330CI Datasheet HTML 14Page - Integrated Device Technology 84330CI Datasheet HTML 15Page - Integrated Device Technology 84330CI Datasheet HTML 16Page - Integrated Device Technology 84330CI Datasheet HTML 17Page - Integrated Device Technology 84330CI Datasheet HTML 18Page - Integrated Device Technology 84330CI Datasheet HTML 19Page - Integrated Device Technology 84330CI Datasheet HTML 20Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
17
©2016 Integrated Device Technology, Inc
Revision A January 13, 2016
84330CI Data Sheet
Package Outline - Y Suffix for 32 Lead LQFP
Table 10B. Package Dimensions for 32 Lead LQFP
Reference Document: JEDEC Publication 95, MS-026
JEDEC Variation: BBA
All Dimensions in Millimeters
Symbol
Minimum
Nominal
Maximum
N
32
A
1.60
A1
0.05
0.15
A2
1.35
1.40
1.45
b
0.30
0.37
0.45
c
0.09
0.20
D & E
9.00 Basic
D1 & E1
7.00 Basic
D2 & E2
5.60 Ref.
e
0.80 Basic
L
0.45
0.60
0.75
ccc
0.10


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn