Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SST39VF402C-70-4I-B3KE Datasheet(PDF) 7 Page - Microchip Technology

Part # SST39VF402C-70-4I-B3KE
Description  4 Mbit (x16) Multi-Purpose Flash Plus
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST39VF402C-70-4I-B3KE Datasheet(HTML) 7 Page - Microchip Technology

Back Button SST39VF402C-70-4I-B3KE Datasheet HTML 3Page - Microchip Technology SST39VF402C-70-4I-B3KE Datasheet HTML 4Page - Microchip Technology SST39VF402C-70-4I-B3KE Datasheet HTML 5Page - Microchip Technology SST39VF402C-70-4I-B3KE Datasheet HTML 6Page - Microchip Technology SST39VF402C-70-4I-B3KE Datasheet HTML 7Page - Microchip Technology SST39VF402C-70-4I-B3KE Datasheet HTML 8Page - Microchip Technology SST39VF402C-70-4I-B3KE Datasheet HTML 9Page - Microchip Technology SST39VF402C-70-4I-B3KE Datasheet HTML 10Page - Microchip Technology SST39VF402C-70-4I-B3KE Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 38 page
background image
©2014 Silicon Storage Technology, Inc.
DS20005053B
04/14
7
4 Mbit (x16) Multi-Purpose Flash Plus
SST39VF401C / SST39VF402C / SST39LF401C / SST39LF402C
Data Sheet
Device Operation
Commands are used to initiate the memory operation functions of the device. Commands are written
to the device using standard microprocessor write sequences. A command is written by asserting WE#
low while keeping CE# low. The address bus is latched on the falling edge of WE# or CE#, whichever
occurs last. The data bus is latched on the rising edge of WE# or CE#, whichever occurs first.
The SST39VF401C/402C and SST39LF401C/402C also have the Auto Low Power mode which puts
the device in a near standby mode after data has been accessed with a valid Read operation. This
reduces the IDD active read current from typically 5 mA to typically 3 µA. The Auto Low Power mode
reduces the typical IDD active read current to the range of 2 mA/MHz of Read cycle time. The device
exits the Auto Low Power mode with any address transition or control signal transition used to initiate
another Read cycle, with no access time penalty. Note that the device does not enter Auto-Low Power
mode after power-up with CE# held steadily low, until the first address transition or CE# is driven high.
Read
The Read operation of the SST39VF401C/402C and SST39LF401C/402C is controlled by CE# and OE#,
both have to be low for the system to obtain data from the outputs. CE# is used for device selection.
When CE# is high, the chip is deselected and only standby power is consumed. OE# is the output con-
trol and is used to gate data from the output pins. The data bus is in high impedance state when either
CE# or OE# is high. Refer to the Read cycle timing diagram for further details (Figure 6).
Word-Program Operation
The SST39VF401C/402C and SST39LF401C/402C are programmed on a word-by-word basis. Before
programming, the sector where the word exists must be fully erased. The Program operation is accom-
plished in three steps. The first step is the three-byte load sequence for Software Data Protection. The
second step is to load word address and word data. During the Word-Program operation, the
addresses are latched on the falling edge of either CE# or WE#, whichever occurs last. The data is
latched on the rising edge of either CE# or WE#, whichever occurs first. The third step is the internal
Program operation which is initiated after the rising edge of the fourth WE# or CE#, whichever occurs
first. The Program operation, once initiated, will be completed within 10 µs. See Figures 7 and 8 for
WE# and CE# controlled Program operation timing diagrams and Figure 22 for flowcharts. During the
Program operation, the only valid reads are Data# Polling and Toggle Bit. During the internal Program
operation, the host is free to perform additional tasks. Any commands issued during the internal Pro-
gram operation are ignored. During the command sequence, WP# should be statically held high or low.
Sector/Block-Erase Operation
The Sector- (or Block-) Erase operation allows the system to erase the device on a sector-by-sector (or
block-by-block) basis. The SST39VF401C/402C and SST39LF401C/402C offer both Sector-Erase and
Block-Erase mode.
The sector architecture is based on a uniform sector size of 2 KWord. The Block-Erase mode is based
on non-uniform block sizes—seven 32 KWord, one 16 KWord, two 4 KWord, and one 8 KWord blocks.
See Figure 2 for top and bottom boot device block addresses. The Sector-Erase operation is initiated
by executing a six-byte command sequence with Sector-Erase command (50H) and sector address
(SA) in the last bus cycle. The Block-Erase operation is initiated by executing a six-byte command
sequence with Block-Erase command (30H) and block address (BA) in the last bus cycle. The sector
or block address is latched on the falling edge of the sixth WE# pulse, while the command (30H or
50H) is latched on the rising edge of the sixth WE# pulse. The internal Erase operation begins after the


Similar Part No. - SST39VF402C-70-4I-B3KE

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST39VF400A SST-SST39VF400A Datasheet
340Kb / 30P
   2 Mbit / 4 Mbit / 8 Mbit (x16) Multi-Purpose Flash
SST39VF400A SST-SST39VF400A Datasheet
343Kb / 20P
   2 MBIT / 4 MBIT / 8 MBIT ( X 16 ) MULTI - PURPOSE FLASH
SST39VF400A SST-SST39VF400A Datasheet
843Kb / 31P
   2 Mbit / 4 Mbit / 8 Mbit (x16) Multi-Purpose Flash
SST39VF400A SST-SST39VF400A Datasheet
862Kb / 31P
   2 Mbit / 4 Mbit / 8 Mbit (x16) Multi-Purpose Flash
logo
Microchip Technology
SST39VF400A MICROCHIP-SST39VF400A Datasheet
4Mb / 37P
   Mbit / 4 Mbit / 8 Mbit (x16) Multi-Purpose Flash
2011 Silicon
More results

Similar Description - SST39VF402C-70-4I-B3KE

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST39VF6401B SST-SST39VF6401B Datasheet
476Kb / 30P
   64 Mbit (x16) Multi-Purpose Flash Plus
SST39WF1601 SST-SST39WF1601_11 Datasheet
618Kb / 27P
   16 Mbit (x16) Multi-Purpose Flash Plus
SST39VF801C-70-4C-B3KE SST-SST39VF801C-70-4C-B3KE Datasheet
378Kb / 38P
   8 Mbit (x16) Multi-Purpose Flash Plus
logo
Microchip Technology
SST39VF6401B MICROCHIP-SST39VF6401B_V01 Datasheet
4Mb / 38P
   64 Mbit (x16) Multi-Purpose Flash Plus
Revision C May 2018
SST39VF6401B MICROCHIP-SST39VF6401B Datasheet
530Kb / 36P
   64 Mbit (x16) Multi-Purpose Flash Plus
08/15
logo
Silicon Storage Technol...
SST39VF1601C SST-SST39VF1601C Datasheet
379Kb / 39P
   16 Mbit (x16) Multi-Purpose Flash Plus
logo
Microchip Technology
SST39VF1601C MICROCHIP-SST39VF1601C Datasheet
1Mb / 38P
   16 Mbit (x16) Multi-Purpose Flash Plus
Rev. B / May 2018
logo
Silicon Storage Technol...
SST39WF1601 SST-SST39WF1601_10 Datasheet
811Kb / 29P
   16 Mbit (x16) Multi-Purpose Flash Plus
logo
Microchip Technology
SST39VF3201B-70-4I-EKE MICROCHIP-SST39VF3201B-70-4I-EKE Datasheet
904Kb / 29P
   32 Mbit (x16) Multi-Purpose Flash Plus
1/09
logo
Silicon Storage Technol...
SST39WF1601 SST-SST39WF1601 Datasheet
741Kb / 29P
   16 Mbit (x16) Multi-Purpose Flash Plus
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com