Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SST39VF402C-70-4I-EKE Datasheet(PDF) 10 Page - Microchip Technology

Part # SST39VF402C-70-4I-EKE
Description  4 Mbit (x16) Multi-Purpose Flash Plus
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST39VF402C-70-4I-EKE Datasheet(HTML) 10 Page - Microchip Technology

Back Button SST39VF402C-70-4I-EKE Datasheet HTML 6Page - Microchip Technology SST39VF402C-70-4I-EKE Datasheet HTML 7Page - Microchip Technology SST39VF402C-70-4I-EKE Datasheet HTML 8Page - Microchip Technology SST39VF402C-70-4I-EKE Datasheet HTML 9Page - Microchip Technology SST39VF402C-70-4I-EKE Datasheet HTML 10Page - Microchip Technology SST39VF402C-70-4I-EKE Datasheet HTML 11Page - Microchip Technology SST39VF402C-70-4I-EKE Datasheet HTML 12Page - Microchip Technology SST39VF402C-70-4I-EKE Datasheet HTML 13Page - Microchip Technology SST39VF402C-70-4I-EKE Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 38 page
background image
©2014 Silicon Storage Technology, Inc.
DS20005053B
04/14
10
4 Mbit (x16) Multi-Purpose Flash Plus
SST39VF401C / SST39VF402C / SST39LF401C / SST39LF402C
Data Sheet
Data Protection
The SST39VF401C/402C and SST39LF401C/402C provide both hardware and software features to pro-
tect nonvolatile data from inadvertent writes.
Hardware Data Protection
Noise/Glitch Protection: A WE# or CE# pulse of less than 5 ns will not initiate a write cycle.
VDD Power Up/Down Detection: The Write operation is inhibited when VDD is less than 1.5V.
Write Inhibit Mode: Forcing OE# low, CE# high, or WE# high will inhibit the Write operation. This pre-
vents inadvertent writes during power-up or power-down.
Hardware Block Protection
The SST39VF402C/SST39LF402C support top hardware block protection, which protects the top 8
KWord block of the device. The SST39VF401C/SST39LF401C support bottom hardware block protec-
tion, which protects the bottom 8KWord block of the device. The Boot Block address ranges are
described in Table 4. Program and Erase operations are prevented on the 8 KWord when WP# is low.
If WP# is left floating, it is internally held high via a pull-up resistor, and the Boot Block is unprotected,
enabling Program and Erase operations on that block.
Hardware Reset (RST#)
The RST# pin provides a hardware method of resetting the device to read array data. When the RST#
pin is held low for at least TRP, any in-progress operation will terminate and return to Read mode. When
no internal Program/Erase operation is in progress, a minimum period of TRHR is required after RST#
is driven high before a valid Read can take place (see Figure 18).
The Erase or Program operation that has been interrupted needs to be re-initiated after the device
resumes normal operation mode to ensure data integrity.
Software Data Protection (SDP)
The SST39VF401C/402C and SST39LF401C/402C provide the JEDEC approved Software Data Pro-
tection scheme for all data alteration operations, i.e., Program and Erase. Any Program operation
requires the inclusion of the three-byte sequence. The three-byte load sequence is used to initiate the
Program operation, providing optimal protection from inadvertent Write operations, e.g., during the
system power-up or power-down. Any Erase operation requires the inclusion of six-byte sequence.
These devices are shipped with the Software Data Protection permanently enabled. See Table 7 for
Table 4: Boot Block Address Ranges
Product
Address Range
Bottom Boot Block
SST39VF401C/SST39LF401C
00000H - 01FFFH
Top Boot Block
SST39VF402C/SST39LF402C
3E000H - 3FFFFH
T4.0 25053


Similar Part No. - SST39VF402C-70-4I-EKE

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST39VF400A SST-SST39VF400A Datasheet
340Kb / 30P
   2 Mbit / 4 Mbit / 8 Mbit (x16) Multi-Purpose Flash
SST39VF400A SST-SST39VF400A Datasheet
343Kb / 20P
   2 MBIT / 4 MBIT / 8 MBIT ( X 16 ) MULTI - PURPOSE FLASH
SST39VF400A SST-SST39VF400A Datasheet
843Kb / 31P
   2 Mbit / 4 Mbit / 8 Mbit (x16) Multi-Purpose Flash
SST39VF400A SST-SST39VF400A Datasheet
862Kb / 31P
   2 Mbit / 4 Mbit / 8 Mbit (x16) Multi-Purpose Flash
logo
Microchip Technology
SST39VF400A MICROCHIP-SST39VF400A Datasheet
4Mb / 37P
   Mbit / 4 Mbit / 8 Mbit (x16) Multi-Purpose Flash
2011 Silicon
More results

Similar Description - SST39VF402C-70-4I-EKE

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST39VF6401B SST-SST39VF6401B Datasheet
476Kb / 30P
   64 Mbit (x16) Multi-Purpose Flash Plus
SST39WF1601 SST-SST39WF1601_11 Datasheet
618Kb / 27P
   16 Mbit (x16) Multi-Purpose Flash Plus
SST39VF801C-70-4C-B3KE SST-SST39VF801C-70-4C-B3KE Datasheet
378Kb / 38P
   8 Mbit (x16) Multi-Purpose Flash Plus
logo
Microchip Technology
SST39VF6401B MICROCHIP-SST39VF6401B_V01 Datasheet
4Mb / 38P
   64 Mbit (x16) Multi-Purpose Flash Plus
Revision C May 2018
SST39VF6401B MICROCHIP-SST39VF6401B Datasheet
530Kb / 36P
   64 Mbit (x16) Multi-Purpose Flash Plus
08/15
logo
Silicon Storage Technol...
SST39VF1601C SST-SST39VF1601C Datasheet
379Kb / 39P
   16 Mbit (x16) Multi-Purpose Flash Plus
logo
Microchip Technology
SST39VF1601C MICROCHIP-SST39VF1601C Datasheet
1Mb / 38P
   16 Mbit (x16) Multi-Purpose Flash Plus
Rev. B / May 2018
logo
Silicon Storage Technol...
SST39WF1601 SST-SST39WF1601_10 Datasheet
811Kb / 29P
   16 Mbit (x16) Multi-Purpose Flash Plus
logo
Microchip Technology
SST39VF3201B-70-4I-EKE MICROCHIP-SST39VF3201B-70-4I-EKE Datasheet
904Kb / 29P
   32 Mbit (x16) Multi-Purpose Flash Plus
1/09
logo
Silicon Storage Technol...
SST39WF1601 SST-SST39WF1601 Datasheet
741Kb / 29P
   16 Mbit (x16) Multi-Purpose Flash Plus
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com