Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SST11LF04-Q3CE-K Datasheet(PDF) 8 Page - Microchip Technology

Part # SST11LF04-Q3CE-K
Description  4.9-5.9 GHz High-Linearity, High-Efficiency Front-end Module
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST11LF04-Q3CE-K Datasheet(HTML) 8 Page - Microchip Technology

Back Button SST11LF04-Q3CE-K Datasheet HTML 4Page - Microchip Technology SST11LF04-Q3CE-K Datasheet HTML 5Page - Microchip Technology SST11LF04-Q3CE-K Datasheet HTML 6Page - Microchip Technology SST11LF04-Q3CE-K Datasheet HTML 7Page - Microchip Technology SST11LF04-Q3CE-K Datasheet HTML 8Page - Microchip Technology SST11LF04-Q3CE-K Datasheet HTML 9Page - Microchip Technology SST11LF04-Q3CE-K Datasheet HTML 10Page - Microchip Technology SST11LF04-Q3CE-K Datasheet HTML 11Page - Microchip Technology SST11LF04-Q3CE-K Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
SST11LF04
DS70005081B-page 8
 2014 Microchip Technology Inc.
FIGURE 4-3:
DYNAMIC EVM VERSUS OUTPUT POWER, 802.11ac, MCS9, 80 MHz, 60 µS
PULSE, 75% DUTY CYCLE
FIGURE 4-4:
DC SUPPLY CURRENT VERSUS OUTPUT POWER 802.11a, 54 Mbps, 100%
DUTY CYCLE
0
1
2
3
4
5
6
7
8
9
10
5
6
7
8
9
10
1112131415161718192021
Output Power (dBm)
Dynamic EVM versus Output Power
4920
5180
5500
5850
75081 F7.0
75081 F8.0
200
210
220
230
240
250
260
270
280
290
300
310
320
330
340
350
360
370
380
390
400
0
1
2
3
4
5
6
7
8
9 10 11 12 13 14 15 16 17 18 19 20 21 22
Output Power (dBm)
Supply Current versus Output Power
4920
5180
5500
5850


Similar Part No. - SST11LF04-Q3CE-K

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST11LP11 SST-SST11LP11 Datasheet
482Kb / 14P
   4.9-5.8 GHz High-Linearity Power Amplifier
SST11LP11-QVC SST-SST11LP11-QVC Datasheet
482Kb / 14P
   4.9-5.8 GHz High-Linearity Power Amplifier
SST11LP11-QVC-K SST-SST11LP11-QVC-K Datasheet
482Kb / 14P
   4.9-5.8 GHz High-Linearity Power Amplifier
SST11LP11-QVCE SST-SST11LP11-QVCE Datasheet
482Kb / 14P
   4.9-5.8 GHz High-Linearity Power Amplifier
SST11LP11-QVCE-K SST-SST11LP11-QVCE-K Datasheet
482Kb / 14P
   4.9-5.8 GHz High-Linearity Power Amplifier
More results

Similar Description - SST11LF04-Q3CE-K

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
SST11CP15E MICROCHIP-SST11CP15E Datasheet
174Kb / 17P
   4.9-5.9 GHz High-Linearity Power Amplifier
2013 05/13
SST11CP15 MICROCHIP-SST11CP15 Datasheet
181Kb / 18P
   4.9-5.9 GHz High-Linearity Power Amplifier
08/13
SST12LF09 MICROCHIP-SST12LF09_13 Datasheet
548Kb / 18P
   2.4 GHz High-Linearity, WLAN Front-End Module
2013
logo
Silicon Storage Technol...
SST12LF02 SST-SST12LF02 Datasheet
239Kb / 2P
   2.4 GHz High-Gain, High-Efficiency Front-end Module
logo
Microchip Technology
SST12LF09 MICROCHIP-SST12LF09 Datasheet
364Kb / 15P
   2.4 GHz High-Gain, High-Efficiency Front-end Module
2013
logo
Silicon Storage Technol...
SST12LF03 SST-SST12LF03 Datasheet
419Kb / 18P
   2.4 GHz High-Gain, High-Efficiency Front-end Module
logo
Texas Instruments
TRF2436 TI-TRF2436 Datasheet
224Kb / 11P
[Old version datasheet]   High-Power Dual-Band (2.4-GHz to 2.5-GHz and 4.9-GHz to 5.9-GHz) RF Front-End
TRF2436 TI-TRF2436_07 Datasheet
423Kb / 14P
[Old version datasheet]   High-Power Dual-Band (2.4-GHz to 2.5-GHz and 4.9-GHz to 5.9-GHz) RF Front-End
logo
Mimix Broadband
XP1044-QL MIMIX-XP1044-QL Datasheet
200Kb / 5P
   4.9-5.9 GHz 3W Power Amplifier Module
logo
Microchip Technology
SST12LF02 MICROCHIP-SST12LF02 Datasheet
239Kb / 2P
   2.4 GHz High-Gain, High-Efficiency Front-end Module Cordless phones
06/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com