Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

4850.1410 Datasheet(PDF) 1 Page - Schurter Inc.

Part # 4850.1410
Description  4850, 4-pole, Socket, PCB terminals, DIN Plug/Socket
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

4850.1410 Datasheet(HTML) 1 Page - Schurter Inc.

  4850.1410 Datasheet HTML 1Page - Schurter Inc. 4850.1410 Datasheet HTML 2Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
DIN Plug/Socket
4850.2400
www.schurter.com /PG12
Appliance inlet
4850, 4-pole, Socket, PCB terminals, DIN Plug/Socket
4-pole
Description
- PCB Mounting :
Screw-on mounting , from rear-side
- DIN Plug: 4-pole , straight
Technical Data
Diameter
9.0 mm
Number of Poles
4-pole
Ratings DC
1 A / 12 VDC
Ratings AC
1 A / 100 VAC
Dielectric Strength
250 VAC
Insulation Resistance
> 50 M
Ω␣ @ 250VDC
Allowable Operation Temp.
-20 °C to 70 °C
Terminal
PCB terminals silver plated
Mounting
Screw-on mounting
wall thickness max. 2.0 mm
Lifetime
5000 Insertions
Dimensions
17.0
12.8
4.5
1.5
3.5
4.0
2.7
4 Holes ø 0.9
4.6
2 Holes
1.3x0.7
5.6
9.4
PCB Component Side
3
4
1
2
2
1
4
3
All Variants
Product group
Diameter [mm]
Number of Poles
Terminal
Order Number
DIN Plug/Socket
9.0
4-pole
PCB terminals
4850.2400
Availability for all products can be searched real-time:http://www.schurter.com/Stock-Check/Stock-Check-SCHURTER
Packaging unit
250 Pcs


Similar Part No. - 4850.1410

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
4850.1410 SCHURTER-4850.1410 Datasheet
222Kb / 2P
   4850, 4-pole, Socket, PCB terminals, DIN Plug/Socket
4850.1410 SCHURTER-4850.1410 Datasheet
228Kb / 2P
   4850, 4-pole, Plug, solder terminal, DIN Plug/Socket
4850.1410 SCHURTER-4850.1410 Datasheet
240Kb / 2P
   , 4-pole, Plug, solder terminal, DIN Plug/Socket
4850.1410 SCHURTER-4850.1410 Datasheet
240Kb / 2P
   , 4-pole, Plug, solder terminal, DIN Plug/Socket
04.01.2022
4850.1410 SCHURTER-4850.1410_V01 Datasheet
240Kb / 2P
   , 4-pole, Plug, solder terminal, DIN Plug/Socket
More results

Similar Description - 4850.1410

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
4850.2400 SCHURTER-4850.2400_17 Datasheet
229Kb / 2P
   4850, 4-pole, Socket, PCB terminals, DIN Plug/Socket
4850.2410 SCHURTER-4850.2410_17 Datasheet
223Kb / 2P
   4850, 4-pole, Socket, PCB terminals, DIN Plug/Socket
4850.2410 SCHURTER-4850.2410 Datasheet
222Kb / 2P
   4850, 4-pole, Socket, PCB terminals, DIN Plug/Socket
4850.2300 SCHURTER-4850.2300 Datasheet
227Kb / 2P
   4850, 3-pole, Socket, PCB terminals, DIN Plug/Socket
4850.2510 SCHURTER-4850.2510 Datasheet
222Kb / 2P
   4850, 5-pole, Socket, PCB terminals, DIN Plug/Socket
4850.2800 SCHURTER-4850.2800 Datasheet
237Kb / 2P
   4850, 8-pole, Socket, PCB terminals, DIN Plug/Socket
4850.2600 SCHURTER-4850.2600 Datasheet
228Kb / 2P
   4850, 6-pole, Socket, PCB terminals, DIN Plug/Socket
4850.2810 SCHURTER-4850.2810 Datasheet
223Kb / 2P
   4850, 8-pole, Socket, PCB terminals, DIN Plug/Socket
4850.2710 SCHURTER-4850.2710 Datasheet
223Kb / 2P
   4850, 7-pole, Socket, PCB terminals, DIN Plug/Socket
4850.2610 SCHURTER-4850.2610 Datasheet
224Kb / 2P
   4850, 6-pole, Socket, PCB terminals, DIN Plug/Socket
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com