Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

4840.1201 Datasheet(PDF) 1 Page - Schurter Inc.

Part # 4840.1201
Description  4840, solder terminal, Plug, 5.5 mm, 2-pole, DC Plug/Socket
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

4840.1201 Datasheet(HTML) 1 Page - Schurter Inc.

  4840.1201 Datasheet HTML 1Page - Schurter Inc. 4840.1201 Datasheet HTML 2Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
DC Plug/Socket
4840.1201
www.schurter.com /PG12
Appliance inlet
4840, solder terminal, Plug, 5.5 mm, 2-pole, DC Plug/Socket
Description
- Solder terminal :
for cable mounting
- Low Voltage DC Plug and Socket
- DC Plug: 2-pole , straight
Technical Data
Diameter
5.5 mm / 2.1 mm
Number of Poles
2-pole
Ratings DC
0.5 A / 12 VDC
Dielectric Strength
500 VDC
Insulation Resistance
> 100 M
Ω␣ @ 500VDC
Allowable Operation Temp.
-20 °C to 70 °C
Terminal
solder terminal nickel-plated
lockable
Style
straight
Lifetime
5000 Insertions
Dimensions
12.0
10.4
ø 4.0
25.0
9.5
7.5
0.8
Cable diameter max. 4.0 mm
All Variants
Product group
Diameter [mm]
Number of Poles
Terminal
Order Number
DC Plug/Socket
5.5
2-pole
solder terminal
4840.1201
Most Popular.
Availability for all products can be searched real-time:http://www.schurter.com/Stock-Check/Stock-Check-SCHURTER
Packaging unit
100 Pcs


Similar Part No. - 4840.1201

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
4840.1201 SCHURTER-4840.1201 Datasheet
216Kb / 2P
   4840, solder terminal, Plug, 5.5 mm, 2-pole, DC Plug/Socket
4840.1201 SCHURTER-4840.1201_17 Datasheet
216Kb / 2P
   4840, solder terminal, Plug, 5.5 mm, 2-pole, DC Plug/Socket
4840.1201 SCHURTER-4840.1201_V01 Datasheet
228Kb / 2P
   , solder terminal, Plug, 5.5 mm, 2-pole, DC Plug/Socket
04.01.2022
More results

Similar Description - 4840.1201

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
4840.1200 SCHURTER-4840.1200 Datasheet
220Kb / 2P
   4840, solder terminal, Plug, 5.5 mm, 2-pole, DC Plug/Socket
4840.1220 SCHURTER-4840.1220_17 Datasheet
236Kb / 2P
   4840, solder terminal, Plug, 5.5 mm, 2-pole, DC Plug/Socket
4840.1211 SCHURTER-4840.1211 Datasheet
215Kb / 2P
   4840, solder terminal, Plug, 5.5 mm, 2-pole, DC Plug/Socket
4840.1211 SCHURTER-4840.1211_17 Datasheet
217Kb / 2P
   4840, solder terminal, Plug, 5.5 mm, 2-pole, DC Plug/Socket
4840.1201 SCHURTER-4840.1201_17 Datasheet
216Kb / 2P
   4840, solder terminal, Plug, 5.5 mm, 2-pole, DC Plug/Socket
4840.1220 SCHURTER-4840.1220 Datasheet
235Kb / 2P
   4840, solder terminal, Plug, 5.5 mm, 2-pole, DC Plug/Socket
4840.1210 SCHURTER-4840.1210 Datasheet
219Kb / 2P
   4840, solder terminal, Plug, 5.5 mm, 2-pole, DC Plug/Socket
4840.5210 SCHURTER-4840.5210 Datasheet
220Kb / 2P
   4840, Cable, Plug, 5.5 mm, 2-pole, DC Plug/Socket
4840.1230 SCHURTER-4840.1230_17 Datasheet
216Kb / 2P
   4840, solder terminal, Plug, 6.5 mm, 2-pole, DC Plug/Socket
4840.1230 SCHURTER-4840.1230 Datasheet
215Kb / 2P
   4840, solder terminal, Plug, 6.5 mm, 2-pole, DC Plug/Socket
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com