Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

4832.1300 Datasheet(PDF) 1 Page - Schurter Inc.

Part # 4832.1300
Description  4832, PCB terminals, screened, 3-pole, Audio Plug/Sockets, 3.5 mm
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

4832.1300 Datasheet(HTML) 1 Page - Schurter Inc.

  4832.1300 Datasheet HTML 1Page - Schurter Inc. 4832.1300 Datasheet HTML 2Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
Audio Plug/Sockets
4832.2320
www.schurter.com /PG12
Appliance inlet
4832, PCB terminals, screened, 3-pole, Audio Plug/Sockets, 3.5 mm
Description
- PCB Mounting :
Screw-on mounting , from rear-side
- Audio entrances and exits
- Data and Signal transfer
- Audio Plug: 3-pole , shielded , straight
References
Alternative: Housing insulated 4832.2330
Technical Data
Diameter
3.5 mm
Number of Poles
3-pole
Ratings DC
0.5 A / 30 VDC
Ratings AC
0.5 A / 30 VAC
Dielectric Strength
500 VDC
Insulation Resistance
> 100 M
Ω␣ @ 500VDC
Allowable Operation Temp.
-20 °C to 70 °C
Terminal
PCB terminals silver plated
Mounting
Screw-on mounting
wall thickness max. 1.7 mm
Housings
screened
Style
straight
Lifetime
5000 Insertions
Dimensions
12.0
15.5
12.0
ø 3.6
ø 8.0x1.8
ø 6.2
A = 1.4x0.6 / B = 2.0x0.6
2.4
4.5
4.5
2.2
A
B
B
A
Ž
Œ


PCB Component Side
Diagrams

Ž
Œ



Similar Part No. - 4832.1300

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
4832.1300 SCHURTER-4832.1300 Datasheet
219Kb / 2P
   4832, solder terminal, screened, 3-pole, Audio Plug/Sockets, 3.5 mm
4832.1300 SCHURTER-4832.1300 Datasheet
271Kb / 2P
   4832, solder terminal, screened, 3-pole, Audio Plug/Sockets, 3.5 mm
4832.1300 SCHURTER-4832.1300 Datasheet
272Kb / 2P
   4832, solder terminal, insulated, 3-pole, Audio Plug/Sockets, 3.5 mm
4832.1300 SCHURTER-4832.1300 Datasheet
220Kb / 2P
   4832, solder terminal, screened, 3-pole, Audio Plug/Sockets, 3.5 mm
4832.1300 SCHURTER-4832.1300 Datasheet
286Kb / 2P
   , solder terminal, insulated, 3-pole, Audio Plug/Sockets, 3.5 mm
More results

Similar Description - 4832.1300

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
4832.2320 SCHURTER-4832.2320_17 Datasheet
277Kb / 2P
   4832, PCB terminals, screened, 3-pole, Audio Plug/Sockets, 3.5 mm
4832.2220 SCHURTER-4832.2220_17 Datasheet
276Kb / 2P
   4832, PCB terminals, screened, 2-pole, Audio Plug/Sockets, 3.5 mm
4832.2220 SCHURTER-4832.2220 Datasheet
275Kb / 2P
   4832, PCB terminals, screened, 2-pole, Audio Plug/Sockets, 3.5 mm
4832.2320 SCHURTER-4832.2320_V01 Datasheet
289Kb / 2P
   , PCB terminals, screened, 3-pole, Audio Plug/Sockets, 3.5 mm
4832.2330 SCHURTER-4832.2330 Datasheet
272Kb / 2P
   4832, PCB terminals, insulated, 3-pole, Audio Plug/Sockets, 3.5 mm
4832.2300 SCHURTER-4832.2300_17 Datasheet
272Kb / 2P
   4832, solder terminal, screened, 3-pole, Audio Plug/Sockets, 3.5 mm
4832.1300 SCHURTER-4832.1300_17 Datasheet
220Kb / 2P
   4832, solder terminal, screened, 3-pole, Audio Plug/Sockets, 3.5 mm
4832.1300 SCHURTER-4832.1300 Datasheet
219Kb / 2P
   4832, solder terminal, screened, 3-pole, Audio Plug/Sockets, 3.5 mm
4832.2300 SCHURTER-4832.2300 Datasheet
271Kb / 2P
   4832, solder terminal, screened, 3-pole, Audio Plug/Sockets, 3.5 mm
4832.2220 SCHURTER-4832.2220_V01 Datasheet
288Kb / 2P
   , PCB terminals, screened, 2-pole, Audio Plug/Sockets, 3.5 mm
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com