Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

4831.3300 Datasheet(PDF) 2 Page - Schurter Inc.

Part # 4831.3300
Description  4831, solder terminal, insulated, 3-pole, Audio Plug/Sockets, 2.5 mm
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

4831.3300 Datasheet(HTML) 2 Page - Schurter Inc.

  4831.3300 Datasheet HTML 1Page - Schurter Inc. 4831.3300 Datasheet HTML 2Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
Audio Plug/Sockets
4831.3300
www.schurter.com /PG12
Appliance inlet
Packaging unit
100 Pcs
Mating Inlets/Plugs
Category / Description
Audio Plug/Sockets Overview complete
4831, solder terminal, screened, 3-pole, Audio Plug/Sockets, 2.5 mm
4831.1300
4831, solder terminal, insulated, 3-pole, Audio Plug/Sockets, 2.5 mm
4831.1310
4831, solder terminal, insulated, 3-pole, Audio Plug/Sockets, 2.5 mm
4831.1320
Audio Plug/Sockets further types to 4831.3300
The specifications, descriptions and illustrations indicated in this document are based on current
information. All content is subject to modifications and amendments. Information furnished is believed
to be accurate and reliable. However, users should independently evaluate the suitability and test each
product selected for their own applications.


Similar Part No. - 4831.3300

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
4831.3300 SCHURTER-4831.3300 Datasheet
216Kb / 2P
   4831, solder terminal, insulated, 3-pole, Audio Plug/Sockets, 2.5 mm
4831.3300 SCHURTER-4831.3300 Datasheet
210Kb / 2P
   4831, solder terminal, insulated, 3-pole, Audio Plug/Sockets, 2.5 mm
4831.3300 SCHURTER-4831.3300 Datasheet
275Kb / 2P
   4831, solder terminal, insulated, 3-pole, Audio Plug/Sockets, 2.5 mm
4831.3300 SCHURTER-4831.3300 Datasheet
229Kb / 2P
   , solder terminal, insulated, 3-pole, Audio Plug/Sockets, 2.5 mm
4831.3300 SCHURTER-4831.3300 Datasheet
224Kb / 2P
   , solder terminal, screened, 3-pole, Audio Plug/Sockets, 2.5 mm
More results

Similar Description - 4831.3300

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
4831.1310 SCHURTER-4831.1310_17 Datasheet
217Kb / 2P
   4831, solder terminal, insulated, 3-pole, Audio Plug/Sockets, 2.5 mm
4831.1310 SCHURTER-4831.1310 Datasheet
216Kb / 2P
   4831, solder terminal, insulated, 3-pole, Audio Plug/Sockets, 2.5 mm
4831.1320 SCHURTER-4831.1320 Datasheet
210Kb / 2P
   4831, solder terminal, insulated, 3-pole, Audio Plug/Sockets, 2.5 mm
4831.1320 SCHURTER-4831.1320_17 Datasheet
211Kb / 2P
   4831, solder terminal, insulated, 3-pole, Audio Plug/Sockets, 2.5 mm
4831.3300 SCHURTER-4831.3300_17 Datasheet
275Kb / 2P
   4831, solder terminal, insulated, 3-pole, Audio Plug/Sockets, 2.5 mm
4831.1220 SCHURTER-4831.1220 Datasheet
212Kb / 2P
   4831, solder terminal, insulated, 2-pole, Audio Plug/Sockets, 2.5 mm
4831.1210 SCHURTER-4831.1210_17 Datasheet
218Kb / 2P
   4831, solder terminal, insulated, 2-pole, Audio Plug/Sockets, 2.5 mm
4831.1220 SCHURTER-4831.1220_17 Datasheet
213Kb / 2P
   4831, solder terminal, insulated, 2-pole, Audio Plug/Sockets, 2.5 mm
4831.3200 SCHURTER-4831.3200_17 Datasheet
273Kb / 2P
   4831, solder terminal, insulated, 2-pole, Audio Plug/Sockets, 2.5 mm
4831.3200 SCHURTER-4831.3200 Datasheet
272Kb / 2P
   4831, solder terminal, insulated, 2-pole, Audio Plug/Sockets, 2.5 mm
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com