Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

58614-2 Datasheet(PDF) 1 Page - TE Connectivity Ltd

Part # 58614-2
Description  PRO-CRIMPER III Hand Crimping
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

58614-2 Datasheet(HTML) 1 Page - TE Connectivity Ltd

  58614-2 Datasheet HTML 1Page - TE Connectivity Ltd 58614-2 Datasheet HTML 2Page - TE Connectivity Ltd 58614-2 Datasheet HTML 3Page - TE Connectivity Ltd 58614-2 Datasheet HTML 4Page - TE Connectivity Ltd 58614-2 Datasheet HTML 5Page - TE Connectivity Ltd 58614-2 Datasheet HTML 6Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Locator Assembly
(Supplied with
Die Assembly)
Front of Tool
(Locator Side)
Die Assembly
Moving Jaw
Ratchet Adjustment Wheel
Moving Handle
Pivot Pin
PRO-CRIMPER III
Hand Crimping Tool
Frame 354940-1
(408-9930)
Back of Tool
(Wire Side)
Stationary
Handle
Stationary Jaw
TE DIE
ASSEMBLY
LOCATOR
ASSEMBLY †
CONTACT
FAMILY ‡
WIRE
SIZE
(AWG)
INSULATION
DIAMETER
STRIP LENGTH
(mm [In.]
58614-2
58515-1
SL156
Series
Connectors
24 - 20 L
18
1.52 - 2.79
[.060 - .110]
3.96 ± 0.38
[.156 ± .015]
1.09 - 1.91
[.043 - .075
24 - 20 S
† Supplied with die assembly. Also available separately.
‡Contact the TOOLING ASSISTANCE CENTER or PRODUCT INFORMATION (see below) for specific contact part numbers.
©2011 Tyco Electronics Corporation, a TE Connectivity Ltd. Company
All Rights Reserved
*Trademark
TE Connectivity, TE connectivity (logo), and TE (logo) are trademarks. Other logos, product and/or Company names may be trademarks of their respective owners.
1 of 6
Instruction Sheet
TOOLING ASSISTANCE CENTER 1-800-722-1111
PRODUCT INFORMATION 1-800-522-6752
This controlled document is subject to change.
For latest revision and Regional Customer Service,
visit our website at www.te.com
LOC B
408-4228
PRO-CRIMPER* III Hand Crimping
Tool Assembly 58614-1 with
Die Assembly 58614-2
05 MAY 11 Rev C
PROPER USE GUIDELINES
Cumulative Trauma Disorders can result from the prolonged use of manually powered hand tools. Hand tools are intended for occasional use
and low volume applications. A wide selection of powered application equipment for extended-use, production operations is available.
Figure 1
1. INTRODUCTION
PRO-CRIMPER III Hand Crimping Tool Assembly
58614-1 consists of Die Assembly 58614-2 and PRO-
CRIMPER III Hand Crimping Tool Frame 354940-1.
The die assembly consists of crimping dies and a
locator assembly.
Read these instructions thoroughly before crimping
any contacts.
NOTE
i
Dimensions on this sheet are in millimeters [with
inch equivalents provided in brackets]. Figures and
illustrations are for identification only and are not
drawn to scale.
Reasons for revision are listed in Section 11,
REVISION SUMMARY.
The PRO-CRIMPER III Hand Crimping Tool is a “Commercial" grade
tool and is designed primarily for field installation, repair, maintenance
work, or prototyping in industrial, commercial, or institutional
applications. Product crimped with this tool will meet the crimp height
requirement for hand tools in the appropriate Application Specification
(114-series), but may not comply with other feature parameters of the
specification. Tyco Electronics offers a variety of tools to satisfy your
performance requirements. For additional information, contact the
Tooling Assistance Center at 1-800-722-1111.


Similar Part No. - 58614-2

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
58611-1 MACOM-58611-1 Datasheet
244Kb / 6P
   PRO-CRIMPER III Hand Crimping Tool Assembly
58611-2 MACOM-58611-2 Datasheet
244Kb / 6P
   PRO-CRIMPER III Hand Crimping Tool Assembly
logo
Alpha Wire
58612 ALPHAWIRE-58612 Datasheet
70Kb / 3P
   Customer Specification
logo
Tyco Electronics
58613-1 MACOM-58613-1 Datasheet
245Kb / 6P
   PRO-CRIMPER* III Hand Crimping Tool Assembly
58613-2 MACOM-58613-2 Datasheet
245Kb / 6P
   PRO-CRIMPER* III Hand Crimping Tool Assembly
More results

Similar Description - 58614-2

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
408-8917 TEC-408-8917 Datasheet
839Kb / 5P
   PRO-CRIMPER III Hand Crimping
408-4452 TEC-408-4452 Datasheet
129Kb / 4P
   PRO-CRIMPER III Hand Crimping
logo
Tyco Electronics
408-4379 MACOM-408-4379 Datasheet
132Kb / 5P
   PRO-CRIMPER* III Hand Crimping
logo
TE Connectivity Ltd
408-9886 TEC-408-9886 Datasheet
247Kb / 6P
   PRO-CRIMPER III Hand Crimping
408-4219 TEC-408-4219 Datasheet
325Kb / 6P
   PRO-CRIMPER III Hand Crimping
408-4251 TEC-408-4251 Datasheet
955Kb / 4P
   PRO-CRIMPER III Hand Crimping
408-4345 TEC-408-4345 Datasheet
380Kb / 5P
   PRO-CRIMPER III Hand Crimping
logo
Tyco Electronics
408-9886 MACOM-408-9886 Datasheet
247Kb / 6P
   PRO-CRIMPER* III Hand Crimping
logo
TE Connectivity Ltd
408-9887 TEC-408-9887 Datasheet
247Kb / 6P
   PRO-CRIMPER III Hand Crimping
408-4007 TEC-408-4007 Datasheet
795Kb / 5P
   PRO-CRIMPER III Hand Crimping
408-4051 TEC-408-4051 Datasheet
337Kb / 4P
   PRO-CRIMPER III Hand Crimping
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com