Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

4-520448-2 Datasheet(PDF) 3 Page - TE Connectivity Ltd

Part # 4-520448-2
Description  Tooling Assemblies
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

4-520448-2 Datasheet(HTML) 3 Page - TE Connectivity Ltd

  4-520448-2 Datasheet HTML 1Page - TE Connectivity Ltd 4-520448-2 Datasheet HTML 2Page - TE Connectivity Ltd 4-520448-2 Datasheet HTML 3Page - TE Connectivity Ltd 4-520448-2 Datasheet HTML 4Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
408- 4153
3
of 4
Rev B
1
7
3
5
2
6
4
15.82
[.623]
23.77
[.936]
Die Part
Number
Marked
Here
33.32
[1.312]
WEIGHT
REPLACEMENT PARTS
WEIGHT
(Per Assembly
)
ITEM NO.
PART NO.
DESCRIPTION
QTY PER ASSY
43g[1.5oz.]
(A
i
)
1
313350--1
ANVIL, For Die Assembly, 224027--1
1
g [
]
(Approximate)
2
2--306131--2
SCREW, Die Holding
1
3
306592--3
SCREW
1
4
313351--1
INDENTER
1
5
313352--1
LOCATOR
1
6
1--21046--3
RING, Retaining
2
7
313350--2
ANVIL, For Die Assembly 224027--2
1
Figure 2
2. Make sure all die holding screws, retaining
rings, and die components are in place. Refer to
the parts listed in Figure 2 if replacements are
necessary.
3. Check components for wear. Remove and
replace worn components.
4. Inspect the crimp area for flattened, chipped,
cracked, worn, or broken areas. If damage is
evident, the dies must be repaired before returning
them to service (see Section 6, REPLACEMENT
AND REPAIR).
5.4. Gaging the Crimped Chamber
This inspection requires the use of a plug gage
conforming to the diameters shown in Figure 3. TE
does not manufacture or market these gages.
Disconnect air supply and remove adapter holder
and straight action crimper, with dies, from
tooling assembly.
1. Mate the dies until it is evident that they have
bottomed. Hold the dies in this position.
2. Align the GO element with the appropriate
crimping chamber. Push element straight into the
crimping chamber without using force. The GO
element must pass completely through the
crimping chamber as shown in Figure 3.
3. Now align the NO--GO element and try to insert
it straight into the same crimping chamber. The
NO--GO element may start entry but must not pass
completely through as shown in Figure 3.
If the crimping chamber conforms to the gage
inspection, the dies are considered dimensionally
correct and should be lubricated with a THIN coat of
SAE 20 motor oil. If not, the dies must be repaired
DANGER


Similar Part No. - 4-520448-2

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
4-520448-2 TEC-4-520448-2 Datasheet
521Kb / 15P
   Ultra-Fast Fully Insulated FASTON Receptacles and Tabs
Revised 3-11
More results

Similar Description - 4-520448-2

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
408-4105 MACOM-408-4105 Datasheet
138Kb / 6P
   Adapt Various Crimping Dies For Use with 626 Pneumatic Tooling Assemblies
logo
TE Connectivity Ltd
408-8413 TEC-408-8413 Datasheet
1Mb / 11P
   626 Pneumatic Crimping Head PN 1338317-1 (Used with 626Pneumatic Tooling Assemblies)
408-8878 TEC-408-8878 Datasheet
217Kb / 4P
   626 Pneumatic Crimping Head 1490191-1 (Used with 626 Pneumatic Tooling Assemblies)
logo
Molex Electronics Ltd.
0634441216 MOLEX11-0634441216 Datasheet
28Kb / 1P
   Application Tooling
0634460705 MOLEX11-0634460705 Datasheet
54Kb / 1P
   Application Tooling
69012-0960 MOLEX11-69012-0960 Datasheet
36Kb / 1P
   Application Tooling
logo
Harwin Plc
T5746 HARWIN-T5746 Datasheet
943Kb / 1P
   Datamate Tooling
logo
List of Unclassifed Man...
SJ4F-71GF-M3.0 ETC2-SJ4F-71GF-M3.0 Datasheet
224Kb / 8P
   APPLICATION TOOLING
logo
Molex Electronics Ltd.
0690080229 MOLEX11-0690080229 Datasheet
35Kb / 1P
   Application Tooling
57823-5000 MOLEX11-57823-5000 Datasheet
23Kb / 1P
   Application Tooling
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com