Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

227000 Datasheet(PDF) 1 Page - TE Connectivity Ltd

Part No. 227000
Description  Crimping Die Assemblies
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TEC [TE Connectivity Ltd]
Homepage  http://www.te.com/usa-en/home.html
Logo 

227000 Datasheet(HTML) 1 Page - TE Connectivity Ltd

   
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Instruction Sheet
Crimping Die Assemblies
408--2786
LOC B
1
of 5
E
2011 Tyco Electronics Corporation, a TE Connectivity Ltd. Company
All Rights Reserved
*Trademark
TE Connectivity, TE connectivity (logo), and TE (logo) are trademarks. Other logos, product and/or Company names may be trademarks of their respective owners.
TOOLING ASSISTANCE CENTER 1--800--722--1111
PRODUCT INFORMATION 1--800--522--6752
This controlled document is subject to change.
For latest revision and Regional Customer Service,
visit our website at www.te.com
03 MAY 11 Rev J
220189- [ ] and 58330- 1
PROPER USE GUIDELINES
Cumulative Trauma Disorders can result from the prolonged use of manually powered hand tools. Hand tools are intended for occasional use and low volume
applications. A wide selection of powered application equipment for extended--use, production operations is available.
PRO--CRIMPER* III
Frame Assembly
354940--1 (Ref)
Stationary Jaw
Die Retaining Screws
Indenter Die
Crimping Die
Assembly (Ref)
Anvil Die
Center Contact
Crimping Chamber
Ferrule Crimping
Chamber
Moveable
Jaw
DIE ASSEMBLY PART NUMBER
CONNECTOR BASE PART NUMBER
220189--1, 220189--2
227000, 227079, 228980, 228979
220189--3
225395, 225396, 225397, 225398
58330--1
227079
Figure 1
1. INTRODUCTION
This instruction sheet covers the use and
maintenance of Crimping Die Assemblies listed in
Figure 1. The dies are used in PRO--CRIMPER III
Frame Assembly 354940--1 to crimp 50-- and
75--Ohm BNC, and 50--Ohm TNC Dual--Crimp
Connectors onto various size cable. Refer to Figure 1
for a list of connectors that are compatible with the
die assemblies. Refer to Catalog 82074 for additional
product part number information. For part numbers
not listed, contact TE Connectivity Product
Engineering for recommendations.
Reasons for reissue are provided in Section 8,
REVISION SUMMARY.
All dimensions in this document are in millimeters
[with inches in brackets]. Figures and Illustrations
are for reference only and are not drawn to scale.
2. DESCRIPTION
Each die assembly consists of an indenter die and an
anvil die, which when mated form two crimping
chambers. The large crimping chamber crimps the
connector ferrule and the small crimping chamber
crimps the connector center contact. Each die is held
in the tool by a single screw. See Figure 1.
NOTE
i


Html Pages

1  2  3  4  5 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn