Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

227000 Datasheet(PDF) 5 Page - TE Connectivity Ltd

Part No. 227000
Description  Crimping Die Assemblies
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TEC [TE Connectivity Ltd]
Homepage  http://www.te.com/usa-en/home.html
Logo 

227000 Datasheet(HTML) 5 Page - TE Connectivity Ltd

   
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
408- 2786
5
of 5
Rev J
30.48 mm
[1.20 in.]
11.89 mm
[.468 in.]
2
1
WEIGHT:
227g[8oz]
34.80 mm
[1.37 in.]
CUSTOMER--REPLACEABLE PARTS
DIE ASSEMBLY
PART NO.
ANVIL
(Item 1)
INDENTER
(Item 2)
220189--1
310498--2
310497--2
220189--2
310498--4
310497--4
220189--3
310567--1
310568--1
58330--1
313764--1
313763--1
Figure 6


Html Pages

1  2  3  4  5 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn