Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

408-2614 Datasheet(PDF) 1 Page - TE Connectivity Ltd

Part # 408-2614
Description  Tool and Die Selection for TE Terminals and Splices
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

408-2614 Datasheet(HTML) 1 Page - TE Connectivity Ltd

  408-2614 Datasheet HTML 1Page - TE Connectivity Ltd 408-2614 Datasheet HTML 2Page - TE Connectivity Ltd 408-2614 Datasheet HTML 3Page - TE Connectivity Ltd 408-2614 Datasheet HTML 4Page - TE Connectivity Ltd 408-2614 Datasheet HTML 5Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
©2014 TE Connectivity family of companies
All Rights Reserved
*Trademark
TE Connectivity, TE connectivity (logo), and TE (logo) are trademarks. Other logos, product and/or company names may be trademarks of their respective owners.
1 of 5
Instruction Sheet
TOOLING ASSISTANCE CENTER 1-800-722-1111
PRODUCT INFORMATION 1-800-522-6752
This controlled document is subject to change.
For latest revision and Regional Customer Service,
visit our website at www.te.com
408-2614
Tool and Die Selection for
TE Terminals and Splices
22 SEP 14 Rev G
HYDRAULIC TOOLING
Wire
Size
Dies for
59973-1, 69065
Dies for
69067
Flag• Terminals
59975-1,
69069
With/Self-
Contained
Dies
Dies for
58445-1
1752788-1
Dies for
69082
1752786-1
Dies for
69097
Dies for
69099
1752868-1
Nest
Indenter
Nest
Indenter
Nest
Indenter
8
48126
48355
48126•
48506•
48355•
48505•
59975-1
69069
----
----
46146
46145
69216
8 H.D
48128-1
48127-1
48128-1
48127-1
----
----
----
----
----
---
6
48128
48127
48128•
48508•
48127•
48507•
59975-1
69069
----
----
46134
46133
69217
6 H.D.
48129-1
48127-1
48129-1
48127-1
---
---
---
---
---
---
4
48129
48127
48129•
48509•
48127•
48507•
59975-1
69069
---
---
46135
46133
69218
4 H.D.
48130-1
48127-1
48130-1
48127-1
---
---
---
---
---
---
2
48130
48127
48130•
48510•
48127•
48507•
59975-1
69069
---
---
46136
46133
45433
2
H.D.
48132-1
48131-1
48132-1
48131-1
---
---
---
---
---
---
1/0
48132
48131
48132•
48652•
48131•
48511•
---
---
---
46138
46137
45436
1/0
H.D.
48133-1
48131-1
48133-1
48131-1
---
---
---
---
---
---
2/0
48133
---
48133•
48805•
48131•
48511•
---
---
---
---
---
45439
3/0
48134
48131
48134•
48806•
48131•
48511•
---
---
---
---
---
45442
4/0
300430
---
300430•
48807•
48131•
48511•
---
---
---
---
---
45445
250-300
MCM
---
---
---
---
---
48816
69911
---
---
---
300-350
MCM
---
---
---
---
---
48817
69912
---
---
---
400
MCM
---
---
---
---
---
48818
69913
---
---
---
500-600
MCM
---
---
---
---
---
48819
69914
---
---
---
SOLISTRAND* Terminals and Splices
(Refer to pages 3, 4, and 5 for application
tooling and accesasories.)
Parallel Splice
Butt Slice
Terminal
Flag Terminal


Similar Part No. - 408-2614

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
408-2648 TEC-408-2648 Datasheet
542Kb / 6P
   The care, amount of use, and handling of the dies.
408-2674 TEC-408-2674 Datasheet
631Kb / 4P
   These dies crimp SOLISTRAND terminals on solid or stranded copper wire sizes 8 and 6.
More results

Similar Description - 408-2614

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
408-2575 TEC-408-2575 Datasheet
131Kb / 1P
   Tool and Die Selection Chart for AMP Terminals and Splices
408-2567 TEC-408-2567 Datasheet
236Kb / 1P
   Tool and Die Selection Chart for Insulated PIDG*, PLASTI-GRIP*, DIAMOND GRIP* and Budget Terminals and Splices (30 to 10 AWG)
logo
Tyco Electronics
68010 MACOM-68010 Datasheet
653Kb / 9P
   Crimping Die Assemblies for COPALUM Sealed Terminals and Splices
logo
TE Connectivity Ltd
408-32087 TEC-408-32087 Datasheet
1Mb / 17P
   Crimping Die Assemblies and Supports for COPALUM Lite Sealed Terminals and Splices
logo
Tyco Electronics
53041 MACOM-53041 Datasheet
153Kb / 6P
   Standard Terminals and Splices
320569 MACOM-320569 Datasheet
258Kb / 30P
   Standard Terminals and Splices
408-2353 MACOM-408-2353 Datasheet
317Kb / 12P
   Crimping Die Assemblies for COPALUM Terminals and Splices and HF- 30 Pin and Socket Contacts
321684 MACOM-321684 Datasheet
48Kb / 1P
   SOLISTRAND, Uninsulated Terminals and Splices
55840-1 MACOM-55840-1 Datasheet
46Kb / 1P
   COPALUM Sealed Terminals and Splices
logo
TE Connectivity Ltd
408-2423 TEC-408-2423 Datasheet
510Kb / 7P
   Application and Maintenance for Crimping Die Assemblies for Tape-Mounted PIDG and PLASTI-GRIP Terminals and Splices
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com