Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRS2453DPBF Datasheet(PDF) 1 Page - International Rectifier

Part # IRS2453DPBF
Description  Integrated 600 V full-bridge gate driver
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRS2453DPBF Datasheet(HTML) 1 Page - International Rectifier

  IRS2453DPBF Datasheet HTML 1Page - International Rectifier IRS2453DPBF Datasheet HTML 2Page - International Rectifier IRS2453DPBF Datasheet HTML 3Page - International Rectifier IRS2453DPBF Datasheet HTML 4Page - International Rectifier IRS2453DPBF Datasheet HTML 5Page - International Rectifier IRS2453DPBF Datasheet HTML 6Page - International Rectifier IRS2453DPBF Datasheet HTML 7Page - International Rectifier IRS2453DPBF Datasheet HTML 8Page - International Rectifier IRS2453DPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
IRS2453(1)D(S)
1
www.irf.com
© 2016 International Rectifier
April 27, 2016
Features
Integrated 600 V full-bridge gate driver
CT, RT programmable oscillator
15.6 V Zener clamp on VCC
Micropower startup
Logic level latched shutdown pin
Non-latched shutdown on CT pin (1/6th VCC)
Internal bootstrap FETs
Excellent latch immunity on all inputs & outputs
ESD protection on all pins
14-lead SOIC or PDIP package
0.5 or 1.0
μs (typ.) internal dead time
RoHS compliant
Product Summary
Topology
Full-bridge
VOFFSET
600 V
Io+ & I o- (typical)
180 mA & 260 mA
Deadtime (typical)
1.0
μs (IRS2453D)
0.5
μs (IRS24531D)
Package Options
14 Lead PDIP
14 Lead SOIC
IRS2453DPbF
(Narrow Body)
IRS2453(1)DSPbF
Ordering Information
Base Part Number
Package Type
Standard Pack
Complete Part Number
Form
Quantity
IRS2453D(S)
PDIP14
Tube/Bulk
25
IRS2453DPBF
SOIC14N
Tube/Bulk
55
IRS2453DSPBF
Tape and Reel
2500
IRS2453DSTRPBF
IRS24531DS
SOIC14N
Tube/Bulk
55
IRS24531DSPBF
Tape and Reel
2500
IRS24531DSTRPBF


Similar Part No. - IRS2453DPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRS2453DPBF IRF-IRS2453DPBF Datasheet
281Kb / 11P
   SELF-OSCILLATING FULL-BRIDGE DRIVER IC
logo
Infineon Technologies A...
IRS2453DPBF INFINEON-IRS2453DPBF Datasheet
514Kb / 18P
   Integrated 600 V full-bridge gate driver
April 27, 2016
More results

Similar Description - IRS2453DPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRS2453D IRF-IRS2453D_15 Datasheet
540Kb / 18P
   Integrated 600 V full-bridge gate driver
IRS24531DSTRPBF IRF-IRS24531DSTRPBF Datasheet
362Kb / 18P
   Integrated 600 V full-bridge gate driver
logo
Infineon Technologies A...
IRS2453D INFINEON-IRS2453D Datasheet
514Kb / 18P
   Integrated 600 V full-bridge gate driver
April 27, 2016
IRS2453 INFINEON-IRS2453 Datasheet
514Kb / 18P
   Integrated 600 V full-bridge gate driver
April 27, 2016
2ED28073J06F INFINEON-2ED28073J06F Datasheet
1Mb / 26P
   600 V half-bridge gate driver with integrated bootstrap diode
V 2.0 2020-04-23
logo
Anpec Electronics Corop...
APW7181 ANPEC-APW7181 Datasheet
340Kb / 13P
   Full-Bridge Inverter Gate Driver
logo
IXYS Corporation
MX6895 IXYS-MX6895 Datasheet
271Kb / 8P
   -550V Full Bridge Gate Driver
logo
Allegro MicroSystems
A5957 ALLEGRO-A5957 Datasheet
335Kb / 10P
   Full-Bridge PWM Gate Driver
logo
Clare, Inc.
MX6895 CLARE-MX6895 Datasheet
546Kb / 9P
   -550V Full Bridge Gate Driver
logo
Allegro MicroSystems
A4955 ALLEGRO-A4955 Datasheet
378Kb / 11P
   Full-Bridge PWM Gate Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com