Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRS2453DS Datasheet(PDF) 5 Page - International Rectifier

Part # IRS2453DS
Description  Integrated 600 V full-bridge gate driver
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRS2453DS Datasheet(HTML) 5 Page - International Rectifier

  IRS2453DS Datasheet HTML 1Page - International Rectifier IRS2453DS Datasheet HTML 2Page - International Rectifier IRS2453DS Datasheet HTML 3Page - International Rectifier IRS2453DS Datasheet HTML 4Page - International Rectifier IRS2453DS Datasheet HTML 5Page - International Rectifier IRS2453DS Datasheet HTML 6Page - International Rectifier IRS2453DS Datasheet HTML 7Page - International Rectifier IRS2453DS Datasheet HTML 8Page - International Rectifier IRS2453DS Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
IRS2453(1)D(S)
5
www.irf.com
© 2016 International Rectifier
April 27, 2016
Absolute Maximum Ratings
Absolute maximum ratings indicate sustained limits beyond which damage to the device may occur. All voltage
parameters are absolute voltages referenced to COM, all currents are defined positive into any lead. The thermal
resistance and power dissipation ratings are measured under board mounted and still air conditions.
Symbol
Definition
Min.
Max.
Units
VB1,
VB2
High side floating supply voltage
-0.3
625
V
VS1,
VS2
High side floating supply offset voltage
VB - 25
VB + 0.3
VHO1,
VHO2
High side floating output voltage
VS - 0.3
VB + 0.3
VLO1,
VLO2
Low side output voltage
-0.3
VCC + 0.3
VRT
RT pin voltage
-0.3
VCC + 0.3
VCT
CT pin voltage
-0.3
VCC + 0.3
VSD
SD pin voltage
-0.3
VCC + 0.3
IRT
RT pin current
-5
5
mA
ICC
Supply current (†)
---
25
dVS/dt
Allowable offset voltage slew rate
-50
50
V/ns
PD
Maximum power dissipation @ TA
≤ +25 ºC, PDIP14
---
1.6
W
PD
Maximum power dissipation @ TA ≤ +25 ºC, SOIC14N
---
1.0
RθJA
Thermal resistance, junction to ambient, PDIP14
---
75
ºC/W
RθJA
Thermal resistance, junction to ambient, SOIC14N
---
120
TJ
Junction temperature
-55
150
ºC
TS
Storage temperature
-55
150
TL
Lead temperature (soldering, 10 seconds)
---
300
This IC contains a zener clamp structure between the chip VCC and COM which has a nominal
breakdown voltage of 15.6 V. Please note that this supply pin should not be driven by a DC, low
impedance power source greater than the VCLAMP specified in the Electrical Characteristics section.


Similar Part No. - IRS2453DS

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRS2453DSPBF IRF-IRS2453DSPBF Datasheet
281Kb / 11P
   SELF-OSCILLATING FULL-BRIDGE DRIVER IC
logo
Infineon Technologies A...
IRS2453DSPBF INFINEON-IRS2453DSPBF Datasheet
514Kb / 18P
   Integrated 600 V full-bridge gate driver
April 27, 2016
logo
International Rectifier
IRS2453DSTRPBF IRF-IRS2453DSTRPBF Datasheet
281Kb / 11P
   SELF-OSCILLATING FULL-BRIDGE DRIVER IC
logo
Infineon Technologies A...
IRS2453DSTRPBF INFINEON-IRS2453DSTRPBF Datasheet
514Kb / 18P
   Integrated 600 V full-bridge gate driver
April 27, 2016
More results

Similar Description - IRS2453DS

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRS2453D IRF-IRS2453D_15 Datasheet
540Kb / 18P
   Integrated 600 V full-bridge gate driver
IRS24531DSTRPBF IRF-IRS24531DSTRPBF Datasheet
362Kb / 18P
   Integrated 600 V full-bridge gate driver
logo
Infineon Technologies A...
IRS2453D INFINEON-IRS2453D Datasheet
514Kb / 18P
   Integrated 600 V full-bridge gate driver
April 27, 2016
IRS2453 INFINEON-IRS2453 Datasheet
514Kb / 18P
   Integrated 600 V full-bridge gate driver
April 27, 2016
2ED28073J06F INFINEON-2ED28073J06F Datasheet
1Mb / 26P
   600 V half-bridge gate driver with integrated bootstrap diode
V 2.0 2020-04-23
logo
Anpec Electronics Corop...
APW7181 ANPEC-APW7181 Datasheet
340Kb / 13P
   Full-Bridge Inverter Gate Driver
logo
IXYS Corporation
MX6895 IXYS-MX6895 Datasheet
271Kb / 8P
   -550V Full Bridge Gate Driver
logo
Allegro MicroSystems
A5957 ALLEGRO-A5957 Datasheet
335Kb / 10P
   Full-Bridge PWM Gate Driver
logo
Clare, Inc.
MX6895 CLARE-MX6895 Datasheet
546Kb / 9P
   -550V Full Bridge Gate Driver
logo
Allegro MicroSystems
A4955 ALLEGRO-A4955 Datasheet
378Kb / 11P
   Full-Bridge PWM Gate Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com