Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRS21814MPBF Datasheet(PDF) 1 Page - International Rectifier

Part # IRS21814MPBF
Description  HIGH- AND LOW-SIDE DRIVER
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRS21814MPBF Datasheet(HTML) 1 Page - International Rectifier

  IRS21814MPBF_16 Datasheet HTML 1Page - International Rectifier IRS21814MPBF_16 Datasheet HTML 2Page - International Rectifier IRS21814MPBF_16 Datasheet HTML 3Page - International Rectifier IRS21814MPBF_16 Datasheet HTML 4Page - International Rectifier IRS21814MPBF_16 Datasheet HTML 5Page - International Rectifier IRS21814MPBF_16 Datasheet HTML 6Page - International Rectifier IRS21814MPBF_16 Datasheet HTML 7Page - International Rectifier IRS21814MPBF_16 Datasheet HTML 8Page - International Rectifier IRS21814MPBF_16 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
www.irf.com
© 2016 International Rectifier
June 9, 2016
IRS21814MPBF
HIGH- AND LOW-SIDE DRIVER
Features
Floating channel designed for bootstrap operation
Fully operational to +600 V
Tolerant to negative transient voltage, dV/dt
immune
Gate drive supply range from 10 V to 20 V
Undervoltage lockout for both channels
3.3 V and 5 V input logic compatible
Matched propagation delay for both channels
Logic and power ground +/- 5 V offset
Lower di/dt gate driver for better noise immunity
Output source/sink current capability (min) 1.4
A/1.8 A
Leadfree, RoHS compliant
Product Summary
Topology
High and Low Side Driver
VOFFSET
≤ 600 V
VOUT
10 V
– 20 V
Io+ & I o- (typical)
1.9 A &2.3 A
tON & tOFF (typical)
180 ns & 220 ns
Package Options
Typical Connection
Vcc
HIN
LIN
COM
HO
LO
Up to600V
Vcc
LIN
HIN
IR21814MPBF
TO
LOAD
Vss
Vss
VB
VS
(Refer to Lead Assignments for correct pin configuration) This diagram shows electrical connections only. Please refer
to our Application Notes and Design Tips for proper circuit board layout.
MLPQ4x4 16- Leads
(Without 2 leads)


Similar Part No. - IRS21814MPBF_16

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRS21814MPBF IRF-IRS21814MPBF_15 Datasheet
779Kb / 21P
   HIGH- AND LOW-SIDE DRIVER
More results

Similar Description - IRS21814MPBF_16

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APX7387 ANPEC-APX7387 Datasheet
175Kb / 17P
   High Side and Low Side Driver
logo
International Rectifier
IR2102 IRF-IR2102 Datasheet
209Kb / 15P
   HIGH AND LOW SIDE DRIVER
logo
Motorola, Inc
MPIC2113 MOTOROLA-MPIC2113 Datasheet
171Kb / 6P
   HIGH AND LOW SIDE DRIVER
logo
International Rectifier
IRS21814MPBF IRF-IRS21814MPBF Datasheet
779Kb / 21P
   HIGH- AND LOW-SIDE DRIVER
IR2106 IRF-IR2106 Datasheet
314Kb / 22P
   HIGH AND LOW SIDE DRIVER
IRS2001MPBF IRF-IRS2001MPBF Datasheet
735Kb / 17P
   HIGH AND LOW SIDE DRIVER
IRS26072DSPBF IRF-IRS26072DSPBF_11 Datasheet
847Kb / 30P
   HIGH AND LOW SIDE DRIVER
IR2106SPBF IRF-IR2106SPBF Datasheet
246Kb / 23P
   HIGH AND LOW SIDE DRIVER
IR2110STRPBF IRF-IR2110STRPBF Datasheet
334Kb / 18P
   HIGH AND LOW SIDE DRIVER
IR2113STR IRF-IR2113STR Datasheet
334Kb / 18P
   HIGH AND LOW SIDE DRIVER
IR2112STRPBF IRF-IR2112STRPBF Datasheet
318Kb / 18P
   HIGH AND LOW SIDE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com