Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CHDELSS1.22-S1T2-1 Datasheet(PDF) 3 Page - OSRAM GmbH

Part # CHDELSS1.22-S1T2-1
Description  white SMT package, colorless clear
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

CHDELSS1.22-S1T2-1 Datasheet(HTML) 3 Page - OSRAM GmbH

  CHDELSS1.22-S1T2-1 Datasheet HTML 1Page - OSRAM GmbH CHDELSS1.22-S1T2-1 Datasheet HTML 2Page - OSRAM GmbH CHDELSS1.22-S1T2-1 Datasheet HTML 3Page - OSRAM GmbH CHDELSS1.22-S1T2-1 Datasheet HTML 4Page - OSRAM GmbH CHDELSS1.22-S1T2-1 Datasheet HTML 5Page - OSRAM GmbH CHDELSS1.22-S1T2-1 Datasheet HTML 6Page - OSRAM GmbH CHDELSS1.22-S1T2-1 Datasheet HTML 7Page - OSRAM GmbH CHDELSS1.22-S1T2-1 Datasheet HTML 8Page - OSRAM GmbH CHDELSS1.22-S1T2-1 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
Version 1.0
CH DELSS1.22
2016-07-22
3
Maximum Ratings
Grenzwerte
Parameter
Symbol
Values
Unit
Bezeichnung
Symbol
Werte
Einheit
Operating temperature range
Betriebstemperatur
T
op
-40 ... 85
°C
Storage temperature range
Lagertemperatur
Tstg
-40 ... 85
°C
Junction temperature
Sperrschichttemperatur
Tj
90
°C
Forward current
Durchlassstrom
(T
S = 25 °C)
I
F
1 ... 30
mA
Forward current pulsed
Durchlassstrom gepulst
(t ≤ 5 ms; D = 0.5; TS = 25 °C)
IF pulse
70
mA
Surge current
Stoßstrom
(t ≤ 10 µs; D = 0.005; T
S = 25 °C)
IFM
70
mA
ESD withstand voltage
ESD Festigkeit
(acc. to ANSI/ESDA/JEDEC JS-001 - HBM, Class 2)
V
ESD
2
kV


Similar Part No. - CHDELSS1.22-S1T2-1

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
CHDELSS1.22 OSRAM-CHDELSS1.22 Datasheet
677Kb / 22P
   Wearables
More results

Similar Description - CHDELSS1.22-S1T2-1

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LAG6SP-DAFA-24-1 OSRAM-LAG6SP-DAFA-24-1 Datasheet
623Kb / 21P
   white SMT package, colorless clear
CTDELSS1.12-AABA-36-44G4 OSRAM-CTDELSS1.12-AABA-36-44G4 Datasheet
646Kb / 22P
   white SMT package, colorless clear
LS-A679 OSRAM-LS-A679 Datasheet
278Kb / 15P
   white SMT package, colorless clear
LSA679 OSRAM-LSA679 Datasheet
278Kb / 15P
   white SMT package, colorless clear
LSGT677 OSRAM-LSGT677 Datasheet
392Kb / 15P
   white SMT package, colorless clear resin
LSM47K OSRAM-LSM47K Datasheet
456Kb / 19P
   white SMT package, colorless clear resin
CT-DELSS1.12 OSRAM-CT-DELSS1.12 Datasheet
694Kb / 22P
   white SMT package, colorless clear resin
LB-Y8SG OSRAM-LB-Y8SG Datasheet
1Mb / 22P
   white SMT package, colorless clear resin
LB-A676 OSRAM-LB-A676 Datasheet
386Kb / 15P
   white SMT package, colorless clear resin
LP-M676 OSRAM-LP-M676 Datasheet
502Kb / 20P
   white SMT package, colorless clear resin
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com