Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC74AC74DTR2G Datasheet(PDF) 1 Page - ON Semiconductor

Part # MC74AC74DTR2G
Description  Dual D-Type Positive Edge-Triggered Flip-Flop
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74AC74DTR2G Datasheet(HTML) 1 Page - ON Semiconductor

  MC74AC74DTR2G Datasheet HTML 1Page - ON Semiconductor MC74AC74DTR2G Datasheet HTML 2Page - ON Semiconductor MC74AC74DTR2G Datasheet HTML 3Page - ON Semiconductor MC74AC74DTR2G Datasheet HTML 4Page - ON Semiconductor MC74AC74DTR2G Datasheet HTML 5Page - ON Semiconductor MC74AC74DTR2G Datasheet HTML 6Page - ON Semiconductor MC74AC74DTR2G Datasheet HTML 7Page - ON Semiconductor MC74AC74DTR2G Datasheet HTML 8Page - ON Semiconductor MC74AC74DTR2G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
© Semiconductor Components Industries, LLC, 2015
January, 2015 − Rev. 8
1
Publication Order Number:
MC74AC74/D
MC74AC74, MC74ACT74
Dual D-Type Positive
Edge-Triggered Flip-Flop
The MC74AC74/74ACT74 is a dual D−type flip−flop with
Asynchronous Clear and Set inputs and complementary (Q,Q)
outputs. Information at the input is transferred to the outputs on the
positive edge of the clock pulse. Clock triggering occurs at a voltage
level of the clock pulse and is not directly related to the transition time
of the positive-going pulse. After the Clock Pulse input threshold
voltage has been passed, the Data input is locked out and information
present will not be transferred to the outputs until the next rising edge
of the Clock Pulse input.
Asynchronous Inputs:
LOW input to SD (Set) sets Q to HIGH level
LOW input to CD (Clear) sets Q to LOW level
Clear and Set are independent of clock
Simultaneous LOW on CD and SD makes both Q and Q HIGH
Features
Outputs Source/Sink 24 mA
′ACT74 Has TTL Compatible Inputs
These are Pb−Free Devices
CP1
CD2
CP2
13
14
12
11
10
9
8
2
1
3
4
567
VCC
CD1
D1
CP1
SD1
Q1
Q1
CD2
D2
CP2
SD2
Q2
Q2
CD1
SD1
Q1
D1
SD2
Q2
Q2
D2
GND
Q1
Figure 1. Pinout: 14−Lead Packages Conductors
(Top View)
PIN ASSIGNMENT
PIN
FUNCTION
D1, D2
Data Inputs
CP1, CP2
Clock Pulse Inputs
CD1, CD2
Direct Clear Inputs
SD1, SD2
Direct Set Inputs
Q1, Q1, Q2,
Q2
Outputs
See detailed ordering and shipping information in the package
dimensions section on page 7 of this data sheet.
ORDERING INFORMATION
www.onsemi.com
MARKING
DIAGRAMS
xxx
= AC or ACT
A
= Assembly Location
WL or L
= Wafer Lot
Y
= Year
WW or W = Work Week
G or
G
= Pb−Free Package
TSSOP−14
DT SUFFIX
CASE 948G
xxx
74
ALYW
G
G
1
14
SOIC−14
D SUFFIX
CASE 751A
1
14
1
14
xxx74G
AWLYWW
1
14
(Note: Microdot may be in either location)


Similar Part No. - MC74AC74DTR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74AC74DTR2G ONSEMI-MC74AC74DTR2G Datasheet
157Kb / 12P
   Dual D?뭈ype Positive Edge?뭈riggered Flip?묯lop
October, 2006 ??Rev. 7
More results

Similar Description - MC74AC74DTR2G

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74AC74 FAIRCHILD-74AC74 Datasheet
104Kb / 9P
   Dual D-Type Positive Edge-Triggered Flip-Flop
logo
National Semiconductor ...
54AC74 NSC-54AC74 Datasheet
180Kb / 8P
   Dual D-Type Positive Edge-Triggered Flip-Flop
logo
Texas Instruments
SN74AUC2G79 TI-SN74AUC2G79 Datasheet
278Kb / 12P
[Old version datasheet]   DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
SN74AUC2G80 TI1-SN74AUC2G80_16 Datasheet
851Kb / 15P
[Old version datasheet]   DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
SN74LVC2G80 TI-SN74LVC2G80_08 Datasheet
459Kb / 14P
[Old version datasheet]   DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
SN74LVC2G80 TI-SN74LVC2G80 Datasheet
279Kb / 13P
[Old version datasheet]   DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
logo
Fairchild Semiconductor
74AC74 FAIRCHILD-74AC74_05 Datasheet
111Kb / 10P
   Dual D-Type Positive Edge-Triggered Flip-Flop
logo
Texas Instruments
SN74LV74A-Q1 TI1-SN74LV74A-Q1_15 Datasheet
847Kb / 15P
[Old version datasheet]   DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
logo
Motorola, Inc
MC5474F74 MOTOROLA-MC5474F74 Datasheet
67Kb / 3P
   DUAL D-TYPE POSITIVE EDGE-TRIGGERED FLIP-FLOP
logo
Unisonic Technologies
U74AC74 UTC-U74AC74_15 Datasheet
170Kb / 6P
   DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
logo
Texas Instruments
SN74LVC2G80 TI1-SN74LVC2G80_16 Datasheet
888Kb / 18P
[Old version datasheet]   Dual Positive-Edge-Triggered D-Type Flip-Flop
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com