Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

52-PV7F2Y0SS337 Datasheet(PDF) 1 Page - E-SWITCH

Part # 52-PV7F2Y0SS337
Description  ALL DIMENSIONS IN MM [INCH]
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

52-PV7F2Y0SS337 Datasheet(HTML) 1 Page - E-SWITCH

  52-PV7F2Y0SS337 Datasheet HTML 1Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TITLE
SCALE
DATE
DR
DWG
REV
THE INFORMATION CONTAINED IN THIS DOCUMENT IS PROPRIETARY
TO E-SWITCH AND IS NOT TO BE COPIED OR TRANSFERRED
SHEET
OF
REV
PCR NO
DESCRIPTION
DATE
BY
PV7F2Y0SS-337
1:1
10/18/2016
52-PV7F2Y0SS337
A
MJR
1
1
PANEL CUTOUT
MAX. PANEL THICKNESS 12mm
3 1
2 4
(+)
(+)
(-)
2
4
(+)
GREEN (REVERSE)
SPDT ON-(OFF) / OFF-(ON)
CONTACT CONFIGURATION
(-)
3
1
GREEN (FORWARD)
4
2
A
22550
NEW RELEASE
10/18/16
MJR
36.0 1.0
1.42 .04 in
[
]
25.7 1.0
1.01 .04 in
[
]
.50
[.020 in]
13.60
[.535 in]
25.00
[.984 in]
18.00
[.71 in]
13.50
[.53 in]
2.00
[.08 in]
M22x1.0
22.00
[.866 in]
ACTUATOR: STAINLESS STEEL
BODY: STAINLESS STEEL
RING ILLUMINATION
COLOR: GREEN
NOTE:
1. ALL DIMENSIONS IN MM [INCH]
2. GENERAL TOLERANCE: X.X =
0.4
X.XX =
0.25
3. TERMINAL NOS. FOR REF. ONLY
4. RATING: 2A @ 48VDC
5. CONTACT RESISTANCE: 50m
MAX. @ 1A 12VDC
6. INSULATION RESISTANCE: 1,000M
@ 500VDC
7. DIELECTRIC STRENGTH: 2,000VAC MIN. FOR 1 MINUTE
8. ELECTRICAL LIFE: 50,000 CYCLES
9. OPERATING TEMPERATURE: -20 C TO 55 C
10. INGRESS PROTECTION: IP65
11.
DENOTES CRITICAL PARAMETER
12. 2011/65/EU (ROHS) COMPLIANT
13. HARDWARE INCLUDED (NOT SHOWN) HEX NUT AND O-RING
14. ILLUMINATION VOLTAGE: 250V
7.00
[.276 in]
2.80
[.110 in]
POS. 1
POS. 2
SWITCH FUNCTION
1-2 (OFF)
1-2 ON
( ) = MOMENTARY
3-4 OFF
3-4 (ON)


Similar Part No. - 52-PV7F2Y0SS337

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
52-PV7F2Y0SS331 E-SWITCH-52-PV7F2Y0SS331 Datasheet
66Kb / 1P
   Silver Plated Brass
52-PV7F2Y0SS333 E-SWITCH-52-PV7F2Y0SS333 Datasheet
116Kb / 1P
   HARDWARE INCLUDED (NOT SHOWN) HEX NUT AND O-RING
52-PV7F2Y0SS333 E-SWITCH-52-PV7F2Y0SS333_15 Datasheet
116Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
52-PV7F2Y0SS334 E-SWITCH-52-PV7F2Y0SS334 Datasheet
99Kb / 1P
   HARDWARE INCLUDED (NOT SHOWN) HEX NUT AND O-RING
52-PV7F2Y0SS334 E-SWITCH-52-PV7F2Y0SS334_15 Datasheet
99Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
More results

Similar Description - 52-PV7F2Y0SS337

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
T700203 E-SWITCH-T700203 Datasheet
35Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
T700400 E-SWITCH-T700400 Datasheet
31Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
B401000 E-SWITCH-B401000 Datasheet
154Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
B401009 E-SWITCH-B401009 Datasheet
203Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
B410001 E-SWITCH-B410001 Datasheet
197Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M300001 E-SWITCH-M300001 Datasheet
34Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M302431 E-SWITCH-M302431 Datasheet
176Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M304204 E-SWITCH-M304204 Datasheet
33Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M304211 E-SWITCH-M304211 Datasheet
35Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M304212 E-SWITCH-M304212 Datasheet
35Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M305213 E-SWITCH-M305213 Datasheet
141Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com