Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

4404.0093 Datasheet(PDF) 1 Page - Schurter Inc.

Part # 4404.0093
Description  Circuit Breaker for Equipment thermal, Snap-in type, Fuseholder style, 1 pole
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

4404.0093 Datasheet(HTML) 1 Page - Schurter Inc.

  4404.0093 Datasheet HTML 1Page - Schurter Inc. 4404.0093 Datasheet HTML 2Page - Schurter Inc. 4404.0093 Datasheet HTML 3Page - Schurter Inc. 4404.0093 Datasheet HTML 4Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
Thermal (T- and TA-Line)
T9-611
www.schurter.com /PG17_18_19
Circuit Breakers
Circuit Breaker for Equipment thermal, Snap-in type, Fuseholder style, 1 pole
Description
- Snap-in type from front side (0.8...2.0mm)
- Thermal circuit breaker
- 1-pole
- On request available with elevaled glow-wire ratings
- Quick connect terminals 6.3 x 0.8 mm
Unique Selling Proposition
- Reset type
- Cycling trip-free release
- Compact design
- Different mounting possibilities
Standards
- IEC 60934
- UL 1077
- CSA C22.2 No. 235
- GB 17701
Applications
- Designed for standard and medical applications
- Power supplies
- Uninterruptible power supply
- Power tools
- Industrial appliances
- HVAC
- Household appliances
Weblinks
pdf-datasheet, html-datasheet, General Product Information, Approvals,
CE declaration of conformity, RoHS, CHINA-RoHS, REACH, Distributor-
Stock-Check, Detailed request for product, Product News
Technical Data
Rated Voltage AC
240 V, 50 / 60 Hz
Rated Voltage DC
48 / 32 V, see approvals
Rated current
3-16 A, see approbations
Conditional short circuit ca-
pacity
IEC: Inc, PC1, AC 240 V: 2 kA
UL / CSA: SC, AC 240 V DC 48 / 32 V:
2 kA, C1
Degree of protection front side IP 40
Endurance minimum
IEC: 200% Ir, cos
φ 0.6: min. 50 swit-
ching cycles
Endurance typical
3-8 A: 150% Ir, cos
φ 0.9:
2500 switching cycles
10-16 A: 150% Ir, cos
φ 0.9:
6000 switching cycles
Dielectric Strength
1500 VAC
Insulation resistance
500 VDC > 1000 M
Ω
Ambient temperature
3 A: -5 °C to 60 °C
4 A: -5°C to 50 °C
5-16 A: -5 °C to 60 °C
Weight
9 - 13 g
Dimension
T9-611
34
3.4
10
5
6.3x0.8mm
±0.3
13.6
19
10A
±0.2
±0.3
±0.5
±0.3
Pannel thickness s = 0.8 - 2.0 mm
14
+0.15
0


Similar Part No. - 4404.0093

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
4404.0096 SCHURTER-4404.0096 Datasheet
352Kb / 3P
   Circuit Breaker for Equipment thermal, THT terminals for PCB mounting horizontal, 1 pole
4404.0097 SCHURTER-4404.0097 Datasheet
352Kb / 3P
   Circuit Breaker for Equipment thermal, THT terminals for PCB mounting horizontal, 1 pole
4404.0098 SCHURTER-4404.0098 Datasheet
352Kb / 3P
   Circuit Breaker for Equipment thermal, THT terminals for PCB mounting horizontal, 1 pole
4404.0099 SCHURTER-4404.0099 Datasheet
352Kb / 3P
   Circuit Breaker for Equipment thermal, THT terminals for PCB mounting horizontal, 1 pole
More results

Similar Description - 4404.0093

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
T9-611 SCHURTER-T9-611_18 Datasheet
345Kb / 4P
   Circuit Breaker for Equipment thermal, Snap-in type, Fuseholder style, 1 pole
T9-711 SCHURTER-T9-711_18 Datasheet
333Kb / 4P
   Circuit Breaker for Equipment thermal, Snap-in rear side, 1 pole
T9-711 SCHURTER-T9-711_V01 Datasheet
344Kb / 4P
   Circuit Breaker for Equipment thermal, Snap-in rear side, 1 pole
T9-711 SCHURTER-T9-711 Datasheet
297Kb / 3P
   Circuit Breaker for Equipment thermal, Snap-in rear side, 1 pole
T9-311 SCHURTER-T9-311 Datasheet
327Kb / 4P
   Circuit Breaker for Equipment thermal, Threaded-neck type, 1 pole
T9-211 SCHURTER-T9-211 Datasheet
350Kb / 4P
   Circuit Breaker for Equipment thermal, Threaded-neck type, 1 pole
T9-211 SCHURTER-T9-211_V01 Datasheet
350Kb / 4P
   Circuit Breaker for Equipment thermal, Threaded-neck type, 1 pole
04.01.2022
T9-211 SCHURTER-T9-211_V02 Datasheet
350Kb / 4P
   Circuit Breaker for Equipment thermal, Threaded-neck type, 1 pole
08.06.2022
T9-311 SCHURTER-T9-311_18 Datasheet
336Kb / 4P
   Circuit Breaker for Equipment thermal, Threaded-neck type, 1 pole
TS-701 SCHURTER-TS-701 Datasheet
1Mb / 9P
   Circuit Breaker for Equipment, thermal, Threaded-neck type, 1?pole
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com