Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3-101-005 Datasheet(PDF) 5 Page - Schurter Inc.

Part # 3-101-005
Description  Metal Switch, Latching Action, Switching Voltage up to 125 VDC / 250 VAC
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

3-101-005 Datasheet(HTML) 5 Page - Schurter Inc.

  3-101-005 Datasheet HTML 1Page - Schurter Inc. 3-101-005 Datasheet HTML 2Page - Schurter Inc. 3-101-005 Datasheet HTML 3Page - Schurter Inc. 3-101-005 Datasheet HTML 4Page - Schurter Inc. 3-101-005 Datasheet HTML 5Page - Schurter Inc. 3-101-005 Datasheet HTML 6Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5
Metal Line Switches
MSM LA CS 19
www.schurter.com /PG70
Switches
Order Index Lettering
Laser Marking
001 =
A
021 =
U
041 =
÷
061 =
EIN
002 =
B
022 =
V
042 =
062 =
AUS
003 =
C
023 =
W
043 =
=
063 =
AUF
004 =
D
024 =
X
044 = #
064 =
AB
005 =
E
025 =
Y
045 =
065 =
ON
006 =
F
026 =
Z
046 =
066 =
OFF
007 =
G
027 =
0
047 =
067 =
UP
008 =
H
028 =
1
048 =
068 =
DOWN
009 =
I
029 =
2
049 =
069 =
HIGH
010 =
J
030 =
3
050 =
070 =
LOW
011 =
K
031 =
4
051 = %
071 =
ON/OFF
012 =
L
032 =
5
052 =
072 =
START
013 =
M
033 =
6
053 =
CTRL
073 =
RESET
014 =
N
034 =
7
054 =
RETURN
074 =
015 =
O
035 =
8
055 =
SHIFT
075 =
016 =
P
036 =
9
056 =
LOCK
076 =
017 =
Q
037 =
+
057 =
STOP
077 =
018 =
R
038 =
-
058 =
ENTER
019 =
S
039 =
.
059 =
BACK
020 =
T
040 = x
060 =
LINE
All Variants
Diameter
Number
of Poles
Switching
Current
Illumination, LED
Torsion Protection Config. Code
Order Number
[mm]
19
1-pole
12 A
non-illuminated
yes
MSM 19 LA CS ST
1241.7221.1110000
19
1-pole
12 A
Backlighted, red, 24 VDC
yes
MSM 19 LA CS AI red
1241.7226.1111000
19
1-pole
12 A
Backlighted, green, 24 VDC
yes
MSM 19 LA CS AI green
1241.7226.1112000
19
1-pole
12 A
Backlighted, yellow, 24 VDC
yes
MSM 19 LA CS AI yellow
1241.7226.1113000
19
1-pole
12 A
Backlighted, blue, 24 VDC
yes
MSM 19 LA CS AI blue
1241.7226.1114000
19
1-pole
12 A
Backlighted, white, 24 VDC
yes
MSM 19 LA CS AI white
1241.7226.1115000
19
1-pole
12 A
Backlighted, orange, 24 VDC
yes
MSM 19 LA CS AI orange
1241.7226.1117000
19
1-pole
12 A
Backlighted, bright red, 24 VDC
yes
MSM 19 LA CS AI bright red
1241.8544
19
1-pole
12 A
Backlighted, bright green, 24 VDC
yes
MSM 19 LA CS AI bright green
1241.8545
19
1-pole
12 A
Backlighted, bright blue, 24 VDC
yes
MSM 19 LA CS AI bright blue
1241.8547
19
1-pole
12 A
Backlighted, bright white, 24 VDC
yes
MSM 19 LA CS AI bright white
1241.8548
19
2-pole
12 A
non-illuminated
yes
MSM 19 LA CS ST
1241.7221.1120000
19
2-pole
12 A
Backlighted, red, 24 VDC
yes
MSM 19 LA CS AI red
1241.7226.1121000
19
2-pole
12 A
Backlighted, green, 24 VDC
yes
MSM 19 LA CS AI green
1241.7226.1122000
19
2-pole
12 A
Backlighted, yellow, 24 VDC
yes
MSM 19 LA CS AI yellow
1241.7226.1123000
19
2-pole
12 A
Backlighted, blue, 24 VDC
yes
MSM 19 LA CS AI blue
1241.7226.1124000
19
2-pole
12 A
Backlighted, white, 24 VDC
yes
MSM 19 LA CS AI white
1241.7226.1125000
19
2-pole
12 A
Backlighted, orange, 24 VDC
yes
MSM 19 LA CS AI orange
1241.7226.1127000
19
2-pole
12 A
Backlighted, bright red, 24 VDC
yes
MSM 19 LA CS AI bright red
1241.8550
19
2-pole
12 A
Backlighted, bright green, 24 VDC
yes
MSM 19 LA CS AI bright green
1241.8551
19
2-pole
12 A
Backlighted, bright blue, 24 VDC
yes
MSM 19 LA CS AI bright blue
1241.8553
19
2-pole
12 A
Backlighted, bright white, 24 VDC
yes
MSM 19 LA CS AI bright white
1241.8554
19
1-pole
16 A
Backlighted, bright red, 24 VDC
yes
MSM 19 LA CS AI bright red
3-101-005
19
1-pole
16 A
Backlighted, bright green, 24 VDC
yes
MSM 19 LA CS AI bright green
3-101-007
19
1-pole
16 A
Backlighted, bright blue, 24 VDC
yes
MSM 19 LA CS AI bright blue
3-101-009
19
1-pole
16 A
Backlighted, bright white, 24 VDC
yes
MSM 19 LA CS AI bright white
3-101-022


Similar Part No. - 3-101-005

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
3-101-005 SCHURTER-3-101-005 Datasheet
735Kb / 6P
   Metal Switch, Latching Action, Switching Voltage up to 125 VDC / 250 VAC
05.01.2022
More results

Similar Description - 3-101-005

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
MSMLA22 SCHURTER-MSMLA22 Datasheet
1,005Kb / 7P
   Metal Switch, Latching Action, Switching Voltage up to 125 VDC / 250 VAC
MSMLACS22 SCHURTER-MSMLACS22_V02 Datasheet
863Kb / 7P
   Metal Switch, Latching Action, Switching Voltage up to 125 VDC / 250 VAC
05.01.2022
MSMLACS19 SCHURTER-MSMLACS19_V02 Datasheet
735Kb / 6P
   Metal Switch, Latching Action, Switching Voltage up to 125 VDC / 250 VAC
05.01.2022
MSMLA22 SCHURTER-MSMLA22_18 Datasheet
1Mb / 7P
   Metal Switch, Latching Action, Switching Voltage up to 125 VDC / 250 VAC
MSMLACS22 SCHURTER-MSMLACS22_16 Datasheet
761Kb / 7P
   Metal Switch, Latching Action, Switching Voltage up to 125 VDC / 250 VAC
MSMLACS22 SCHURTER-MSMLACS22 Datasheet
748Kb / 6P
   Metal Switch, Latching Action, Switching Voltage up to 125 VDC / 250 VAC
MSMLA19 SCHURTER-MSMLA19_V02 Datasheet
981Kb / 7P
   Metal Switch, Latching Action, Switching Voltage up to 125 VDC / 250 VAC
05.01.2022
MSMLA19 SCHURTER-MSMLA19 Datasheet
921Kb / 6P
   Metal Switch, Latching Action, Switching Voltage up to 125 VDC / 250 VAC
MSMLA19 SCHURTER-MSMLA19_18 Datasheet
983Kb / 7P
   Metal Switch, Latching Action, Switching Voltage up to 125 VDC / 250 VAC
MSMLA22 SCHURTER-MSMLA22_V02 Datasheet
1,019Kb / 8P
   Metal Switch, Latching Action, Switching Voltage up to 125 VDC / 250 VAC
05.01.2022
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com